전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AD9225 데이터시트(PDF) 6 Page - Analog Devices

부품명 AD9225
상세설명  Complete 12-Bit, 25 MSPS Monolithic A/D Converter
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

AD9225 데이터시트(HTML) 6 Page - Analog Devices

Back Button AD9225 Datasheet HTML 2Page - Analog Devices AD9225 Datasheet HTML 3Page - Analog Devices AD9225 Datasheet HTML 4Page - Analog Devices AD9225 Datasheet HTML 5Page - Analog Devices AD9225 Datasheet HTML 6Page - Analog Devices AD9225 Datasheet HTML 7Page - Analog Devices AD9225 Datasheet HTML 8Page - Analog Devices AD9225 Datasheet HTML 9Page - Analog Devices AD9225 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
REV. B
–6–
AD9225–Typical Performance Characteristics
Title
1.00
–1.00
–0.25
–0.50
–0.75
0.75
0.00
0.50
0.25
04095
511
1022
1533
2044
2555
3066
3577
TPC 1. Typical DNL
FREQUENCY (MHz)
75
70
50
1
10
65
60
55
20dB 2V INT REF
6dB 2V INT REF
0.5dB 2V INT REF
TPC 2. SINAD vs. Input Frequency (Input Span = 4.0 V p-p,
VCM = 2.5 V Differential Input)
FREQUENCY (MHz)
–60
–65
–85
1
10
–70
–75
–80
20.0dB 2V INT REF
6.0dB 2V INT REF
0.5dB 2V INT REF
TPC 3. THD vs. Input Frequency (Input Span = 4.0 V p-p,
VCM = 2.5 V Differential Input)
2.00
1.50
0.50
511
1.00
0.50
0
1.00
1.50
2.00
1022
1533
2044
2555
3066
3577
4095
0
TITLE
TPC 4. Typical INL
FREQUENCY (MHz)
70
65
45
1
10
60
55
50
0.5dB INT 1V
20dB INT 1V
6dB INT 1V
TPC 5. SINAD vs. Input Frequency (Input Span = 2 V p-p
VCM = 2.5 V Differential Input)
FREQUENCY (MHz)
–60
–65
–85
1
10
–70
–75
–80
0.5dB INT 1V
20dB INT 1V
6dB INT 1V
TPC 6. THD vs. Input Frequency (Input Span = 2 V p-p,
VCM = 2.5 V Differential Input)
(AVDD, DRVDD = 5 V, fS = 25 MHz (50% Duty Cycle), unless otherwise noted.)


유사한 부품 번호 - AD9225

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD9225 AD-AD9225 Datasheet
321Kb / 24P
   Complete 12-Bit, 25 MSPS Monolithic A/D Converter
REV. A
logo
List of Unclassifed Man...
AD9225 ETC2-AD9225 Datasheet
464Kb / 1P
   AADD99222255 SSEERRIIEESS
logo
Analog Devices
AD9225 AD-AD9225 Datasheet
988Kb / 26P
   Monolithic A/D Converter
AD9225-EB AD-AD9225-EB Datasheet
321Kb / 24P
   Complete 12-Bit, 25 MSPS Monolithic A/D Converter
REV. A
AD9225AR AD-AD9225AR Datasheet
321Kb / 24P
   Complete 12-Bit, 25 MSPS Monolithic A/D Converter
REV. A
More results

유사한 설명 - AD9225

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD9225ARZ AD-AD9225ARZ Datasheet
914Kb / 25P
   Complete 12-Bit, 25 MSPS Monolithic A/D Converter
REV. C
AD9225 AD-AD9225 Datasheet
321Kb / 24P
   Complete 12-Bit, 25 MSPS Monolithic A/D Converter
REV. A
AD9225 AD-AD9225_15 Datasheet
914Kb / 25P
   Complete 12-Bit, 25 MSPS Monolithic A/D Converter
REV. C
AD871 AD-AD871_15 Datasheet
382Kb / 16P
   Complete 12-Bit 5 MSPS Monolithic A/D Converter
REV. A
AD872A AD-AD872A_15 Datasheet
783Kb / 20P
   Complete 12-Bit 10 MSPS Monolithic A/D Converter
REV. A
AD9224 AD-AD9224_15 Datasheet
311Kb / 24P
   Complete 12-Bit, 40 MSPS Monolithic A/D Converter
REV. A
AD9224ARSZ AD-AD9224ARSZ Datasheet
316Kb / 24P
   Complete 12-Bit, 40 MSPS Monolithic A/D Converter
REV. A
AD872A AD-AD872A Datasheet
330Kb / 20P
   Complete 12-Bit 10 MSPS Monolithic A/D Converter
REV. A
AD1672 AD-AD1672 Datasheet
465Kb / 20P
   Complete 12-Bit, 3 MSPS Monolithic A/D Converter
REV. 0
AD1672 AD-AD1672_15 Datasheet
430Kb / 20P
   Complete 12-Bit, 3 MSPS Monolithic A/D Converter
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com