전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

Q65110A1742 데이터시트(PDF) 4 Page - OSRAM GmbH

부품명 Q65110A1742
상세설명  Hyper TOPLED짰 Enhanced optical Power LED
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  OSRAM [OSRAM GmbH]
홈페이지  http://www.osram.com
Logo OSRAM - OSRAM GmbH

Q65110A1742 데이터시트(HTML) 4 Page - OSRAM GmbH

  Q65110A1742 Datasheet HTML 1Page - OSRAM GmbH Q65110A1742 Datasheet HTML 2Page - OSRAM GmbH Q65110A1742 Datasheet HTML 3Page - OSRAM GmbH Q65110A1742 Datasheet HTML 4Page - OSRAM GmbH Q65110A1742 Datasheet HTML 5Page - OSRAM GmbH Q65110A1742 Datasheet HTML 6Page - OSRAM GmbH Q65110A1742 Datasheet HTML 7Page - OSRAM GmbH Q65110A1742 Datasheet HTML 8Page - OSRAM GmbH Q65110A1742 Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
2005-10-19
4
LW T67C
Kennwerte
Characteristics
(
T
A = 25 °C)
Bezeichnung
Parameter
Symbol
Symbol
Wert
Value
Einheit
Unit
Farbkoordinate x nach CIE 1931
5) Seite 16
(typ.)
Chromaticity coordinate x acc. to CIE 1931
5) page 16
I
F = 20 mA
x
0.33*
Farbkoordinate y nach CIE 1931
5) Seite 16
(typ.)
Chromaticity coordinate y acc. to CIE 1931
5) page 16
I
F = 20 mA
y
0.33*
Abstrahlwinkel bei 50 %
I
V (Vollwinkel)
(typ.)
Viewing angle at 50 %
I
V
2
ϕ
120
Grad
deg.
Durchlassspannung
6) Seite 16
(min.)
Forward voltage
6) page 16
(typ.)
I
F = 20 mA
(max.)
V
F
V
F
V
F
3.0
3.6
4.1
V
V
V
Sperrstrom
(typ.)
Reverse current
(max.)
V
R = 5 V
I
R
I
R
0.01
10
µA
µA
Temperaturkoeffizient von x
(typ.)
Temperature coefficient of x
I
F = 20 mA; –10°C ≤ T ≤ 100°C
TC
x
–0.1
10
-3/K
Temperaturkoeffizient von y
(typ.)
Temperature coefficient of y
I
F = 20 mA; –10°C ≤ T ≤ 100°C
TC
y
–0.2
10
-3/K
Temperaturkoeffizient von
V
F
(typ.)
Temperature coefficient of
V
F
I
F = 20 mA; –10°C ≤ T ≤ 100°C
TC
V
– 5.0
mV/K
Optischer Wirkungsgrad
(typ.)
Optical efficiency
I
F = 20 mA
η
opt
22
lm/W
* Einzelgruppen siehe Seite 5
Individual groups on page 5


유사한 부품 번호 - Q65110A1742

제조업체부품명데이터시트상세설명
logo
OSRAM GmbH
Q65110A1746 OSRAM-Q65110A1746 Datasheet
386Kb / 20P
   Version 1.0 (Replacement in due course)
logo
ams AG
Q65110A1749 AMSCO-Q65110A1749 Datasheet
1Mb / 23P
   With a diameter of just 2 mm, the PointLED is one of the smallest packages in its class and achieves high luminous efficacies.
Version 1.2 2019-07-16
More results

유사한 설명 - Q65110A1742

제조업체부품명데이터시트상세설명
logo
OSRAM GmbH
LBE67C OSRAM-LBE67C Datasheet
153Kb / 15P
   Power TOPLED짰 Enhanced optical Power LED (ATON짰)
LBE63C-T2V2-35-Z OSRAM-LBE63C-T2V2-35-Z Datasheet
578Kb / 18P
   Power TOPLED짰 with Lens Enhanced Optical Power LED (ATON짰)
LWA6SG OSRAM-LWA6SG Datasheet
589Kb / 17P
   Hyper SIDELED짰 long life Enhanced optical Power LED (ThinGaN짰)
LRTBGFUG OSRAM-LRTBGFUG Datasheet
626Kb / 28P
   Enhanced optical Power LED
LWP4SG OSRAM-LWP4SG Datasheet
642Kb / 18P
   Enhanced optical Power LED
LTRBGFSF OSRAM-LTRBGFSF Datasheet
1Mb / 32P
   Enhanced optical Power LED
LAYT67B OSRAM-LAYT67B Datasheet
353Kb / 15P
   Enhanced optical Power LED
LAM67B OSRAM-LAM67B Datasheet
448Kb / 15P
   Enhanced optical Power LED
LYYYG6SF OSRAM-LYYYG6SF Datasheet
437Kb / 17P
   Enhanced optical Power LED
LAP47B OSRAM-LAP47B Datasheet
440Kb / 16P
   Enhanced optical Power LED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com