전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

KMPC860DTZQ80D4 데이터시트(PDF) 43 Page - Freescale Semiconductor, Inc

부품명 KMPC860DTZQ80D4
상세설명  PowerQUICC??Family Hardware Specifications
Download  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FREESCALE [Freescale Semiconductor, Inc]
홈페이지  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

KMPC860DTZQ80D4 데이터시트(HTML) 43 Page - Freescale Semiconductor, Inc

Back Button KMPC860DTZQ80D4 Datasheet HTML 39Page - Freescale Semiconductor, Inc KMPC860DTZQ80D4 Datasheet HTML 40Page - Freescale Semiconductor, Inc KMPC860DTZQ80D4 Datasheet HTML 41Page - Freescale Semiconductor, Inc KMPC860DTZQ80D4 Datasheet HTML 42Page - Freescale Semiconductor, Inc KMPC860DTZQ80D4 Datasheet HTML 43Page - Freescale Semiconductor, Inc KMPC860DTZQ80D4 Datasheet HTML 44Page - Freescale Semiconductor, Inc KMPC860DTZQ80D4 Datasheet HTML 45Page - Freescale Semiconductor, Inc KMPC860DTZQ80D4 Datasheet HTML 46Page - Freescale Semiconductor, Inc KMPC860DTZQ80D4 Datasheet HTML 47Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 80 page
background image
MPC860 PowerQUICC™ Family Hardware Specifications, Rev. 8
Freescale Semiconductor
43
CPM Electrical Characteristics
11 CPM Electrical Characteristics
This section provides the AC and DC electrical specifications for the communications processor module
(CPM) of the MPC860.
11.1
PIP/PIO AC Electrical Specifications
Table 14 provides the PIP/PIO AC timings as shown in Figure 39 through Figure 43.
Figure 39. PIP Rx (Interlock Mode) Timing Diagram
Table 14. PIP/PIO Timing
Num
Characteristic
All Frequencies
Unit
Min
Max
21
Data-in setup time to STBI low
0
ns
22
Data-in hold time to STBI high
2.5 – t31
1 t3 = Specification 23.
—CLK
23
STBI pulse width
1.5
CLK
24
STBO pulse width
1 CLK – 5 ns
ns
25
Data-out setup time to STBO low
2
CLK
26
Data-out hold time from STBO high
5
CLK
27
STBI low to STBO low (Rx interlock)
2
CLK
28
STBI low to STBO high (Tx interlock)
2
CLK
29
Data-in setup time to clock high
15
ns
30
Data-in hold time from clock high
7.5
ns
31
Clock low to data-out valid (CPU writes data, control, or direction)
25
ns
DATA-IN
STBI
23
24
22
STBO
27
21


유사한 부품 번호 - KMPC860DTZQ80D4

제조업체부품명데이터시트상세설명
logo
Freescale Semiconductor...
KMPC860DTZQ80D4 FREESCALE-KMPC860DTZQ80D4 Datasheet
1Mb / 80P
   Hardware Specifications
More results

유사한 설명 - KMPC860DTZQ80D4

제조업체부품명데이터시트상세설명
logo
Freescale Semiconductor...
MPC862 FREESCALE-MPC862_06 Datasheet
1Mb / 88P
   PowerQUICC??Family Hardware Specifications
MPC8270VVUPEA FREESCALE-MPC8270VVUPEA Datasheet
624Kb / 83P
   PowerQUICC II Family Hardware Specifications
MPC8270ZQMIBA FREESCALE-MPC8270ZQMIBA Datasheet
624Kb / 83P
   PowerQUICC II Family Hardware Specifications
MPC8247VRTMFA FREESCALE-MPC8247VRTMFA Datasheet
400Kb / 61P
   PowerQUICC II Family Hardware Specifications
logo
Motorola, Inc
MPC8280 MOTOROLA-MPC8280 Datasheet
1Mb / 76P
   PowerQUICC II Family Hardware Specifications
logo
NXP Semiconductors
MPC860EC NXP-MPC860EC Datasheet
1Mb / 77P
   MPC860 PowerQUICC Family Hardware Specifications
Rev. 10, 09/2015
logo
Freescale Semiconductor...
MPC8272 FREESCALE-MPC8272_06 Datasheet
921Kb / 60P
   PowerQUICC II??Family Hardware Specifications
MPC8248VRPIEA FREESCALE-MPC8248VRPIEA Datasheet
400Kb / 61P
   PowerQUICC II Family Hardware Specifications
MPC8272EC FREESCALE-MPC8272EC Datasheet
748Kb / 60P
   PowerQUICC II??Family Hardware Specifications
logo
NXP Semiconductors
MPC8280 NXP-MPC8280 Datasheet
928Kb / 83P
   PowerQUICC II Family Hardware Specifications
Rev. 2, 09/2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com