전자부품 데이터시트 검색엔진
Selected language     Korean  ▼
부품명
         상세내용
Preview PDF Download HTML-1page HTML-10pages

KMPC860DTZQ80D4 데이터시트(Datasheet) 11 Page - Freescale Semiconductor, Inc

부품명 KMPC860DTZQ80D4
상세내용  PowerQUICC™ Family Hardware Specifications
PDF  80 Pages
Scroll/Zoom Zoom In 100% Zoom Out
제조사  FREESCALE [Freescale Semiconductor, Inc]
홈페이지  http://www.freescale.com
Logo 

 11 page
background image
MPC860 PowerQUICC™ Family Hardware Specifications, Rev. 8
Freescale Semiconductor
11
DC Characteristics
Input leakage current, Vin = 3.6 V (except TMS, TRST,
DSCK, and DSDI pins)
IIn
—10
µA
Input leakage current, Vin = 0 V (except TMS, TRST,
DSCK, and DSDI pins)
IIn
—10
µA
Input capacitance2
Cin
—20
pF
Output high voltage, IOH = –2.0 mA, VDDH =3.0 V
(except XTAL, XFC, and open-drain pins)
VOH
2.4
V
Output low voltage
IOL = 2.0 mA, CLKOUT
IOL = 3.2 mA
3
IOL = 5.3 mA
4
IOL = 7.0 mA, TXD1/PA14, TXD2/PA12
IOL = 8.9 mA, TS, TA, TEA, BI, BB, HRESET, SRESET
VOL
—0.5
V
1 V
IL(max) for the I
2C interface is 0.8 V rather than the 1.5 V as specified in the I2C standard.
2 Input capacitance is periodically sampled.
3 A(0:31), TSIZ0/REG, TSIZ1, D(0:31), DP(0:3)/IRQ(3:6), RD/WR, BURST, RSV/IRQ2, IP_B(0:1)/IWP(0:1)/VFLS(0:1),
IP_B2/IOIS16_B/AT2, IP_B3/IWP2/VF2, IP_B4/LWP0/VF0, IP_B5/LWP1/VF1, IP_B6/DSDI/AT0, IP_B7/PTR/AT3,
RXD1/PA15, RXD2/PA13, L1TXDB/PA11, L1RXDB/PA10, L1TXDA/PA9, L1RXDA/PA8, TIN1/L1RCLKA/BRGO1/CLK1/PA7,
BRGCLK1/TOUT1/CLK2/PA6, TIN2/L1TCLKA/BRGO2/CLK3/PA5, TOUT2/CLK4/PA4, TIN3/BRGO3/CLK5/PA3, BRGCLK2/
L1RCLKB/TOUT3/CLK6/PA2, TIN4/BRGO4/CLK7/PA1, L1TCLKB/TOUT4/CLK8/PA0, REJCT1/SPISEL/PB31, SPICLK/
PB30,SPIMOSI/PB29, BRGO4/SPIMISO/PB28, BRGO1/I2CSDA/PB27, BRGO2/I2CSCL/PB26, SMTXD1/PB25, SMRXD1/
PB24, SMSYN1/SDACK1/PB23, SMSYN2/SDACK2/PB22, SMTXD2/L1CLKOB/PB21, SMRXD2/L1CLKOA/PB20, L1ST1/
RTS1/PB19, L1ST2/RTS2/PB18, L1ST3/L1RQB/PB17, L1ST4/L1RQA/PB16, BRGO3/PB15, RSTRT1/PB14, L1ST1/RTS1/
DREQ0/PC15, L1ST2/RTS2/DREQ1/PC14, L1ST3/L1RQB/PC13, L1ST4/L1RQA/PC12, CTS1/PC11, TGATE1/CD1/PC10,
CTS2/PC9, TGATE2/CD2/PC8, SDACK2/L1TSYNCB/PC7, L1RSYNCB/PC6, SDACK1/L1TSYNCA/PC5, L1RSYNCA/PC4,
PD15, PD14, PD13, PD12, PD11, PD10, PD9, PD8, PD5, PD6, PD7, PD4, PD3, MII_MDC, MII_TX_ER, MII_EN, MII_MDIO,
and MII_TXD[0:3]
4 BDIP/GPL_B(5), BR, BG, FRZ/IRQ6, CS(0:5), CS(6)/CE(1)_B, CS(7)/CE(2)_B, WE0/BS_B0/IORD, WE1/BS_B1/IOWR,
WE2/BS_B2/PCOE, WE3/BS_B3/PCWE, BS_A(0:3), GPL_A0/GPL_B0, OE/GPL_A1/GPL_B1, GPL_A(2:3)/GPL_B(2:3)/
CS(2:3), UPWAITA/GPL_A4, UPWAITB/GPL_B4, GPL_A5, ALE_A, CE1_A, CE2_A, ALE_B/DSCK/AT1, OP(0:1),
OP2/MODCK1/STS, OP3/MODCK2/DSDO, and BADDR(28:30)
Table 6. DC Electrical Specifications (continued)
Characteristic
Symbol
Min
Max
Unit




Html 페이지

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80 


데이터시트



관련 부품명

부품명상세내용Html View제조사
MPC862_06PowerQUICC™ Family Hardware Specifications 1 2 3 4 5 MoreFreescale Semiconductor, Inc
MPC8323EPowerQUICC™ II Pro Integrated Communications Processor Family Hardware Specifications 1 2 3 4 5 MoreFreescale Semiconductor, Inc
MAC7100Microcontroller Family Hardware Specifications 1 2 3 4 5 MoreFreescale Semiconductor, Inc
MPC8313EPowerQUICC™ II Pro Processor Hardware Specifications 1 2 3 4 5 MoreFreescale Semiconductor, Inc
MPC8313E_08PowerQUICC™ II Pro Processor Hardware Specifications 1 2 3 4 5 MoreFreescale Semiconductor, Inc
MPC8358EPowerQUICC™ II Pro Processor Revision 2.1 PBGA Silicon Hardware Specifications 1 2 3 4 5 MoreFreescale Semiconductor, Inc
MPC8360EPowerQUICC™ II Pro Processor Revision 2.x TBGA Silicon Hardware Specifications 1 2 3 4 5 MoreFreescale Semiconductor, Inc
MPC8260APowerQUICC™ II Integrated Communications Processor Hardware Specifications 1 2 3 4 5 MoreFreescale Semiconductor, Inc
MPC8541EPowerQUICC™ III Integrated Communications Processor Hardware Specifications 1 2 3 4 5 MoreFreescale Semiconductor, Inc
MPC8555EPowerQUICC™ III Integrated Communications Processor Hardware Specifications 1 2 3 4 5 MoreFreescale Semiconductor, Inc

링크 URL

ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ]  

Alldatasheet는?   |   광고문의    |   운영자에게 연락하기   |   개인정보취급방침   |   즐겨찾기   |   링크교환   |   제조사별 검색
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl