전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

KMPC860DTZQ80D4 데이터시트(PDF) 12 Page - Freescale Semiconductor, Inc

부품명 KMPC860DTZQ80D4
상세설명  PowerQUICC??Family Hardware Specifications
Download  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FREESCALE [Freescale Semiconductor, Inc]
홈페이지  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

KMPC860DTZQ80D4 데이터시트(HTML) 12 Page - Freescale Semiconductor, Inc

Back Button KMPC860DTZQ80D4 Datasheet HTML 8Page - Freescale Semiconductor, Inc KMPC860DTZQ80D4 Datasheet HTML 9Page - Freescale Semiconductor, Inc KMPC860DTZQ80D4 Datasheet HTML 10Page - Freescale Semiconductor, Inc KMPC860DTZQ80D4 Datasheet HTML 11Page - Freescale Semiconductor, Inc KMPC860DTZQ80D4 Datasheet HTML 12Page - Freescale Semiconductor, Inc KMPC860DTZQ80D4 Datasheet HTML 13Page - Freescale Semiconductor, Inc KMPC860DTZQ80D4 Datasheet HTML 14Page - Freescale Semiconductor, Inc KMPC860DTZQ80D4 Datasheet HTML 15Page - Freescale Semiconductor, Inc KMPC860DTZQ80D4 Datasheet HTML 16Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 80 page
background image
MPC860 PowerQUICC™ Family Hardware Specifications, Rev. 8
12
Freescale Semiconductor
Thermal Calculation and Measurement
7
Thermal Calculation and Measurement
For the following discussions, PD = (VDD × IDD) + PI/O, where PI/O is the power dissipation of the I/O
drivers.
7.1
Estimation with Junction-to-Ambient Thermal Resistance
An estimation of the chip junction temperature, T
J, in ºC can be obtained from the equation:
TJ = TA + (RθJA × PD)
where:
TA = ambient temperature (ºC)
RθJA = package junction-to-ambient thermal resistance (ºC/W)
PD = power dissipation in package
The junction-to-ambient thermal resistance is an industry standard value which provides a quick and easy
estimation of thermal performance. However, the answer is only an estimate; test cases have demonstrated
that errors of a factor of two (in the quantity TJ – TA) are possible.
7.2
Estimation with Junction-to-Case Thermal Resistance
Historically, the thermal resistance has frequently been expressed as the sum of a junction-to-case thermal
resistance and a case-to-ambient thermal resistance:
RθJA = RθJC + RθCA
where:
RθJA = junction-to-ambient thermal resistance (ºC/W)
RθJC = junction-to-case thermal resistance (ºC/W)
RθCA = case-to-ambient thermal resistance (ºC/W)
RθJC is device related and cannot be influenced by the user. The user adjusts the thermal environment to
affect the case-to-ambient thermal resistance, RθCA. For instance, the user can change the airflow around
the device, add a heat sink, change the mounting arrangement on the printed-circuit board, or change the
thermal dissipation on the printed-circuit board surrounding the device. This thermal model is most useful
for ceramic packages with heat sinks where some 90% of the heat flows through the case and the heat sink
to the ambient environment. For most packages, a better model is required.
7.3
Estimation with Junction-to-Board Thermal Resistance
A simple package thermal model which has demonstrated reasonable accuracy (about 20%) is a
two-resistor model consisting of a junction-to-board and a junction-to-case thermal resistance. The
junction-to-case thermal resistance covers the situation where a heat sink is used or where a substantial
amount of heat is dissipated from the top of the package. The junction-to-board thermal resistance
describes the thermal performance when most of the heat is conducted to the printed-circuit board. It has
been observed that the thermal performance of most plastic packages, especially PBGA packages, is
strongly dependent on the board temperature; see Figure 2.


유사한 부품 번호 - KMPC860DTZQ80D4

제조업체부품명데이터시트상세설명
logo
Freescale Semiconductor...
KMPC860DTZQ80D4 FREESCALE-KMPC860DTZQ80D4 Datasheet
1Mb / 80P
   Hardware Specifications
More results

유사한 설명 - KMPC860DTZQ80D4

제조업체부품명데이터시트상세설명
logo
Freescale Semiconductor...
MPC862 FREESCALE-MPC862_06 Datasheet
1Mb / 88P
   PowerQUICC??Family Hardware Specifications
MPC8270VVUPEA FREESCALE-MPC8270VVUPEA Datasheet
624Kb / 83P
   PowerQUICC II Family Hardware Specifications
MPC8270ZQMIBA FREESCALE-MPC8270ZQMIBA Datasheet
624Kb / 83P
   PowerQUICC II Family Hardware Specifications
MPC8247VRTMFA FREESCALE-MPC8247VRTMFA Datasheet
400Kb / 61P
   PowerQUICC II Family Hardware Specifications
logo
Motorola, Inc
MPC8280 MOTOROLA-MPC8280 Datasheet
1Mb / 76P
   PowerQUICC II Family Hardware Specifications
logo
NXP Semiconductors
MPC860EC NXP-MPC860EC Datasheet
1Mb / 77P
   MPC860 PowerQUICC Family Hardware Specifications
Rev. 10, 09/2015
logo
Freescale Semiconductor...
MPC8272 FREESCALE-MPC8272_06 Datasheet
921Kb / 60P
   PowerQUICC II??Family Hardware Specifications
MPC8248VRPIEA FREESCALE-MPC8248VRPIEA Datasheet
400Kb / 61P
   PowerQUICC II Family Hardware Specifications
MPC8272EC FREESCALE-MPC8272EC Datasheet
748Kb / 60P
   PowerQUICC II??Family Hardware Specifications
logo
NXP Semiconductors
MPC8280 NXP-MPC8280 Datasheet
928Kb / 83P
   PowerQUICC II Family Hardware Specifications
Rev. 2, 09/2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com