전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SM5846AP 데이터시트(PDF) 3 Page - Nippon Precision Circuits Inc

부품명 SM5846AP
상세설명  Multi-function Digital Filter
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NPC [Nippon Precision Circuits Inc]
홈페이지  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

SM5846AP 데이터시트(HTML) 3 Page - Nippon Precision Circuits Inc

  SM5846AP_06 Datasheet HTML 1Page - Nippon Precision Circuits Inc SM5846AP_06 Datasheet HTML 2Page - Nippon Precision Circuits Inc SM5846AP_06 Datasheet HTML 3Page - Nippon Precision Circuits Inc SM5846AP_06 Datasheet HTML 4Page - Nippon Precision Circuits Inc SM5846AP_06 Datasheet HTML 5Page - Nippon Precision Circuits Inc SM5846AP_06 Datasheet HTML 6Page - Nippon Precision Circuits Inc SM5846AP_06 Datasheet HTML 7Page - Nippon Precision Circuits Inc SM5846AP_06 Datasheet HTML 8Page - Nippon Precision Circuits Inc SM5846AP_06 Datasheet HTML 9Page - Nippon Precision Circuits Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 36 page
background image
SM5846AP
SEIKO NPC CORPORATION —3
FILTER CHARACTERISTICS
Normal-speed Sampling
Overall frequency characteristic
Passband frequency characteristic
Transition band characteristic
Parameter
Rating
Passband bandwidth
0 to 0.4535fs
Stopband bandwidth
0.5465 to 7.4535fs
Passband ripple
±0.0004dB
Stopband attenuation
≥ 75dB
Group delay time1
1. The time difference due to digital filter operation between the end of serial data input (at rate fs) and the start of serial data output (at rate 8fs).
When CKS is HIGH: 63.89/fs (when SYNC is LOW) and 63.51/fs to 64.26/fs (when SYNC is HIGH)
When CKS is LOW: 63.76/fs (when SYNC is LOW) and 63.59/fs to 64.14/fs (when SYNC is HIGH)
0.0
1.0
2.0
3.0
4.0
5.0
6.0
7.0
8.0
Frequency [fs]
140
120
100
80
60
40
20
0
0.000
0.125
0.250
0.375
0.500
0.0005
0.00025
0.00000
−0.00025
−0.0005
Frequency [fs]
0.00
0.125
0.25
0.375
0.50
0.625
0.75
0.825
1.00
140
120
100
80
60
40
20
0
Frequency [fs]


유사한 부품 번호 - SM5846AP_06

제조업체부품명데이터시트상세설명
logo
Nippon Precision Circui...
SM5846AP NPC-SM5846AP Datasheet
431Kb / 36P
   Multi-function Digital Filter
More results

유사한 설명 - SM5846AP_06

제조업체부품명데이터시트상세설명
logo
Nippon Precision Circui...
SM5846AP NPC-SM5846AP Datasheet
431Kb / 36P
   Multi-function Digital Filter
SM5841D NPC-SM5841D Datasheet
601Kb / 21P
   Audio Multi-function Digital Filter
SM5843A NPC-SM5843A Datasheet
263Kb / 24P
   Audio Multi-function Digital Filter
SM5841C NPC-SM5841C Datasheet
460Kb / 16P
   Audio Multi-function Digital Filter
SM5841H NPC-SM5841H Datasheet
167Kb / 20P
   Audio Multi-function Digital Filter
SM5841A NPC-SM5841A Datasheet
750Kb / 27P
   Audio Multi-function Digital Filter
SM5840FS NPC-SM5840FS Datasheet
1Mb / 14P
   AUDIO MULTI-FUNCTION DIGITAL FILTER
SM5840JP NPC-SM5840JP Datasheet
549Kb / 18P
   Audio Multi-function Digital Filter
SM5840A NPC-SM5840A Datasheet
5Mb / 28P
   For Digital Audio Multi-function Digital Filter
SM5803AP NPC-SM5803AP Datasheet
1Mb / 16P
   Multi-function Digital Filter for Digital Audio
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com