전자부품 데이터시트 검색엔진
  Korean  ▼

Delete All
ON OFF
ALLDATASHEET.CO.KR

X  

Preview PDF Download HTML

SN54LV240A 데이터시트(HTML) 4 Page - Texas Instruments

부품명 SN54LV240A
상세내용  OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
Download  17 Pages
Scroll/Zoom Zoom In 100% Zoom Out
제조사  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo 

SN54LV240A 데이터시트(HTML) 4 Page - Texas Instruments

 
Zoom Inzoom in Zoom Outzoom out
/ 17 page
 4 / 17 page
background image
SN54LV240A, SN74LV240A
OCTAL BUFFERS/DRIVERS
WITH 3STATE OUTPUTS
SCLS384H − SEPTEMBER 1997 − REVISED APRIL 2005
4
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
recommended operating conditions (see Note 4)
SN54LV240A
SN74LV240A
UNIT
MIN
MAX
MIN
MAX
UNIT
VCC
Supply voltage
2
5.5
2
5.5
V
VCC = 2 V
1.5
1.5
VIH
High-level input voltage
VCC = 2.3 V to 2.7 V
VCC × 0.7
VCC × 0.7
V
VIH
High-level input voltage
VCC = 3 V to 3.6 V
VCC × 0.7
VCC × 0.7
V
VCC = 4.5 V to 5.5 V
VCC × 0.7
VCC × 0.7
VCC = 2 V
0.5
0.5
VIL
Low-level input voltage
VCC = 2.3 V to 2.7 V
VCC × 0.3
VCC × 0.3
V
VIL
Low-level input voltage
VCC = 3 V to 3.6 V
VCC × 0.3
VCC × 0.3
V
VCC = 4.5 V to 5.5 V
VCC × 0.3
VCC × 0.3
VI
Input voltage
0
5.5
0
5.5
V
VO
Output voltage
High or low state
0
VCC
0
VCC
V
VO
Output voltage
3-state
0
5.5
0
5.5
V
VCC = 2 V
−50
−50
µA
IOH
High-level output current
VCC = 2.3 V to 2.7 V
−2
−2
IOH
High-level output current
VCC = 3 V to 3.6 V
−8
−8
mA
VCC = 4.5 V to 5.5 V
−16
−16
mA
VCC = 2 V
50
50
µA
IOL
Low-level output current
VCC = 2.3 V to 2.7 V
2
2
IOL
Low-level output current
VCC = 3 V to 3.6 V
8
8
mA
VCC = 4.5 V to 5.5 V
16
16
mA
VCC = 2.3 V to 2.7 V
200
200
∆t/∆v
Input transition rise or fall rate
VCC = 3 V to 3.6 V
100
100
ns/V
∆t/∆v
Input transition rise or fall rate
VCC = 4.5 V to 5.5 V
20
20
ns/V
TA
Operating free-air temperature
−55
125
−40
85
°C
NOTE 4: All unused inputs of the device must be held at VCC or GND to ensure proper device operation. Refer to the TI application report,
Implications of Slow or Floating CMOS Inputs, literature number SCBA004.
electrical characteristics over recommended operating free-air temperature range (unless
otherwise noted)
PARAMETER
TEST CONDITIONS
VCC
SN54LV240A
SN74LV240A
UNIT
PARAMETER
TEST CONDITIONS
VCC
MIN
TYP
MAX
MIN
TYP
MAX
UNIT
IOH = −50 µA
2 V to 5.5 V
VCC−0.1
VCC−0.1
VOH
IOH = −2 mA
2.3 V
2
2
V
VOH
IOH = −8 mA
3 V
2.48
2.48
V
IOH = −16 mA
4.5 V
3.8
3.8
IOL = 50 µA
2 V to 5.5 V
0.1
0.1
VOL
IOL = 2 mA
2.3 V
0.4
0.4
V
VOL
IOL = 8 mA
3 V
0.44
0.44
V
IOL = 16 mA
4.5 V
0.55
0.55
II
VI = 5.5 V or GND
0 to 5.5 V
±1
±1
µA
IOZ
VO = VCC or GND
5.5 V
±5
±5
µA
ICC
VI = VCC or GND,
IO = 0
5.5 V
20
20
µA
Ioff
VI or VO = 0 to 5.5 V
0
5
5
µA
Ci
VI = VCC or GND
3.3 V
2.3
2.3
pF
PRODUCT PREVIEW information concerns products in the formative or
design phase of development. Characteristic data and other
specifications are design goals. Texas Instruments reserves the right to
change or discontinue these products without notice.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17 


데이터시트 Download




링크 URL



Privacy Policy
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ]  

Alldatasheet는?   |   광고문의    |   운영자에게 연락하기   |   개인정보취급방침   |   즐겨찾기   |   링크교환   |   제조사별 검색
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn