์ „์ž๋ถ€ํ’ˆ ๋ฐ์ดํ„ฐ์‹œํŠธ ๊ฒ€์ƒ‰์—”์ง„
  Korean  โ–ผ

Delete All
ON OFF
ALLDATASHEET.CO.KR

X  

Preview PDF Download HTML

SN54LV240A ๋ฐ์ดํ„ฐ์‹œํŠธ(HTML) 6 Page - Texas Instruments

๋ถ€ํ’ˆ๋ช… SN54LV240A
์ƒ์„ธ๋‚ด์šฉ  OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
Download  17 Pages
Scroll/Zoom Zoom In 100% Zoom Out
์ œ์กฐ์‚ฌ  TI [Texas Instruments]
ํ™ˆํŽ˜์ด์ง€  http://www.ti.com
Logo 

SN54LV240A ๋ฐ์ดํ„ฐ์‹œํŠธ(HTML) 6 Page - Texas Instruments

Zoom Inzoom in Zoom Outzoom out
/ 17 page
 6 / 17 page
background image
SN54LV240A, SN74LV240A
OCTAL BUFFERS/DRIVERS
WITH 3STATE OUTPUTS
SCLS384H โˆ’ SEPTEMBER 1997 โˆ’ REVISED APRIL 2005
6
POST OFFICE BOX 655303
โ€ข DALLAS, TEXAS 75265
noise characteristics, VCC = 3.3 V, CL = 50 pF, TA = 25ยฐC (see Note 5)
PARAMETER
SN74LV240A
UNIT
PARAMETER
MIN
TYP
MAX
UNIT
VOL(P)
Quiet output, maximum dynamic VOL
0.56
V
VOL(V)
Quiet output, minimum dynamic VOL
โˆ’0.49
V
VOH(V)
Quiet output, minimum dynamic VOH
2.82
V
VIH(D)
High-level dynamic input voltage
2.31
V
VIL(D)
Low-level dynamic input voltage
0.99
V
NOTE 5: Characteristics are for surface-mount packages only.
operating characteristics, TA = 25ยฐC
PARAMETER
TEST CONDITIONS
VCC
TYP
UNIT
Cpd
Power dissipation capacitance
CL = 50 pF,
f = 10 MHz
3.3 V
14
pF
Cpd
Power dissipation capacitance
CL = 50 pF,
f = 10 MHz
5 V
16.4
pF


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17 


๋ฐ์ดํ„ฐ์‹œํŠธ Download




๋งํฌ URL



Privacy Policy
ALLDATASHEET.CO.KR
ALLDATASHEET ๊ฐ€ ๊ท€ํ•˜์— ๋„์›€์ด ๋˜์…จ๋‚˜์š”?  [ DONATE ]  

Alldatasheet๋Š”?   |   ๊ด‘๊ณ ๋ฌธ์˜    |   ์šด์˜์ž์—๊ฒŒ ์—ฐ๋ฝํ•˜๊ธฐ   |   ๊ฐœ์ธ์ •๋ณด์ทจ๊ธ‰๋ฐฉ์นจ   |   ์ฆ๊ฒจ์ฐพ๊ธฐ   |   ๋งํฌ๊ตํ™˜   |   ์ œ์กฐ์‚ฌ๋ณ„ ๊ฒ€์ƒ‰
All Rights Reservedยฉ Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn