전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

KMPC860PZQ80D4 데이터시트(PDF) 34 Page - Freescale Semiconductor, Inc

부품명 KMPC860PZQ80D4
상세설명  PowerQUICC??Family Hardware Specifications
Download  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FREESCALE [Freescale Semiconductor, Inc]
홈페이지  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

KMPC860PZQ80D4 데이터시트(HTML) 34 Page - Freescale Semiconductor, Inc

Back Button KMPC860PZQ80D4 Datasheet HTML 30Page - Freescale Semiconductor, Inc KMPC860PZQ80D4 Datasheet HTML 31Page - Freescale Semiconductor, Inc KMPC860PZQ80D4 Datasheet HTML 32Page - Freescale Semiconductor, Inc KMPC860PZQ80D4 Datasheet HTML 33Page - Freescale Semiconductor, Inc KMPC860PZQ80D4 Datasheet HTML 34Page - Freescale Semiconductor, Inc KMPC860PZQ80D4 Datasheet HTML 35Page - Freescale Semiconductor, Inc KMPC860PZQ80D4 Datasheet HTML 36Page - Freescale Semiconductor, Inc KMPC860PZQ80D4 Datasheet HTML 37Page - Freescale Semiconductor, Inc KMPC860PZQ80D4 Datasheet HTML 38Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 80 page
background image
MPC860 PowerQUICC™ Family Hardware Specifications, Rev. 8
34
Freescale Semiconductor
Bus Signal Timing
Table 9 shows the PCMCIA timing for the MPC860.
Table 9. PCMCIA Timing
Num
Characteristic
33 MHz
40 MHz
50 MHz
66 MHz
Unit
Min
Max
Min
Max
Min
Max
Min
Max
P44
A(0:31), REG valid to PCMCIA Strobe
asserted1
1 PSST = 1. Otherwise add PSST times cycle time.
PSHT = 0. Otherwise add PSHT times cycle time.
These synchronous timings define when the WAITx signals are detected in order to freeze (or relieve) the
PCMCIA current cycle. The WAITx assertion will be effective only if it is detected 2 cycles before the
PSL timer expiration. See Chapter 16, “PCMCIA Interface,” in the MPC860 PowerQUICC™ Family
User’s Manual.
20.73
16.75
13.00
9.36
ns
P45
A(0:31), REG valid to ALE negation1
28.30
23.00
18.00
13.15
ns
P46
CLKOUT to REG valid
7.58
15.58
6.25
14.25
5.00
13.00
3.79
11.84
ns
P47
CLKOUT to REG invalid
8.58
7.25
6.00
4.84
ns
P48
CLKOUT to CE1, CE2 asserted
7.58
15.58
6.25
14.25
5.00
13.00
3.79
11.84
ns
P49
CLKOUT to CE1, CE2 negated
7.58
15.58
6.25
14.25
5.00
13.00
3.79
11.84
ns
P50
CLKOUT to PCOE, IORD, PCWE, IOWR
assert time
11.00
11.00
11.00
11.00
ns
P51
CLKOUT to PCOE, IORD, PCWE, IOWR
negate time
2.00
11.00
2.00
11.00
2.00
11.00
2.00
11.00
ns
P52
CLKOUT to ALE assert time
7.58
15.58
6.25
14.25
5.00
13.00
3.79
10.04
ns
P53
CLKOUT to ALE negate time
15.58
14.25
13.00
11.84
ns
P54
PCWE, IOWR negated to D(0:31) invalid1
5.58
4.25
3.00
1.79
ns
P55
WAITA and WAITB valid to CLKOUT rising
edge1
8.00
8.00
8.00
8.00
ns
P56
CLKOUT rising edge to WAITA and WAITB
invalid1
2.00
2.00
2.00
2.00
ns


유사한 부품 번호 - KMPC860PZQ80D4

제조업체부품명데이터시트상세설명
logo
Freescale Semiconductor...
KMPC860PZQ80D4 FREESCALE-KMPC860PZQ80D4 Datasheet
1Mb / 80P
   Hardware Specifications
More results

유사한 설명 - KMPC860PZQ80D4

제조업체부품명데이터시트상세설명
logo
Freescale Semiconductor...
MPC862 FREESCALE-MPC862_06 Datasheet
1Mb / 88P
   PowerQUICC??Family Hardware Specifications
MPC8270VVUPEA FREESCALE-MPC8270VVUPEA Datasheet
624Kb / 83P
   PowerQUICC II Family Hardware Specifications
MPC8270ZQMIBA FREESCALE-MPC8270ZQMIBA Datasheet
624Kb / 83P
   PowerQUICC II Family Hardware Specifications
MPC8247VRTMFA FREESCALE-MPC8247VRTMFA Datasheet
400Kb / 61P
   PowerQUICC II Family Hardware Specifications
logo
Motorola, Inc
MPC8280 MOTOROLA-MPC8280 Datasheet
1Mb / 76P
   PowerQUICC II Family Hardware Specifications
logo
NXP Semiconductors
MPC860EC NXP-MPC860EC Datasheet
1Mb / 77P
   MPC860 PowerQUICC Family Hardware Specifications
Rev. 10, 09/2015
logo
Freescale Semiconductor...
MPC8272 FREESCALE-MPC8272_06 Datasheet
921Kb / 60P
   PowerQUICC II??Family Hardware Specifications
MPC8248VRPIEA FREESCALE-MPC8248VRPIEA Datasheet
400Kb / 61P
   PowerQUICC II Family Hardware Specifications
MPC8272EC FREESCALE-MPC8272EC Datasheet
748Kb / 60P
   PowerQUICC II??Family Hardware Specifications
logo
NXP Semiconductors
MPC8280 NXP-MPC8280 Datasheet
928Kb / 83P
   PowerQUICC II Family Hardware Specifications
Rev. 2, 09/2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com