전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

KMPC860PZQ80D4 데이터시트(PDF) 48 Page - Freescale Semiconductor, Inc

부품명 KMPC860PZQ80D4
상세설명  PowerQUICC??Family Hardware Specifications
Download  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FREESCALE [Freescale Semiconductor, Inc]
홈페이지  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

KMPC860PZQ80D4 데이터시트(HTML) 48 Page - Freescale Semiconductor, Inc

Back Button KMPC860PZQ80D4 Datasheet HTML 44Page - Freescale Semiconductor, Inc KMPC860PZQ80D4 Datasheet HTML 45Page - Freescale Semiconductor, Inc KMPC860PZQ80D4 Datasheet HTML 46Page - Freescale Semiconductor, Inc KMPC860PZQ80D4 Datasheet HTML 47Page - Freescale Semiconductor, Inc KMPC860PZQ80D4 Datasheet HTML 48Page - Freescale Semiconductor, Inc KMPC860PZQ80D4 Datasheet HTML 49Page - Freescale Semiconductor, Inc KMPC860PZQ80D4 Datasheet HTML 50Page - Freescale Semiconductor, Inc KMPC860PZQ80D4 Datasheet HTML 51Page - Freescale Semiconductor, Inc KMPC860PZQ80D4 Datasheet HTML 52Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 80 page
background image
MPC860 PowerQUICC™ Family Hardware Specifications, Rev. 8
48
Freescale Semiconductor
CPM Electrical Characteristics
11.4
Baud Rate Generator AC Electrical Specifications
Table 17 provides the baud rate generator timings as shown in Figure 49.
Figure 49. Baud Rate Generator Timing Diagram
11.5
Timer AC Electrical Specifications
Table 18 provides the general-purpose timer timings as shown in Figure 50.
Table 17. Baud Rate Generator Timing
Num
Characteristic
All Frequencies
Unit
Min
Max
50
BRGO rise and fall time
10
ns
51
BRGO duty cycle
40
60
%
52
BRGO cycle
40
ns
Table 18. Timer Timing
Num
Characteristic
All Frequencies
Unit
Min
Max
61
TIN/TGATE rise and fall time
10
ns
62
TIN/TGATE low time
1
CLK
63
TIN/TGATE high time
2
CLK
64
TIN/TGATE cycle time
3
CLK
65
CLKO low to TOUT valid
3
25
ns
52
50
51
BRGOX
50
51


유사한 부품 번호 - KMPC860PZQ80D4

제조업체부품명데이터시트상세설명
logo
Freescale Semiconductor...
KMPC860PZQ80D4 FREESCALE-KMPC860PZQ80D4 Datasheet
1Mb / 80P
   Hardware Specifications
More results

유사한 설명 - KMPC860PZQ80D4

제조업체부품명데이터시트상세설명
logo
Freescale Semiconductor...
MPC862 FREESCALE-MPC862_06 Datasheet
1Mb / 88P
   PowerQUICC??Family Hardware Specifications
MPC8270VVUPEA FREESCALE-MPC8270VVUPEA Datasheet
624Kb / 83P
   PowerQUICC II Family Hardware Specifications
MPC8270ZQMIBA FREESCALE-MPC8270ZQMIBA Datasheet
624Kb / 83P
   PowerQUICC II Family Hardware Specifications
MPC8247VRTMFA FREESCALE-MPC8247VRTMFA Datasheet
400Kb / 61P
   PowerQUICC II Family Hardware Specifications
logo
Motorola, Inc
MPC8280 MOTOROLA-MPC8280 Datasheet
1Mb / 76P
   PowerQUICC II Family Hardware Specifications
logo
NXP Semiconductors
MPC860EC NXP-MPC860EC Datasheet
1Mb / 77P
   MPC860 PowerQUICC Family Hardware Specifications
Rev. 10, 09/2015
logo
Freescale Semiconductor...
MPC8272 FREESCALE-MPC8272_06 Datasheet
921Kb / 60P
   PowerQUICC II??Family Hardware Specifications
MPC8248VRPIEA FREESCALE-MPC8248VRPIEA Datasheet
400Kb / 61P
   PowerQUICC II Family Hardware Specifications
MPC8272EC FREESCALE-MPC8272EC Datasheet
748Kb / 60P
   PowerQUICC II??Family Hardware Specifications
logo
NXP Semiconductors
MPC8280 NXP-MPC8280 Datasheet
928Kb / 83P
   PowerQUICC II Family Hardware Specifications
Rev. 2, 09/2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com