전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

KMPC860PZQ80D4 데이터시트(PDF) 70 Page - Freescale Semiconductor, Inc

부품명 KMPC860PZQ80D4
상세설명  PowerQUICC??Family Hardware Specifications
Download  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FREESCALE [Freescale Semiconductor, Inc]
홈페이지  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

KMPC860PZQ80D4 데이터시트(HTML) 70 Page - Freescale Semiconductor, Inc

Back Button KMPC860PZQ80D4 Datasheet HTML 66Page - Freescale Semiconductor, Inc KMPC860PZQ80D4 Datasheet HTML 67Page - Freescale Semiconductor, Inc KMPC860PZQ80D4 Datasheet HTML 68Page - Freescale Semiconductor, Inc KMPC860PZQ80D4 Datasheet HTML 69Page - Freescale Semiconductor, Inc KMPC860PZQ80D4 Datasheet HTML 70Page - Freescale Semiconductor, Inc KMPC860PZQ80D4 Datasheet HTML 71Page - Freescale Semiconductor, Inc KMPC860PZQ80D4 Datasheet HTML 72Page - Freescale Semiconductor, Inc KMPC860PZQ80D4 Datasheet HTML 73Page - Freescale Semiconductor, Inc KMPC860PZQ80D4 Datasheet HTML 74Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 80 page
background image
MPC860 PowerQUICC™ Family Hardware Specifications, Rev. 8
70
Freescale Semiconductor
Mechanical Data and Ordering Information
Figure 75 shows the MII serial management channel timing diagram.
Figure 75. MII Serial Management Channel Timing Diagram
14 Mechanical Data and Ordering Information
Table 33 provides information on the MPC860 Revision D.4 derivative devices.
Table 33. MPC860 Family Revision D.4 Derivatives
Device
Number of
SCCs1
1 Serial communications controller (SCC)
Ethernet Support2
(Mbps)
2 Up to 4 channels at 40 MHz or 2 channels at 25 MHz
Multichannel
HDLC Support
ATM
Support
MPC855T
1
10/100
Yes
Yes
MPC860DE
2
10
N/A
N/A
MPC860DT
10/100
Yes
Yes
MPC860DP
10/100
Yes
Yes
MPC860EN
4
10
N/A
N/A
MPC860SR
10
Yes
Yes
MPC860T
10/100
Yes
Yes
MPC860P
10/100
Yes
Yes
M11
MII_MDC (Output)
MII_MDIO (Output)
M12
M13
MII_MDIO (Input)
M10
M14
MM15


유사한 부품 번호 - KMPC860PZQ80D4

제조업체부품명데이터시트상세설명
logo
Freescale Semiconductor...
KMPC860PZQ80D4 FREESCALE-KMPC860PZQ80D4 Datasheet
1Mb / 80P
   Hardware Specifications
More results

유사한 설명 - KMPC860PZQ80D4

제조업체부품명데이터시트상세설명
logo
Freescale Semiconductor...
MPC862 FREESCALE-MPC862_06 Datasheet
1Mb / 88P
   PowerQUICC??Family Hardware Specifications
MPC8270VVUPEA FREESCALE-MPC8270VVUPEA Datasheet
624Kb / 83P
   PowerQUICC II Family Hardware Specifications
MPC8270ZQMIBA FREESCALE-MPC8270ZQMIBA Datasheet
624Kb / 83P
   PowerQUICC II Family Hardware Specifications
MPC8247VRTMFA FREESCALE-MPC8247VRTMFA Datasheet
400Kb / 61P
   PowerQUICC II Family Hardware Specifications
logo
Motorola, Inc
MPC8280 MOTOROLA-MPC8280 Datasheet
1Mb / 76P
   PowerQUICC II Family Hardware Specifications
logo
NXP Semiconductors
MPC860EC NXP-MPC860EC Datasheet
1Mb / 77P
   MPC860 PowerQUICC Family Hardware Specifications
Rev. 10, 09/2015
logo
Freescale Semiconductor...
MPC8272 FREESCALE-MPC8272_06 Datasheet
921Kb / 60P
   PowerQUICC II??Family Hardware Specifications
MPC8248VRPIEA FREESCALE-MPC8248VRPIEA Datasheet
400Kb / 61P
   PowerQUICC II Family Hardware Specifications
MPC8272EC FREESCALE-MPC8272EC Datasheet
748Kb / 60P
   PowerQUICC II??Family Hardware Specifications
logo
NXP Semiconductors
MPC8280 NXP-MPC8280 Datasheet
928Kb / 83P
   PowerQUICC II Family Hardware Specifications
Rev. 2, 09/2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com