전자부품 데이터시트 검색엔진
Selected language     Korean  ▼
부품명
         상세내용
Preview PDF Download HTML-1page HTML-10pages

KMPC860PZQ80D4 데이터시트(Datasheet) 8 Page - Freescale Semiconductor, Inc

부품명 KMPC860PZQ80D4
상세내용  PowerQUICC™ Family Hardware Specifications
PDF  80 Pages
Scroll/Zoom Zoom In 100% Zoom Out
제조사  FREESCALE [Freescale Semiconductor, Inc]
홈페이지  http://www.freescale.com
Logo 

 8 page
background image
MPC860 PowerQUICC™ Family Hardware Specifications, Rev. 8
8
Freescale Semiconductor
Thermal Characteristics
Figure 1 shows the undershoot and overshoot voltages at the interface of the MPC860.
Figure 1. Undershoot/Overshoot Voltage for VDDH and VDDL
4
Thermal Characteristics
Table 3. Package Description
Package Designator
Package Code (Case No.)
Package Description
ZP
5050 (1103-01)
PBGA 357 25*25*0.9P1.27
ZQ/VR
5058 (1103D-02)
PBGA 357 25*25*1.2P1.27
GND
GND – 0.3 V
GND – 0.7 V
Not to Exceed 10%
VDDH/VDDL + 20%
VDDH/VDDL
VDDH/VDDL + 5%
of tinterface
1
1. tinterface refers to the clock period associated with the bus clock interface.
VIH
VIL
Note:




Html 페이지

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80 


데이터시트



관련 부품명

부품명상세내용Html View제조사
MPC862_06PowerQUICC™ Family Hardware Specifications 1 2 3 4 5 MoreFreescale Semiconductor, Inc
MPC8323EPowerQUICC™ II Pro Integrated Communications Processor Family Hardware Specifications 1 2 3 4 5 MoreFreescale Semiconductor, Inc
MAC7100Microcontroller Family Hardware Specifications 1 2 3 4 5 MoreFreescale Semiconductor, Inc
MPC8313EPowerQUICC™ II Pro Processor Hardware Specifications 1 2 3 4 5 MoreFreescale Semiconductor, Inc
MPC8313E_08PowerQUICC™ II Pro Processor Hardware Specifications 1 2 3 4 5 MoreFreescale Semiconductor, Inc
MPC8358EPowerQUICC™ II Pro Processor Revision 2.1 PBGA Silicon Hardware Specifications 1 2 3 4 5 MoreFreescale Semiconductor, Inc
MPC8360EPowerQUICC™ II Pro Processor Revision 2.x TBGA Silicon Hardware Specifications 1 2 3 4 5 MoreFreescale Semiconductor, Inc
MPC8260APowerQUICC™ II Integrated Communications Processor Hardware Specifications 1 2 3 4 5 MoreFreescale Semiconductor, Inc
MPC8541EPowerQUICC™ III Integrated Communications Processor Hardware Specifications 1 2 3 4 5 MoreFreescale Semiconductor, Inc
MPC8555EPowerQUICC™ III Integrated Communications Processor Hardware Specifications 1 2 3 4 5 MoreFreescale Semiconductor, Inc

링크 URL

ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ]  

Alldatasheet는?   |   광고문의    |   운영자에게 연락하기   |   개인정보취급방침   |   즐겨찾기   |   링크교환   |   제조사별 검색
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl