전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

IRLZ34NPBF 데이터시트(PDF) 2 Page - International Rectifier

부품명 IRLZ34NPBF
상세설명  HEXFET Power MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  IRF [International Rectifier]
홈페이지  http://www.irf.com
Logo IRF - International Rectifier

IRLZ34NPBF 데이터시트(HTML) 2 Page - International Rectifier

  IRLZ34NPBF Datasheet HTML 1Page - International Rectifier IRLZ34NPBF Datasheet HTML 2Page - International Rectifier IRLZ34NPBF Datasheet HTML 3Page - International Rectifier IRLZ34NPBF Datasheet HTML 4Page - International Rectifier IRLZ34NPBF Datasheet HTML 5Page - International Rectifier IRLZ34NPBF Datasheet HTML 6Page - International Rectifier IRLZ34NPBF Datasheet HTML 7Page - International Rectifier IRLZ34NPBF Datasheet HTML 8Page - International Rectifier IRLZ34NPBF Datasheet HTML 9Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
IRLZ34NPbF
Parameter
Min. Typ. Max. Units
Conditions
V(BR)DSS
Drain-to-Source Breakdown Voltage
55
––– –––
V
VGS = 0V, ID = 250µA
∆V(BR)DSS/∆TJ Breakdown Voltage Temp. Coefficient
––– 0.065 –––
V/°C Reference to 25°C, ID = 1mA
–––
––– 0.035
VGS = 10V, ID = 16A „
VGS = 5.0V, ID = 16A „
–––
––– 0.060
VGS = 4.0V, ID = 14A „
VGS(th)
Gate Threshold Voltage
1.0
––– 2.0
V
VDS = VGS, ID = 250µA
gfs
Forward Transconductance
11
––– –––
S
VDS = 25V, ID = 16A
–––
–––
25
VDS = 55V, VGS = 0V
–––
––– 250
VDS = 44V, VGS = 0V, TJ = 150°C
Gate-to-Source Forward Leakage
–––
––– 100
VGS = 16V
Gate-to-Source Reverse Leakage
–––
––– -100
VGS = -16V
Qg
Total Gate Charge
–––
–––
25
ID = 16A
Qgs
Gate-to-Source Charge
–––
––– 5.2
nC
VDS = 44V
Qgd
Gate-to-Drain ("Miller") Charge
–––
–––
14
VGS = 5.0V, See Fig. 6 and 13 „
td(on)
Turn-On Delay Time
–––
8.9 –––
VDD = 28V
tr
Rise Time
–––
100 –––
ID = 16A
td(off)
Turn-Off Delay Time
–––
21
–––
RG = 6.5Ω, VGS = 5.0V
tf
Fall Time
–––
29
–––
RD = 1.8Ω, See Fig. 10 „
Between lead,
6mm (0.25in.)
from package
and center of die contact
Ciss
Input Capacitance
–––
880 –––
VGS = 0V
Coss
Output Capacitance
–––
220 –––
pF
VDS = 25V
Crss
Reverse Transfer Capacitance
–––
94
–––
ƒ = 1.0MHz, See Fig. 5
Electrical Characteristics @ TJ = 25°C (unless otherwise specified)
S
D
G
IGSS
LS
Internal Source Inductance
––– 7.5
–––
LD
Internal Drain Inductance
––– 4.5
–––
µA
nA
ns
nH
RDS(on)
Static Drain-to-Source On-Resistance
–––
––– 0.046
IDSS
Drain-to-Source Leakage Current
Parameter
Min. Typ. Max. Units
Conditions
IS
Continuous Source Current
MOSFET symbol
(Body Diode)
showing the
ISM
Pulsed Source Current
integral reverse
(Body Diode) 
p-n junction diode.
VSD
Diode Forward Voltage
––– ––– 1.3
V
TJ = 25°C, IS = 16A, VGS = 0V „
trr
Reverse Recovery Time
–––
76
110
ns
TJ = 25°C, IF = 16A
Qrr
Reverse RecoveryCharge
––– 190 290
nC
di/dt = 100A/µs „
ton
Forward Turn-On Time
Intrinsic turn-on time is negligible (turn-on is dominated by LS+LD)
Source-Drain Ratings and Characteristics
A
––– ––– 110
––– –––
30
S
D
G
 Repetitive rating; pulse width limited by
max. junction temperature. ( See fig. 11 )
ƒ ISD ≤ 16A, di/dt ≤ 270A/µs, VDD ≤ V(BR)DSS,
TJ ≤ 175°C
Notes:
‚ VDD = 25V, starting TJ = 25°C, L = 610µH
RG = 25Ω, IAS = 16A. (See Figure 12)
„ Pulse width ≤ 300µs; duty cycle ≤ 2%.


유사한 부품 번호 - IRLZ34NPBF

제조업체부품명데이터시트상세설명
logo
International Rectifier
IRLZ34NPBF IRF-IRLZ34NPBF Datasheet
231Kb / 9P
   Advanced Process Technology
logo
Infineon Technologies A...
IRLZ34NPBF INFINEON-IRLZ34NPBF Datasheet
230Kb / 9P
   HEXFET Power MOSFET
11/11/03
logo
International Rectifier
IRLZ34NPBF IRF-IRLZ34NPBF_15 Datasheet
231Kb / 9P
   Advanced Process Technology
More results

유사한 설명 - IRLZ34NPBF

제조업체부품명데이터시트상세설명
logo
International Rectifier
IRF7316 IRF-IRF7316 Datasheet
237Kb / 7P
   HEXFET POWER MOSFET
IRF6215 IRF-IRF6215 Datasheet
125Kb / 8P
   HEXFET Power MOSFET
IRF530NS IRF-IRF530NS Datasheet
618Kb / 10P
   HEXFET Power MOSFET
IRLMS2002 IRF-IRLMS2002 Datasheet
95Kb / 8P
   HEXFET Power MOSFET
IRFH5301PBF IRF-IRFH5301PBF Datasheet
309Kb / 8P
   HEXFET Power MOSFET
IRLR8726PBF IRF-IRLR8726PBF_09 Datasheet
360Kb / 11P
   HEXFET Power MOSFET
IRLML2502GPBF IRF-IRLML2502GPBF Datasheet
180Kb / 8P
   HEXFET Power MOSFET
IRF7304QPBF IRF-IRF7304QPBF_10 Datasheet
248Kb / 9P
   HEXFET POWER MOSFET
IRFS3107-7PPBF IRF-IRFS3107-7PPBF Datasheet
320Kb / 9P
   HEXFET Power MOSFET
IRFH5106PBF IRF-IRFH5106PBF Datasheet
339Kb / 8P
   HEXFET Power MOSFET
IRFH5406PBF IRF-IRFH5406PBF Datasheet
305Kb / 8P
   HEXFET Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com