전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SM3838-8 데이터시트(PDF) 1 Page - RF Monolithics, Inc

부품명 SM3838-8
상세설명  8-Terminal Ceramic Surface-Mount Case 3.8 X 3.8 mm Nominal Footprint
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  RFM [RF Monolithics, Inc]
홈페이지  http://www.rfm.com
Logo RFM - RF Monolithics, Inc

SM3838-8 데이터시트(HTML) 1 Page - RF Monolithics, Inc

  SM3838-8 Datasheet HTML 1Page - RF Monolithics, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
RF Monolithics, Inc.
Phone: +1(972) 233-2903
Fax: +1(972) 387-8148
E-mail: info@rfm.com
RFM Europe
Phone: 44 1963 251383
Fax: 44 1963 251510
http://www.rfm.com
©2002 by RF Monolithics, Inc. The stylized RFM logo and RFM are registered trademarks of RF Monolithics, Inc.
SM3838-8
11/14/07
8-Terminal Ceramic Surface-Mount Case
3.8 X 3.8 mm Nominal Footprint
SM3838-8 Case
A
1
2
3
B
7
6
5
4
C
H 7
6
5
4
E
F
G
1
2
3
8
8
D
TOP VIEW
BOTTOM VIEW
Dimension
mm
Inches
Min
Nom
Max
Min
Nom
Max
A
3.6
3.8
4.0
0.14
0.15
0.16
B
3.6
3.8
4.0
0.14
0.15
0.16
C
1.00
1.20
1.40
0.04
0.05
0.055
D
0.95
1.10
1.25
0.033
0.043
0.05
E
0.90
1.0
1.10
0.035
0.04
0.043
F
0.50
0.6
0.70
0.020
0.024
0.028
G
2.39
2.54
2.69
0.090
0.100
0.110
H
1.40
1.75
2.05
0.055
0.069
0.080
Case Dimensions
Connection
Terminals
Port 1
Differential Input
1, 2
Port 2
Differential Output
5, 6
Ground
All Others
Single Ended Operation
Return is Ground
Differential Operation
Return is Hot
Dot Indicates Pin 1
Electrical Connections
0.066
0.055 TYP.
(1.68)
(1.40)
PCB Footprint


유사한 부품 번호 - SM3838-8

제조업체부품명데이터시트상세설명
logo
UNIOHM CORPORATION
SM380A UNIOHM-SM380A Datasheet
66Kb / 2P
   3.0 AMP SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
Shenzhen Taychipst Elec...
SM380A TAYCHIPST-SM380A Datasheet
3Mb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
Leshan Radio Company
SM380A LRC-SM380A Datasheet
253Kb / 4P
   Schottky Barrier Rectifiers Reverse Voltage 20 to100V Forward Current 3.0A
SM380A LRC-SM380A Datasheet
178Kb / 4P
   Schottky Barrier Rectifiers
logo
AiT Semiconductor Inc.
SM380A AITSEMI-SM380A Datasheet
722Kb / 5P
   SCHOTTKY DIODE REVERSE VOLTAGE 20 TO 200V FORWARD CURRENT 3.0A
REV1.0
More results

유사한 설명 - SM3838-8

제조업체부품명데이터시트상세설명
logo
Murata Manufacturing Co...
SF2146D MURATA-SF2146D Datasheet
275Kb / 4P
   3.8 X 3.8 X 1.0 mm Surface Mount Case
logo
RF Monolithics, Inc
SMP-03 RFM-SMP-03 Datasheet
161Kb / 2P
   10-Terminal Ceramic Surface-Mount Case 7 x 5 mm Nominal Footprint
TQFN-1633 RFM-TQFN-1633 Datasheet
61Kb / 3P
   16-Terminal Ceramic Surface-Mount Case 3.0 X 3.0 mm Nominal Footprint
SM10996-14 RFM-SM10996-14 Datasheet
15Kb / 1P
   14-Terminal Surface-Mount Case 10.9 X 9.6 mm Nominal Footprint
SM-10 RFM-SM-10 Datasheet
46Kb / 1P
   10-Terminal Surface-Mount Case 13.7 X 9.4 mm Nominal Footprint
XFL8001 RFM-XFL8001 Datasheet
113Kb / 2P
   6-Terminal Surface-Mount Case 5.0 x 7.0 mm Nominal Footprint
logo
TAI-SAW TECHNOLOGY CO.,...
TC0629A TAI-SAW-TC0629A Datasheet
160Kb / 6P
   1000.634MHz SMD 3.8 x 3.8 mm SAW Resonator
TC0648B TAI-SAW-TC0648B Datasheet
394Kb / 6P
   750 MHz SMD 3.8 x 3.8 mm SAW Resonator
logo
Frontier Electronics.
AT2450D4015AT FRONTIER-AT2450D4015AT Datasheet
613Kb / 3P
   Surface mount ceramic antenna with a small size of 9.9 X 3.7 X 3.8 mm.
logo
TAI-SAW TECHNOLOGY CO.,...
TB1344A TAI-SAW-TB1344A Datasheet
442Kb / 8P
   149.64MHz 48MHz BW SMD 3.8 x 3.8 mm SAW IF Filter
More results


Html Pages

1


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com