전자부품 데이터시트 검색엔진 |
|
SN74AUC2G66 데이터시트(PDF) 8 Page - Texas Instruments |
|
SN74AUC2G66 데이터시트(HTML) 8 Page - Texas Instruments |
8 / 18 page www.ti.com PARAMETER MEASUREMENT INFORMATION VM th tsu From Output Under Test CL (see Note A) LOAD CIRCUIT S1 VLOAD Open GND RL RL Data Input Timing Input VI 0 V VI 0 V 0 V tw Input VOLTAGE WAVEFORMS SETUP AND HOLD TIMES VOLTAGE WAVEFORMS PROPAGATION DELAY TIMES INVERTING AND NONINVERTING OUTPUTS VOLTAGE WAVEFORMS PULSE DURATION tPLH tPHL tPHL tPLH VOH VOH VOL VOL VI 0 V Input Output Waveform 1 S1 at VLOAD (see Note B) Output Waveform 2 S1 at GND (see Note B) VOL VOH tPZL tPZH tPLZ tPHZ VLOAD/2 0 V VOL + V∆ VOH − V∆ ≈0 V VI VOLTAGE WAVEFORMS ENABLE AND DISABLE TIMES LOW- AND HIGH-LEVEL ENABLING Output Output tPLH/tPHL tPLZ/tPZL tPHZ/tPZH Open VLOAD GND TEST S1 NOTES: A. CL includes probe and jig capacitance. B. Waveform 1 is for an output with internal conditions such that the output is low, except when disabled by the output control. Waveform 2 is for an output with internal conditions such that the output is high, except when disabled by the output control. C. All input pulses are supplied by generators having the following characteristics: PRR ≤ 10 MHz, ZO = 50 Ω, slew rate ≥ 1 V/ns. D. The outputs are measured one at a time, with one transition per measurement. E. tPLZ and tPHZ are the same as tdis. F. tPZL and tPZH are the same as ten. G. tPLH and tPHL are the same as tpd. H. All parameters and waveforms are not applicable to all devices. Output Control VM VM VM VM VM VM VM VM VM VM VM VM VI VM VM 0.8 V 1.2 V ± 0.1 V 1.5 V ± 0.1 V 1.8 V ± 0.15 V 2.5 V ± 0.2 V 1.8 V ± 0.15 V 2.5 V ± 0.2 V 2 k Ω 2 k Ω 2 k Ω 2 k Ω 2 k Ω 1 k Ω 500 Ω VCC RL 2 × VCC 2 × VCC 2 × VCC 2 × VCC 2 × VCC 2 × VCC 2 × VCC VLOAD CL 15 pF 15 pF 15 pF 15 pF 15 pF 30 pF 30 pF 0.1 V 0.1 V 0.1 V 0.15 V 0.15 V 0.15 V 0.15 V V∆ VCC VCC VCC VCC VCC VCC VCC VI VCC/2 VCC/2 VCC/2 VCC/2 VCC/2 VCC/2 VCC/2 VM tr/tf ≤2 ns ≤2 ns ≤2 ns ≤2 ns ≤2 ns ≤2 ns ≤2 ns INPUTS SN74AUC2G66 DUAL BILATERAL ANALOG SWITCH SCES507A – NOVEMBER 2003 – REVISED JANUARY 2007 Figure 5. Load Circuit and Voltage Waveforms 8 Submit Documentation Feedback |
유사한 부품 번호 - SN74AUC2G66_08 |
|
유사한 설명 - SN74AUC2G66_08 |
|
|
링크 URL |
개인정보취급방침 |
ALLDATASHEET.CO.KR |
ALLDATASHEET 가 귀하에 도움이 되셨나요? [ DONATE ] |
Alldatasheet는? | 광고문의 | 운영자에게 연락하기 | 개인정보취급방침 | 링크교환 | 제조사별 검색 All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |