전자부품 데이터시트 검색엔진 |
|
541-1074-ND 데이터시트(PDF) 4 Page - Vishay Siliconix |
|
541-1074-ND 데이터시트(HTML) 4 Page - Vishay Siliconix |
4 / 4 page www.vishay.com 21 M, C, T Vishay Dale Document Number: 33003 Revision 22-Sep-04 For technical questions, contact thermistor1@vishay.com The standard leaded thermistors are calibrated and tested at 25°C to a tolerance of ± 5% or ± 10%; however, tighter tolerance, point matched thermistors are readily available as are special point match temperatures to fit your application. Since these thermistors have only one controlled point of reference ( the point match temperature ), the resistance at other temperatures is given by the "Resistance VS Temperature Conversion Tables" for the appropriate material curve. The resistance value at any temperature is the ratio factor times the resistance at 25°C. Example: 1M1002-5, +70°C resistance = (Resistance factor for curve 1 at 70°C is .1990) X (10000 ohm resistance at 25°C) = 1990 ohms. The tolerance of the resistance at any temperature is described by Figure 2. Point match resistance tolerances at temperatures other than 25ºC are not the same as the calibration temperature. This difference is presented in Figure 2. The tolerance at any given temperature is the point match tolerance + the MT ±% (Manufacturing Tolerance). The MT ±% may be obtained from the R vs. T Conversion tables and is added to the point match temperature, i.e., ± 1% Tol. at 25ºC + ± 2.6% at -30ºC for Curve 1 equals a total tolerance of ± 3.6% at -30ºC. A spreadsheet is available for the Vishay Thermistor Materials that calculates Beta, Steinhart-Hart Equation Constants A, B, and C, the resistance at any temperature based upon the Steinhart constants or Beta, the temperature equivalent of the resistance reading, and resistance temperature coefficients. This spread sheet will also calculate the total resistance tolerance of any point matched thermistor for temperatures in 10ºC increments, and the resistance tolerance at any temperature within the calibrated range of curve tracking thermistors. Please contact factory if interested in this Excel™ spreadsheet. POINT MATCH TOLERANCE COMPUTER AIDS FOR THERMISTOR SELECTION FIGURE 2 POINT MATCH TOLERANCES VS. TEMPERATURE TEMPERATURE 25 °C NOMINAL R VS. T MAX. R VS. T MIN. R VS. T PIVOT POINT (CALIBRATION TEMPERATURE) NTC Thermistors, Coated |
유사한 부품 번호 - 541-1074-ND |
|
유사한 설명 - 541-1074-ND |
|
|
링크 URL |
개인정보취급방침 |
ALLDATASHEET.CO.KR |
ALLDATASHEET 가 귀하에 도움이 되셨나요? [ DONATE ] |
Alldatasheet는? | 광고문의 | 운영자에게 연락하기 | 개인정보취급방침 | 링크교환 | 제조사별 검색 All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |