전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

54AC16652 데이터시트(PDF) 6 Page - Texas Instruments

부품명 54AC16652
상세설명  16-BIT BUS TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

54AC16652 데이터시트(HTML) 6 Page - Texas Instruments

Back Button 54AC16652 Datasheet HTML 2Page - Texas Instruments 54AC16652 Datasheet HTML 3Page - Texas Instruments 54AC16652 Datasheet HTML 4Page - Texas Instruments 54AC16652 Datasheet HTML 5Page - Texas Instruments 54AC16652 Datasheet HTML 6Page - Texas Instruments 54AC16652 Datasheet HTML 7Page - Texas Instruments 54AC16652 Datasheet HTML 8Page - Texas Instruments 54AC16652 Datasheet HTML 9Page - Texas Instruments 54AC16652 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
54AC16652, 74AC16652
16-BIT BUS TRANSCEIVERS AND REGISTERS
WITH 3-STATE OUTPUTS
SCAS242A – MARCH 1990 – REVISED APRIL 1996
6
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
absolute maximum ratings over operating free-air temperature range (unless otherwise noted)
Supply voltage range, VCC
–0.5 V to 7 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input voltage range, VI (see Note 1)
–0.5 V to VCC + 0.5 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Output voltage range, VO (see Note 1)
–0.5 V to VCC + 0.5 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input clamp current, IIK (VI < 0 or VI > VCC)
±20 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Output clamp current, IOK (VO < 0 or VO > VCC)
±50 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Continuous output current, IO (VO = 0 to VCC)
±50 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Continuous current through VCC or GND
±400 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Maximum package power dissipation at TA = 55°C (in still air) (see Note 2): DL package
1.4 W
. . . . . . . . . . .
Storage temperature range, Tstg
–65
°C to 150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
† Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
NOTES:
1. The input and output voltage ratings may be exceeded if the input and output current ratings are observed.
2. The maximum package power dissipation is calculated using a junction temperature of 150
_C and a board trace length of 750 mils.
recommended operating conditions (see Note 3)
54AC16652
74AC16652
UNIT
MIN
NOM
MAX
MIN
NOM
MAX
UNIT
VCC
Supply voltage (see Note 4)
3
5
5.5
3
5
5.5
V
VCC = 3 V
2.1
2.1
VIH
High-level input voltage
VCC = 4.5 V
3.15
3.15
V
VCC = 5.5 V
3.85
3.85
VCC = 3 V
0.9
0.9
VIL
Low-level input voltage
VCC = 4.5 V
1.35
1.35
V
VCC = 5.5 V
1.65
1.65
VI
Input voltage
0
VCC
0
VCC
V
VO
Output voltage
0
VCC
0
VCC
V
VCC = 3 V
–4
–4
IOH
High-level output current
VCC = 4.5 V
–24
–24
mA
VCC = 5.5 V
–24
–24
VCC = 3 V
12
12
IOL
Low-level output current
VCC = 4.5 V
24
24
mA
VCC = 5.5 V
24
24
∆t/∆v
Input transition rise or fall rate
0
10
0
10
ns/V
TA
Operating free-air temperature
–55
125
–40
85
°C
NOTES:
3. Unused inputs must be held high or low to prevent them from floating.
4. All VCC and GND pins must be connected to the proper voltage power supply.
PRODUCT PREVIEW information concerns products in the formative or
design phase of development. Characteristic data and other
specifications are design goals. Texas Instruments reserves the right to
change or discontinue these products without notice.


유사한 부품 번호 - 54AC16652

제조업체부품명데이터시트상세설명
logo
Texas Instruments
54AC16652 TI-54AC16652 Datasheet
189Kb / 10P
[Old version datasheet]   16-BIT BUS TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
REVISED APRIL 1996
54AC16652WD TI-54AC16652WD Datasheet
189Kb / 10P
[Old version datasheet]   16-BIT BUS TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
REVISED APRIL 1996
More results

유사한 설명 - 54AC16652

제조업체부품명데이터시트상세설명
logo
Texas Instruments
SN54ABT16646 TI-SN54ABT16646 Datasheet
247Kb / 15P
[Old version datasheet]   16-BIT BUS TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
SN54ABT16652 TI-SN54ABT16652 Datasheet
237Kb / 14P
[Old version datasheet]   16-BIT BUS TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
54ACT16646 TI-54ACT16646 Datasheet
241Kb / 12P
[Old version datasheet]   16-BIT BUS TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
SN54ABT16652 TI-SN54ABT16652_07 Datasheet
379Kb / 16P
[Old version datasheet]   16-BIT BUS TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
54AC16652 TI-54AC16652 Datasheet
189Kb / 10P
[Old version datasheet]   16-BIT BUS TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
REVISED APRIL 1996
SN54ABT16646 TI-SN54ABT16646_08 Datasheet
390Kb / 17P
[Old version datasheet]   16-BIT BUS TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
SN54ABT16652 TI-SN54ABT16652_08 Datasheet
409Kb / 16P
[Old version datasheet]   16-BIT BUS TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
74AC16646 TI1-74AC16646 Datasheet
218Kb / 10P
[Old version datasheet]   16-BIT BUS TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
54ACT16646 TI1-54ACT16646_08 Datasheet
420Kb / 14P
[Old version datasheet]   16-BIT BUS TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
54ACT16652 TI-54ACT16652 Datasheet
198Kb / 11P
[Old version datasheet]   16-BIT TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com