전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SN74AS1004AN 데이터시트(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
부품명 SN74AS1004AN
상세설명  HEX INVERTING DRIVERS
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

SN74AS1004AN 데이터시트(HTML) 1 Page - Texas Instruments

  SN74AS1004AN Datasheet HTML 1Page - Texas Instruments SN74AS1004AN Datasheet HTML 2Page - Texas Instruments SN74AS1004AN Datasheet HTML 3Page - Texas Instruments SN74AS1004AN Datasheet HTML 4Page - Texas Instruments SN74AS1004AN Datasheet HTML 5Page - Texas Instruments SN74AS1004AN Datasheet HTML 6Page - Texas Instruments SN74AS1004AN Datasheet HTML 7Page - Texas Instruments SN74AS1004AN Datasheet HTML 8Page - Texas Instruments SN74AS1004AN Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
SN54AS1004A, SN74ALS1004, SN74AS1004A
HEX INVERTING DRIVERS
SDAS074B − APRIL 1982 − REVISED JANUARY 1995
Copyright
1995, Texas Instruments Incorporated
1
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251−1443
′AS1004A Offer High Capacitive-Drive
Capability
Driver Version of ′ALS04B and ′AS04
Package Options Include Plastic
Small-Outline (D) Packages, Ceramic Chip
Carriers (FK), and Standard Plastic (N) and
Ceramic (J) 300-mil DIPs
description
These devices contain six independent inverting
drivers. They perform the Boolean function Y = A.
The SN54AS1004A is characterized for operation
over the full military temperature range of − 55
°C
to 125
°C. The SN74ALS1004 and SN74AS1004A
are characterized for operation from 0
°C to 70°C.
FUNCTION TABLE
(each inverter)
INPUT
A
OUTPUT
Y
H
L
L
H
logic symbol
logic diagram (positive logic)
1
1A
1Y
2
3
2A
2Y
4
5
3A
3Y
6
9
4A
4Y
8
11
5A
5Y
10
13
6A
6Y
12
6A
6Y
5A
5Y
4A
4Y
3A
3Y
2A
2Y
1Y
1A
3
5
9
11
13
12
4
6
8
10
12
† This symbol is in accordance with ANSI/IEEE Std 91-1984 and
IEC Publication 617-12.
Pin numbers shown are for the D, J, and N packages.
SN54AS1004A ...J PACKAGE
SN74ALS1004, SN74AS1004A ...D OR N PACKAGE
(TOP VIEW)
1
2
3
4
5
6
7
14
13
12
11
10
9
8
1A
1Y
2A
2Y
3A
3Y
GND
VCC
6A
6Y
5A
5Y
4A
4Y
SN54AS1004A . . . FK PACKAGE
(TOP VIEW)
3
2
1 20 19
9 10 11 12 13
4
5
6
7
8
18
17
16
15
14
6Y
NC
5A
NC
5Y
2A
NC
2Y
NC
3A
NC − No internal connection
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.


유사한 부품 번호 - SN74AS1004AN

제조업체부품명데이터시트상세설명
logo
Texas Instruments
SN74AS1004AN TI-SN74AS1004AN Datasheet
496Kb / 14P
[Old version datasheet]   HEX INVERTING DRIVERS
SN74AS1004AN TI-SN74AS1004AN Datasheet
544Kb / 17P
[Old version datasheet]   HEX INVERTING DRIVERS
SN74AS1004AN TI-SN74AS1004AN Datasheet
635Kb / 16P
[Old version datasheet]   HEX INVERTING DRIVERS
SN74AS1004AN3 TI-SN74AS1004AN3 Datasheet
496Kb / 14P
[Old version datasheet]   HEX INVERTING DRIVERS
SN74AS1004AN3 TI-SN74AS1004AN3 Datasheet
544Kb / 17P
[Old version datasheet]   HEX INVERTING DRIVERS
More results

유사한 설명 - SN74AS1004AN

제조업체부품명데이터시트상세설명
logo
Texas Instruments
SN54AS1004A TI-SN54AS1004A Datasheet
496Kb / 14P
[Old version datasheet]   HEX INVERTING DRIVERS
SN54AS1004A TI-SN54AS1004A_1 Datasheet
635Kb / 16P
[Old version datasheet]   HEX INVERTING DRIVERS
SN54AS1004A TI-SN54AS1004A_07 Datasheet
544Kb / 17P
[Old version datasheet]   HEX INVERTING DRIVERS
SN54HC368 TI1-SN54HC368_16 Datasheet
1Mb / 19P
[Old version datasheet]   HEX INVERTING BUFFERS AND LINE DRIVERS
logo
List of Unclassifed Man...
DV74ALS1005 ETC1-DV74ALS1005 Datasheet
182Kb / 2P
   Hex Inverting Drivers with Open Collector Outputs
logo
Fairchild Semiconductor
CD4049UBC FAIRCHILD-CD4049UBC Datasheet
63Kb / 7P
   Hex Inverting Buffer . Hex Non-Inverting Buffer
CD4049UBC FAIRCHILD-CD4049UBC_02 Datasheet
73Kb / 7P
   Hex Inverting Buffer Hex Non-Inverting Buffer
CD4050BCMX FAIRCHILD-CD4050BCMX Datasheet
74Kb / 7P
   Hex Inverting Buffer ??Hex Non-Inverting Buffer
logo
National Semiconductor ...
CD4049UBM NSC-CD4049UBM Datasheet
129Kb / 6P
   Hex Inverting,Non-Inverting Buffer
5404 NSC-5404 Datasheet
107Kb / 6P
   Hex Inverting Gates
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com