전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STGF14NC60KD 데이터시트(PDF) 5 Page - STMicroelectronics

부품명 STGF14NC60KD
상세설명  14 A - 600 V - short circuit rugged IGBT
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGF14NC60KD 데이터시트(HTML) 5 Page - STMicroelectronics

  STGF14NC60KD Datasheet HTML 1Page - STMicroelectronics STGF14NC60KD Datasheet HTML 2Page - STMicroelectronics STGF14NC60KD Datasheet HTML 3Page - STMicroelectronics STGF14NC60KD Datasheet HTML 4Page - STMicroelectronics STGF14NC60KD Datasheet HTML 5Page - STMicroelectronics STGF14NC60KD Datasheet HTML 6Page - STMicroelectronics STGF14NC60KD Datasheet HTML 7Page - STMicroelectronics STGF14NC60KD Datasheet HTML 8Page - STMicroelectronics STGF14NC60KD Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
STGB14NC60KD - STGF14NC60KD - STGP14NC60KD
Electrical characteristics
5/16
Table 6.
Switching on/off (inductive load)
Symbol
Parameter
Test conditions
Min.
Typ.
Max. Unit
td(on)
tr
(di/dt)on
Turn-on delay time
Current rise time
Turn-on current slope
VCC = 390 V, IC = 7 A
RG= 10 Ω, VGE= 15 V,
(see Figure 18)
22.5
8.5
700
ns
ns
A/µs
td(on)
tr
(di/dt)on
Turn-on delay time
Current rise time
Turn-on current slope
VCC = 390 V, IC = 7 A
RG= 10 Ω, VGE= 15 V,
TC= 125 °C
(see Figure 18)
22
9.5
680
ns
ns
A/µs
tr(Voff)
td(off)
tf
Off voltage rise time
Turn-off delay time
Current fall time
Vcc = 390 V, IC = 7 A,
RGE = 10 Ω, VGE = 15 V
(see Figure 18)
60
116
75
ns
ns
ns
tr(Voff)
td(off)
tf
Off voltage rise time
Turn-off delay time
Current fall time
Vcc = 390 V, IC = 7 A,
RGE = 10 Ω, VGE = 15 V
TC= 125 °C
(see Figure 18)
24
196
144
ns
ns
ns
Table 7.
Switching energy (inductive load)
Symbol
Parameter
Test conditions
Min
Typ.
Max
Unit
Eon (1)
Eoff
(2)
Ets
1.
Eon is the turn-on losses when a typical diode is used in the test circuit. If the IGBT is offered in a package
with a co-pack diode, the co-pack diode is used as external diode. IGBTs and DIODE are at the same
temperature (25°C and 125°C)
2.
Turn-off losses include also the tail of the collector current.
Turn-on switching losses
Turn-off switching losses
Total switching losses
VCC = 390 V, IC = 7 A
RG= 10 Ω, VGE= 15 V,
(see Figure 18)
82
155
237
µJ
µJ
µJ
Eon (1)
Eoff
(2)
Ets
Turn-on switching losses
Turn-off switching losses
Total switching losses
VCC = 390 V, IC = 7 A
RG= 10 Ω, VGE= 15 V,
TC= 125 °C
(see Figure 18)
131
370
501
µJ
µJ
µJ
Table 8.
Collector-emitter diode
Symbol
Parameter
Test conditions
Min
Typ.
Max
Unit
VF
Forward on-voltage
IF = 7 A
IF = 7 A, TC= 125 °C
1.8
1.3
2.1
V
V
trr
Qrr
Irrm
Reverse recovery time
Reverse recovery charge
Reverse recovery current
IF = 7 A, VR = 40 V,
di/dt = 100 A/µs
(see Figure 21)
37
40
2.1
ns
nC
A
trr
Qrr
Irrm
Reverse recovery time
Reverse recovery charge
Reverse recovery current
IF = 7 A, VR = 40 V,
TC= 125 °C,
di/dt = 100 A/µs
(see Figure 21)
61
98
3.2
ns
nC
A


유사한 부품 번호 - STGF14NC60KD

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
STGF14NC60KD STMICROELECTRONICS-STGF14NC60KD Datasheet
456Kb / 14P
   N-CHANNEL 14A - 600V - TO-220/TO-220FP/D2PAK SHORT CIRCUIT RATED PowerMESH IGBT
STGF14NC60KD STMICROELECTRONICS-STGF14NC60KD Datasheet
833Kb / 17P
   N-channel 14A - 600V - TO-220 - TO-220FP - D2PAK Short circuit rated PowerMESH TM IGBT
STGF14NC60KD STMICROELECTRONICS-STGF14NC60KD Datasheet
543Kb / 16P
   14 A, 600 V - short-circuit rugged IGBT
More results

유사한 설명 - STGF14NC60KD

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
STGB14NC60KD STMICROELECTRONICS-STGB14NC60KD_10 Datasheet
543Kb / 16P
   14 A, 600 V - short-circuit rugged IGBT
STGF14HF60KD STMICROELECTRONICS-STGF14HF60KD Datasheet
412Kb / 12P
   14 A - 600 V - short-circuit rugged IGBT
August 2009
STGF14N60D STMICROELECTRONICS-STGF14N60D Datasheet
425Kb / 11P
   14 A - 600 V - short circuit rugged IGBT
February 2009 Rev 1
STGB19NC60KD STMICROELECTRONICS-STGB19NC60KD Datasheet
586Kb / 17P
   20 A - 600 V - short circuit rugged IGBT
STGB8NC60KD STMICROELECTRONICS-STGB8NC60KD Datasheet
562Kb / 18P
   600 V - 8 A - short circuit rugged IGBT
STGB30NC60K STMICROELECTRONICS-STGB30NC60K Datasheet
385Kb / 15P
   30 A - 600 V - short circuit rugged IGBT
STGB19NC60K STMICROELECTRONICS-STGB19NC60K Datasheet
524Kb / 15P
   20 A - 600 V - short circuit rugged IGBT
STGW40NC60KD STMICROELECTRONICS-STGW40NC60KD Datasheet
846Kb / 13P
   600 V, 40 A short-circuit rugged IGBT
STGP10HF60KD STMICROELECTRONICS-STGP10HF60KD Datasheet
477Kb / 13P
   10 A - 600 V - short-circuit rugged IGBT
February 2012
STGF10NC60KD STMICROELECTRONICS-STGF10NC60KD_V01 Datasheet
1Mb / 30P
   10 A, 600 V short-circuit rugged IGBT
Rev 7 June 2017
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com