전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AD5554 데이터시트(PDF) 3 Page - Analog Devices

부품명 AD5554
상세설명  Quad, Current-Output, Serial-Input 16-/14-Bit DACs
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

AD5554 데이터시트(HTML) 3 Page - Analog Devices

  AD5554 Datasheet HTML 1Page - Analog Devices AD5554 Datasheet HTML 2Page - Analog Devices AD5554 Datasheet HTML 3Page - Analog Devices AD5554 Datasheet HTML 4Page - Analog Devices AD5554 Datasheet HTML 5Page - Analog Devices AD5554 Datasheet HTML 6Page - Analog Devices AD5554 Datasheet HTML 7Page - Analog Devices AD5554 Datasheet HTML 8Page - Analog Devices AD5554 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
AD5544/AD5554
Rev. A | Page 3 of 20
SPECIFICATIONS
AD5544 ELECTRICAL CHARACTERISTICS
VDD = 5 V ±10%, VSS = 0 V, IOUTX = virtual GND, AGNDX = 0 V, VREFA, B, C, D = 10 V, TA = full operating temperature range, unless
otherwise noted.
Table 1.
Parameter
Symbol
Condition
Min
Typ
Max
Unit
STATIC PERFORMANCE1
Resolution
N
1 LSB = VREF/216 = 153 µV when VREF = 10 V
16
Bits
Relative Accuracy
INL
±4
LSB
Differential Nonlinearity
DNL
±1.5
LSB
Output Leakage Current
IOUTX
Data = 0000H, TA = 25°C
10
nA
IOUTX
Data = 0000H, TA = TA max
20
nA
Full-Scale Gain Error
GFSE
Data = FFFFH
±0.75
±3
mV
Full-Scale Tempco2
TCVFS
1
ppm/°C
Feedback Resistor
RFBX
VDD = 5 V
4
6
8
kΩ
REFERENCE INPUT
VREFX Range
VREFX
−15
+15
V
Input Resistance
RREFX
4
6
8
kΩ
Input Resistance Match
RREFX
Channel-to-channel
1
%
Input Capacitance2
CREFX
5
pF
ANALOG OUTPUT
Output Current
IOUTX
Data = FFFFH
1.25
2.5
mA
Output Capacitance2
COUTX
Code-dependent
80
pF
LOGIC INPUT AND OUTPUT
Logic Input Low Voltage
VIL
0.8
V
Logic Input High Voltage
VIH
2.4
V
Input Leakage Current
IIL
1
µA
Input Capacitance2
CIL
10
pF
Logic Output Low Voltage
VOL
IOL = 1.6 mA
0.4
V
Logic Output High Voltage
VOH
IOH = 100 µA
4
V
INTERFACE TIMING2, 3
Clock Width High
tCH
25
ns
Clock Width Low
tCL
25
ns
CS to Clock Setup
tCSS
0
ns
Clock to CS Hold
tCSH
25
ns
Clock to SDO Prop Delay
tPD
2
20
ns
Load DAC Pulse Width
tLDAC
25
ns
Data Setup
tDS
20
ns
Data Hold
tDH
20
ns
Load Setup
tLDS
5
ns
Load Hold
tLDH
25
ns
SUPPLY CHARACTERISTICS
Power Supply Range
VDD RANGE
4.5
5.5
V
Positive Supply Current
IDD
Logic inputs = 0 V
50
250
µA
Negative Supply Current
ISS
Logic inputs = 0 V, VSS = –5 V
0.001
1
µA
Power Dissipation
PDISS
Logic inputs = 0 V
1.25
mW
Power Supply Sensitivity
PSS
∆VDD = ±5%
0.006
%/%


유사한 부품 번호 - AD5554

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD5554 AD-AD5554 Datasheet
473Kb / 16P
   Quad, Current-Output Serial-Input, 16-Bit/14-Bit DACs
REV. 0
AD5554 AD-AD5554 Datasheet
735Kb / 24P
   Quad, Current-Output, Serial-Input 16-/14-Bit DACs
Rev. G
AD5554BRS AD-AD5554BRS Datasheet
473Kb / 16P
   Quad, Current-Output Serial-Input, 16-Bit/14-Bit DACs
REV. 0
AD5554BRSZ AD-AD5554BRSZ Datasheet
694Kb / 24P
   Quad, Current-Output, Serial-Input 16-/14-Bit DACs
Rev. G
AD5554BRSZ AD-AD5554BRSZ Datasheet
735Kb / 24P
   Quad, Current-Output, Serial-Input 16-/14-Bit DACs
Rev. G
More results

유사한 설명 - AD5554

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD5544 AD-AD5544_12 Datasheet
694Kb / 24P
   Quad, Current-Output, Serial-Input 16-/14-Bit DACs
Rev. G
AD5544ARSZ AD-AD5544ARSZ Datasheet
875Kb / 28P
   Quad, Current-Output, Serial-Input 16-/14-Bit DACs
REV. F
AD5544 AD-AD5544_13 Datasheet
735Kb / 24P
   Quad, Current-Output, Serial-Input 16-/14-Bit DACs
Rev. G
AD5544 AD-AD5544_15 Datasheet
747Kb / 24P
   Quad, Current-Output, Serial-Input 16-/14-Bit DACs
AD5544 AD-AD5544 Datasheet
473Kb / 16P
   Quad, Current-Output Serial-Input, 16-Bit/14-Bit DACs
REV. 0
AD5543 AD-AD5543_15 Datasheet
582Kb / 20P
   Current Output/Serial Input, 16-/14-Bit DACs
Rev. F
AD5553 AD-AD5553_15 Datasheet
582Kb / 20P
   Current Output/Serial Input, 16-/14-Bit DACs
Rev. F
AD5543 AD-AD5543_12 Datasheet
582Kb / 20P
   Current Output/Serial Input, 16-/14-Bit DACs
Rev. F
AD5545 AD-AD5545 Datasheet
924Kb / 24P
   Dual, Current-Output, Serial-Input, 16-/14-Bit DACs
Rev. G
AD5545 AD-AD5545_16 Datasheet
977Kb / 23P
   Dual, Current-Output, Serial-Input, 16-/14-Bit DACs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com