전자부품 데이터시트 검색엔진 |
|
CD54HC4351 데이터시트(PDF) 10 Page - Texas Instruments |
|
CD54HC4351 데이터시트(HTML) 10 Page - Texas Instruments |
10 / 23 page 10 Analog Channel Specifications TA = 25oC PARAMETER SYMBOL TEST CONDITIONS TYPE VEE (V) VCC (V) HC/HCT UNITS Switch Input Capacitance CI All - - 5 pF Common Capacitance CCOM 4351 - - 25 pF 4352 - - 12 pF Minimum Switch Frequency Response at -3dB (Figure 6, 8) fMAX See Figure 11 (Notes 8, 9) 4351 - - 145 MHz 4352 -2.25 2.25 165 MHz 4351 - - 180 MHz 4352 -4.5 4.5 185 MHz Crosstalk Between Any Two Switches (Note 11) See Figure 10 (Notes 9, 10) 4351 - - N/A dB 4352 -2.25 2.25 (TBE) dB 4351 - - N/A dB 4352 -4.5 4.5 (TBE) dB Sine-Wave Distortion See Figure 12 All -2.25 2.25 0.035 % All -4.5 4.5 0.018 % E or S to Switch Feedthrough Noise See Figure 13 (Notes 9, 10) 4351 - - - mV 4352 -2.25 2.25 (TBE) mV 4351 - - - mV 4352 -4.5 4.5 (TBE) mV Switch “OFF” Signal Feedthrough (Figure 6, 8) See Figure 14 (Notes 9, 10) 4351 - - -73 dB 4352 -2.25 2.25 -65 dB 4351 - - -75 dB 4352 -4.5 4.5 -67 dB NOTES: 8. Adjust input voltage to obtain 0dBm at VOS for, fin = 1MHz. 9. VIS is centered at (VCC - VEE)/2. 10. Adjust input for 0dBm. 11. Not applicable for ’HC4351 and CD74HCT4351. CD54HC4351, CD74HC4351, CD74HCT4351, CD74HC4352 |
유사한 부품 번호 - CD54HC4351_08 |
|
유사한 설명 - CD54HC4351_08 |