전자부품 데이터시트 검색엔진 |
|
CD74HC563M 데이터시트(PDF) 6 Page - Texas Instruments |
|
CD74HC563M 데이터시트(HTML) 6 Page - Texas Instruments |
6 / 14 page 6 Enable Times (HC533) tPZH, tPZL CL = 50pF 2 - 150 190 225 ns 4.5 - 30 38 45 ns 6 - 26 33 38 ns CL = 15pF 5 12 - - - ns Disable Times (HC533) tPHZ, tPLZ CL = 50pF 2 - 150 190 225 ns 4.5 - 30 38 45 ns 6 - 26 33 38 ns CL = 15pF 5 12 - - - ns Enable and Disable Times (HC563) tPZH, tPZL, tPHZ, tPLZ CL = 50pF 2 - 150 190 225 ns 4.5 - 30 38 45 ns 6 - 26 33 38 ns CL = 15pF 5 12 - - - ns Input Capacitance CI -- - 10 10 10 pF Three-State Output Capacitance CO -- - 20 20 20 pF Power Dissipation Capacitance (Notes 3, 4) CPD - 5 42 - - - pF HCT TYPES Propagation Delay, Data to Qn (HC/HCT533) tPLH, tPHL CL = 50pF 4.5 - 34 43 51 ns CL = 15pF 5 14 - - - ns Propagation Delay, Data to Qn (HC/HCT563) tPLH, tPHL CL = 50pF 4.5 - 30 38 45 ns CL = 15pF 5 12 - - - ns Propagation Delay, LE to Qn (HC/HCT533) tPLH, tPHL CL = 50pF 4.5 - 38 48 57 ns CL = 15pF 5 16 - - - ns Propagation Delay, LE to Qn (HC/HCT563) tPZL, tPZH CL = 50pF 4.5 - 35 44 53 ns CL = 15pF 5 14 - - - ns Enable Times (HC/HCT533) tPLZ, tPZH CL = 50pF 4.5 - 35 44 53 ns CL = 15pF 5 14 - - - ns Disable Times (HC/HCT533) tTLH, tTHL CL = 50pF 4.5 - 30 38 45 ns CL = 15pF 5 12 - - - ns Enable and Disable Times (HC/HCT563) tPZH, tPZL, tPHZ, tPLZ CL = 50pF 4.5 - 35 44 53 ns CL = 15pF 5 14 - - - ns Input Capacitance CI -- - 10 10 10 pF Power Dissipation Capacitance (Notes 3, 4) CPD - 5 42 - - - pF NOTES: 3. CPD is used to determine the no-load dynamic power consumption, per latch. 4. PD (total power per latch) = CPD VCC 2 f i + Σ CL VCC 2 f o where fi = Input Frequency, fo = Output Frequency, CL = Output Load Capacitance, VCC = Supply Voltage. Switching Specifications Input tr, tf = 6ns (Continued) PARAMETER SYMBOL TEST CONDITIONS VCC (V) 25oC -40oC TO 85oC -55oC TO 125oC UNITS TYP MAX MAX MAX CD54/74HC533, CD54/74HCT533, CD54/74HC563, CD74HCT563 |
유사한 부품 번호 - CD74HC563M |
|
유사한 설명 - CD74HC563M |
|
|
링크 URL |
개인정보취급방침 |
ALLDATASHEET.CO.KR |
ALLDATASHEET 가 귀하에 도움이 되셨나요? [ DONATE ] |
Alldatasheet는? | 광고문의 | 운영자에게 연락하기 | 개인정보취급방침 | 링크교환 | 제조사별 검색 All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |