전자부품 데이터시트 검색엔진 |
|
TL16C752C 데이터시트(PDF) 8 Page - Texas Instruments |
|
|
TL16C752C 데이터시트(HTML) 8 Page - Texas Instruments |
8 / 48 page www.ti.com Serial to Parallel Flow Control Parallel to Serial Flow Control RX FIFO TX FIFO Parallel to Serial Flow Control Serial to Parallel Flow Control TX FIFO RX FIFO D7- D0 D7- D0 UART 1 UART 2 RX RTS TX CTS TX CTS RX RTS Software Flow Control TL16C752C DUAL UART WITH 64-BYTE FIFO SLLS646 – MARCH 2008 A. When CTS is low, the transmitter keeps sending serial data out. B. When CTS goes high before the middle of the last stop bit of the current byte, the transmitter finishes sending the current byte, but it does not send the next byte. C. When CTS goes from high to low, the transmitter begins sending data again. Figure 2. CTS Functional Timing Figure 3. Autoflow Control (Auto-RTS and Auto-CTS) Example Software flow control is enabled through the enhanced feature register and the modem control register. Different combinations of software flow control can be enabled by setting different combinations of EFR[3 −0]. Table 1 shows software flow control options. Two other enhanced features relate to S/W flow control: • Xon Any Function [MCR(5): Operation resumes after receiving any character after recognizing the Xoff character. NOTE: It is possible that an Xon1 character is recognized as an Xon Any character, which could cause an Xon2 character to be written to the RX FIFO. • Special Character [EFR(5)]: Incoming data is compared to Xoff2. Detection of the special character sets the Xoff interrupt {IIR(4)] but does not halt transmission. The Xoff interrupt is cleared by a read of the IIR. The special character is transferred to the RX FIFO. 8 Submit Documentation Feedback Copyright © 2008, Texas Instruments Incorporated Product Folder Link(s): TL16C752C |
유사한 부품 번호 - TL16C752C |
|
유사한 설명 - TL16C752C |
|
|
링크 URL |
개인정보취급방침 |
ALLDATASHEET.CO.KR |
ALLDATASHEET 가 귀하에 도움이 되셨나요? [ DONATE ] |
Alldatasheet는? | 광고문의 | 운영자에게 연락하기 | 개인정보취급방침 | 링크교환 | 제조사별 검색 All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |