전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SN74AHCT138NE4 데이터시트(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
부품명 SN74AHCT138NE4
상세설명  3-LINE TO 8-LINE DECODERS/DEMULTIPLEXERS
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

SN74AHCT138NE4 데이터시트(HTML) 4 Page - Texas Instruments

  SN74AHCT138NE4 Datasheet HTML 1Page - Texas Instruments SN74AHCT138NE4 Datasheet HTML 2Page - Texas Instruments SN74AHCT138NE4 Datasheet HTML 3Page - Texas Instruments SN74AHCT138NE4 Datasheet HTML 4Page - Texas Instruments SN74AHCT138NE4 Datasheet HTML 5Page - Texas Instruments SN74AHCT138NE4 Datasheet HTML 6Page - Texas Instruments SN74AHCT138NE4 Datasheet HTML 7Page - Texas Instruments SN74AHCT138NE4 Datasheet HTML 8Page - Texas Instruments SN74AHCT138NE4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 25 page
background image
SN54AHCT138, SN74AHCT138
3-LINE TO 8-LINE DECODERS/DEMULTIPLEXERS
SCLS266M – DECEMBER 1995 – REVISED JULY 2003
4
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
electrical characteristics over recommended operating free-air temperature range (unless
otherwise noted)
PARAMETER
TEST CONDITIONS
VCC
TA = 25°C
SN54AHCT138
SN74AHCT138
UNIT
PARAMETER
TEST CONDITIONS
VCC
MIN
TYP
MAX
MIN
MAX
MIN
MAX
UNIT
VOH
IOH = –50 mA
45 V
4.4
4.5
4.4
4.4
V
VOH
IOH = –8 mA
4.5 V
3.94
3.8
3.8
V
VOL
IOL = 50 mA
45 V
0.1
0.1
0.1
V
VOL
IOL = 8 mA
4.5 V
0.36
0.5
0.44
V
II
VI = 5.5 V or GND
0 V to 5.5 V
±0.1
±1*
±1
mA
ICC
VI = VCC or GND,
IO = 0
5.5 V
4
40
40
mA
∆ICC†
One input at 3.4 V,
Other inputs at VCC or GND
5.5 V
1.35
1.5
1.5
mA
Ci
VI = VCC or GND
5 V
2
10
10
pF
* On products compliant to MIL-PRF-38535, this parameter is not production tested at VCC = 0 V.
† This is the increase in supply current for each input at one of the specified TTL voltage levels rather than 0 V or VCC.
switching characteristics over recommended operating free-air temperature range,
VCC = 5 V ± 0.5 V (unless otherwise noted) (see Figure 1)
PARAMETER
FROM
TO
LOAD
TA = 25°C
SN54AHCT138
SN74AHCT138
UNIT
PARAMETER
(INPUT)
(OUTPUT)
CAPACITANCE
MIN
TYP
MAX
MIN
MAX
MIN
MAX
UNIT
tPLH
ABC
Any Y
CL =15 pF
7.6*
10.4*
1*
12*
1
12
ns
tPHL
A, B, C
Any Y
CL = 15 pF
7.6*
10.4*
1*
12*
1
12
ns
tPLH
G1
Any Y
CL =15 pF
6.6*
9.1*
1*
10.5*
1
10.5
ns
tPHL
G1
Any Y
CL = 15 pF
6.6*
9.1*
1*
10.5*
1
10.5
ns
tPLH
G2A G2B
Any Y
CL =15 pF
7*
9.6*
1*
11*
1
11
ns
tPHL
G2A, G2B
Any Y
CL = 15 pF
7*
9.6*
1*
11*
1
11
ns
tPLH
ABC
Any Y
CL =50 pF
8.1
11.4
1
13
1
13
ns
tPHL
A, B, C
Any Y
CL = 50 pF
8.1
11.4
1
13
1
13
ns
tPLH
G1
Any Y
CL =50 pF
7.1
10.1
1
11.5
1
11.5
ns
tPHL
G1
Any Y
CL = 50 pF
7.1
10.1
1
11.5
1
11.5
ns
tPLH
G2A G2B
Any Y
CL =50 pF
7.5
10.6
1
12
1
12
ns
tPHL
G2A, G2B
Any Y
CL = 50 pF
7.5
10.6
1
12
1
12
ns
* On products compliant to MIL-PRF-38535, this parameter is not production tested.
operating characteristics, VCC = 5 V, TA = 25°C
PARAMETER
TEST CONDITIONS
TYP
UNIT
Cpd
Power dissipation capacitance
No load,
f = 1 MHz
14
pF


유사한 부품 번호 - SN74AHCT138NE4

제조업체부품명데이터시트상세설명
logo
Texas Instruments
SN74AHCT138NE4 TI-SN74AHCT138NE4 Datasheet
1Mb / 25P
[Old version datasheet]   3-LINE TO 8-LINE DECODERS/DEMULTIPLEXERS
More results

유사한 설명 - SN74AHCT138NE4

제조업체부품명데이터시트상세설명
logo
Texas Instruments
54AC11238 TI-54AC11238 Datasheet
114Kb / 9P
[Old version datasheet]   3-LINE TO 8-LINE DECODERS/DEMULTIPLEXERS
SN74AHC138 TI-SN74AHC138 Datasheet
683Kb / 2P
[Old version datasheet]   3-LINE TO 8-LINE DECODERS/DEMULTIPLEXERS
SN54LS138 TI1-SN54LS138_15 Datasheet
1Mb / 22P
[Old version datasheet]   3-LINE TO 8-LINE DECODERS/DEMULTIPLEXERS
SN54LVC138A TI1-SN54LVC138A_15 Datasheet
1Mb / 34P
[Old version datasheet]   3-LINE TO 8-LINE DECODERS/DEMULTIPLEXERS
logo
Renesas Technology Corp
HD74LS138 RENESAS-HD74LS138 Datasheet
100Kb / 8P
   3-Line-to-8-Line Decoders / Demultiplexers
logo
Texas Instruments
SN54ALS138A TI-SN54ALS138A_08 Datasheet
826Kb / 20P
[Old version datasheet]   3-LINE TO 8-LINE DECODERS/DEMULTIPLEXERS
SN54LVC138A TI-SN54LVC138A_10 Datasheet
821Kb / 25P
[Old version datasheet]   3-LINE TO 8-LINE DECODERS/DEMULTIPLEXERS
SN74HC238 TI1-SN74HC238 Datasheet
145Kb / 5P
[Old version datasheet]   3-LINE TO 8-LINE DECODERS/DEMULTIPLEXERS
SNJ54HCT138J TI1-SNJ54HCT138J Datasheet
1Mb / 21P
[Old version datasheet]   3-LINE TO 8-LINE DECODERS/DEMULTIPLEXERS
74AC11238D TI-74AC11238D Datasheet
111Kb / 9P
[Old version datasheet]   3-LINE TO 8-LINE DECODERS/DEMULTIPLEXERS
SN54HCT138 TI-SN54HCT138 Datasheet
95Kb / 6P
[Old version datasheet]   3-LINE TO 8-LINE DECODERS/DEMULTIPLEXERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com