전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SN74AHCT138NSRG4 데이터시트(PDF) 1 Page - Texas Instruments

부품명 SN74AHCT138NSRG4
상세설명  3-LINE TO 8-LINE DECODERS/DEMULTIPLEXERS
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

SN74AHCT138NSRG4 데이터시트(HTML) 1 Page - Texas Instruments

  SN74AHCT138NSRG4 Datasheet HTML 1Page - Texas Instruments SN74AHCT138NSRG4 Datasheet HTML 2Page - Texas Instruments SN74AHCT138NSRG4 Datasheet HTML 3Page - Texas Instruments SN74AHCT138NSRG4 Datasheet HTML 4Page - Texas Instruments SN74AHCT138NSRG4 Datasheet HTML 5Page - Texas Instruments SN74AHCT138NSRG4 Datasheet HTML 6Page - Texas Instruments SN74AHCT138NSRG4 Datasheet HTML 7Page - Texas Instruments SN74AHCT138NSRG4 Datasheet HTML 8Page - Texas Instruments SN74AHCT138NSRG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 25 page
background image
SN54AHCT138, SN74AHCT138
3-LINE TO 8-LINE DECODERS/DEMULTIPLEXERS
SCLS266M – DECEMBER 1995 – REVISED JULY 2003
1
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
D Inputs Are TTL-Voltage Compatible
D Designed Specifically for High-Speed
Memory Decoders and Data-Transmission
Systems
D Incorporate Three Enable Inputs to Simplify
Cascading and/or Data Reception
D Latch-Up Performance Exceeds 250 mA Per
JESD 17
D ESD Protection Exceeds JESD 22
– 2000-V Human-Body Model (A114-A)
– 200-V Machine Model (A115-A)
– 1000-V Charged-Device Model (C101)
32 1 20 19
910 11 1213
4
5
6
7
8
18
17
16
15
14
Y1
Y2
NC
Y3
Y4
C
G2A
NC
G2B
G1
SN54AHCT138 . . . FK PACKAGE
(TOP VIEW)
NC – No internal connection
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
A
B
C
G2A
G2B
G1
Y7
GND
VCC
Y0
Y1
Y2
Y3
Y4
Y5
Y6
SN54AHCT138 ...J OR W PACKAGE
SN74AHCT138 . . . D, DB, DGV, N, NS,
OR PW PACKAGE
(TOP VIEW)
SN74AHCT138 . . . RGY PACKAGE
(TOP VIEW)
116
89
2
3
4
5
6
7
15
14
13
12
11
10
Y0
Y1
Y2
Y3
Y4
Y5
B
C
G2A
G2B
G1
Y7
description/ordering information
The ’AHCT138 3-line to 8-line decoders/demultiplexers are designed to be used in high-performance
memory-decoding and data-routing applications that require very short propagation-delay times. In
high-performance memory systems, this decoder can be used to minimize the effects of system decoding.
When employed with high-speed memories utilizing a fast enable circuit, the delay times of this decoder and
the enable time of the memory usually are less than the typical access time of the memory. This means that
the effective system delay introduced by the decoder is negligible.
ORDERING INFORMATION
TA
PACKAGE†
ORDERABLE
PART NUMBER
TOP-SIDE
MARKING
QFN – RGY
Tape and reel
SN74AHCT138RGYR
HB138
PDIP – N
Tube
SN74AHCT138N
SN74AHCT138N
SOIC – D
Tube
SN74AHCT138D
AHCT138
SOIC – D
Tape and reel
SN74AHCT138DR
AHCT138
–40
°C to 85°C
SOP – NS
Tape and reel
SN74AHCT138NSR
AHCT138
SSOP – DB
Tape and reel
SN74AHCT138DBR
HB138
TSSOP
PW
Tube
SN74AHCT138PW
HB138
TSSOP – PW
Tape and reel
SN74AHCT138PWR
HB138
TVSOP – DGV
Tape and reel
SN74AHCT138DGVR
HB138
CDIP – J
Tube
SNJ54AHCT138J
SNJ54AHCT138J
–55
°C to 125°C
CFP – W
Tube
SNJ54AHCT138W
SNJ54AHCT138W
LCCC – FK
Tube
SNJ54AHCT138FK
SNJ54AHCT138FK
† Package drawings, standard packing quantities, thermal data, symbolization, and PCB design guidelines
are available at www.ti.com/sc/package.
Copyright
 2003, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
On products compliant to MIL-PRF-38535, all parameters are tested
unless otherwise noted. On all other products, production
processing does not necessarily include testing of all parameters.


유사한 부품 번호 - SN74AHCT138NSRG4

제조업체부품명데이터시트상세설명
logo
Texas Instruments
SN74AHCT138NSRG4 TI-SN74AHCT138NSRG4 Datasheet
1Mb / 25P
[Old version datasheet]   3-LINE TO 8-LINE DECODERS/DEMULTIPLEXERS
More results

유사한 설명 - SN74AHCT138NSRG4

제조업체부품명데이터시트상세설명
logo
Texas Instruments
54AC11238 TI-54AC11238 Datasheet
114Kb / 9P
[Old version datasheet]   3-LINE TO 8-LINE DECODERS/DEMULTIPLEXERS
SN74AHC138 TI-SN74AHC138 Datasheet
683Kb / 2P
[Old version datasheet]   3-LINE TO 8-LINE DECODERS/DEMULTIPLEXERS
SN54LS138 TI1-SN54LS138_15 Datasheet
1Mb / 22P
[Old version datasheet]   3-LINE TO 8-LINE DECODERS/DEMULTIPLEXERS
SN54LVC138A TI1-SN54LVC138A_15 Datasheet
1Mb / 34P
[Old version datasheet]   3-LINE TO 8-LINE DECODERS/DEMULTIPLEXERS
logo
Renesas Technology Corp
HD74LS138 RENESAS-HD74LS138 Datasheet
100Kb / 8P
   3-Line-to-8-Line Decoders / Demultiplexers
logo
Texas Instruments
SN54ALS138A TI-SN54ALS138A_08 Datasheet
826Kb / 20P
[Old version datasheet]   3-LINE TO 8-LINE DECODERS/DEMULTIPLEXERS
SN54LVC138A TI-SN54LVC138A_10 Datasheet
821Kb / 25P
[Old version datasheet]   3-LINE TO 8-LINE DECODERS/DEMULTIPLEXERS
SN74HC238 TI1-SN74HC238 Datasheet
145Kb / 5P
[Old version datasheet]   3-LINE TO 8-LINE DECODERS/DEMULTIPLEXERS
SNJ54HCT138J TI1-SNJ54HCT138J Datasheet
1Mb / 21P
[Old version datasheet]   3-LINE TO 8-LINE DECODERS/DEMULTIPLEXERS
74AC11238D TI-74AC11238D Datasheet
111Kb / 9P
[Old version datasheet]   3-LINE TO 8-LINE DECODERS/DEMULTIPLEXERS
SN54HCT138 TI-SN54HCT138 Datasheet
95Kb / 6P
[Old version datasheet]   3-LINE TO 8-LINE DECODERS/DEMULTIPLEXERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com