전자부품 데이터시트 검색엔진 |
|
SN74AHCT138PWE4 데이터시트(PDF) 2 Page - Texas Instruments |
|
|
SN74AHCT138PWE4 데이터시트(HTML) 2 Page - Texas Instruments |
2 / 25 page SN54AHCT138, SN74AHCT138 3-LINE TO 8-LINE DECODERS/DEMULTIPLEXERS SCLS266M – DECEMBER 1995 – REVISED JULY 2003 2 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 description/ordering information (continued) The conditions at the binary-select inputs and the three enable inputs select one of eight output lines. Two active-low and one active-high enable inputs reduce the need for external gates or inverters when expanding. A 24-line decoder can be implemented without external inverters, and a 32-line decoder requires only one inverter. An enable input can be used as a data input for demultiplexing applications. FUNCTION TABLE ENABLE INPUTS SELECT INPUTS OUTPUTS G1 G2A G2B C B A Y0 Y1 Y2 Y3 Y4 Y5 Y6 Y7 X H X X X X H H H H H H H H X XH X XX H HH HH HH H L XX X XX H HH HH HH H H LL L LL L HH HH HH H H LL L LH H L H HH HH H H LL L HLH H L HH HH H H LL L HH H HH L H HH H H LL H LL H HH H L HH H H LL H LH H HH HH L H H H LL H HLH HH HH H L H H L L H H H H H H H H H H L logic diagram (positive logic) G1 G2B G2A C B A Y7 Y6 Y5 Y4 Y3 Y2 Y1 Y0 Data Outputs Select Inputs Enable Inputs 1 2 3 4 5 6 15 14 13 12 11 10 9 7 Pin numbers shown are for the D, DB, DGV, J, N, NS, PW, RGY, and W packages. |
유사한 부품 번호 - SN74AHCT138PWE4 |
|
유사한 설명 - SN74AHCT138PWE4 |