전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CAT1161LI-42-T3 데이터시트(PDF) 5 Page - Catalyst Semiconductor

부품명 CAT1161LI-42-T3
상세설명  Supervisory Circuits with I2C Serial CMOS EEPROM, Precision Reset Controller and Watchdog Timer (16K)
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  CATALYST [Catalyst Semiconductor]
홈페이지  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT1161LI-42-T3 데이터시트(HTML) 5 Page - Catalyst Semiconductor

  CAT1161LI-42-T3 Datasheet HTML 1Page - Catalyst Semiconductor CAT1161LI-42-T3 Datasheet HTML 2Page - Catalyst Semiconductor CAT1161LI-42-T3 Datasheet HTML 3Page - Catalyst Semiconductor CAT1161LI-42-T3 Datasheet HTML 4Page - Catalyst Semiconductor CAT1161LI-42-T3 Datasheet HTML 5Page - Catalyst Semiconductor CAT1161LI-42-T3 Datasheet HTML 6Page - Catalyst Semiconductor CAT1161LI-42-T3 Datasheet HTML 7Page - Catalyst Semiconductor CAT1161LI-42-T3 Datasheet HTML 8Page - Catalyst Semiconductor CAT1161LI-42-T3 Datasheet HTML 9Page - Catalyst Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
CAT1161, CAT1162
© Catalyst Semiconductor, Inc.
5
Doc. No. MD-3002 Rev. G
Characteristics subject to change without notice
PIN DESCRIPTION
WP:
WRITE PROTECT
If the pin is tied to VCC the entire memory array
becomes Write Protected (READ only). When the pin
is tied to GND or left floating normal read/write
operations are allowed to the device.
RESET/RESET
¯¯¯¯¯¯:
RESET I/O
These are open drain pins and can be used as reset
trigger inputs. By forcing a reset condition on the pins
the device will initiate and maintain a reset condition.
The RESET pin must be connected through a pull-
down resistor, and the RESET
¯¯¯¯¯¯ pin must be connected
through a pull-up resistor.
SDA:
SERIAL DATA ADDRESS
The bidirectional serial data/address pin is used to
transfer all data into and out of the device. The SDA
pin is an open drain output and can be wire-ORed
with other open drain or open collector outputs.
If there is no transition on the SDA for more than 1.6
seconds, the watchdog timer times out.
SCL:
SERIAL CLOCK
Serial clock input.
DEVICE OPERATION
Reset Controller Description
The CAT1161/2 precision RESET controller ensures
correct system operation during brownout and power
up/down conditions. It is configured with open drain
RESET outputs. During power-up, the RESET outputs
remain active until VCC reaches the VTH threshold and
will continue driving the outputs for approximately
200ms (tPURST) after reaching VTH. After the tPURST
timeout interval, the device will cease to drive the
reset outputs. At this point the reset outputs will be
pulled up or down by their respective pull up/down
resistors. During power-down, the RESET outputs will
be active when VCC falls below VTH. The RESET
¯¯¯¯¯¯
outputs will be valid so long as VCC is >1.0V (VRVALID).
The RESET pins are I/Os; therefore, the CAT1161/2
can act as a signal conditioning circuit for an
externally applied manual reset. The inputs are edge
triggered; that is, the RESET input in the CAT1161/2
will initiate a reset timeout after detecting a low to high
transition and the RESET
¯¯¯¯¯¯ input will initiate a reset
timeout after detecting a high to low transition.
Watchdog Timer
The Watchdog Timer provides an independent
protection for microcontrollers. During a system
failure, the CAT1161 will respond with a reset signal
after a time-out interval of 1.6 seconds for a lack of
activity. The CAT1161 is designed with the Watchdog
Timer feature on the SDA input. If the microcontroller
does not toggle the SDA input pin within 1.6 seconds,
the Watchdog Timer times out. This will generate a
reset condition on reset outputs. The Watchdog Timer
is cleared by any transition on SDA.
As long as the reset signal is asserted, the Watchdog
Timer will not count and will stay cleared.
The CAT1162 does not have a Watchdog.
Figure 1. RESET Output Timing
GLITCH
t
VCC
PURST
t
PURST
t
RPD
t
RVALID
V
V
TH
RESE T
RESE T
RPD
t


유사한 부품 번호 - CAT1161LI-42-T3

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
CAT1161LI-42-G ONSEMI-CAT1161LI-42-G Datasheet
193Kb / 14P
   Supervisory Circuits with I2C Serial CMOS EEPROM, Precision Reset Controller and Watchdog Timer (16K)
Doc. No. MD-3002 Rev. I
CAT1161LI-42-G ONSEMI-CAT1161LI-42-G Datasheet
163Kb / 13P
   Supervisory Circuits with I2C Serial CMOS EEPROM, Precision Reset Controller and Watchdog Timer (16K)null
July, 2012 ??Rev. 12
CAT1161LI-42-G ONSEMI-CAT1161LI-42-G Datasheet
163Kb / 13P
   Supervisory Circuits with I2C Serial CMOS EEPROM, Precision Reset Controller and Watchdog Timer (16K)
July, 2012 ??Rev. 12
CAT1161LI-42-G ONSEMI-CAT1161LI-42-G Datasheet
163Kb / 13P
   Supervisory Circuits with I2C Serial CMOS EEPROM, Precision Reset Controller and Watchdog Timer (16K)
July, 2012 ??Rev. 12
logo
Catalyst Semiconductor
CAT1161LI-42-GT2 CATALYST-CAT1161LI-42-GT2 Datasheet
163Kb / 14P
   Supervisory Circuits with I2C Serial CMOS EEPROM, Precision Reset Controller and Watchdog Timer
More results

유사한 설명 - CAT1161LI-42-T3

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
CAT1161PI-42 ONSEMI-CAT1161PI-42 Datasheet
163Kb / 13P
   Supervisory Circuits with I2C Serial CMOS EEPROM, Precision Reset Controller and Watchdog Timer (16K)
July, 2012 ??Rev. 12
CAT1161JI-30 ONSEMI-CAT1161JI-30 Datasheet
163Kb / 13P
   Supervisory Circuits with I2C Serial CMOS EEPROM, Precision Reset Controller and Watchdog Timer (16K)
July, 2012 ??Rev. 12
CAT1161 ONSEMI-CAT1161 Datasheet
193Kb / 14P
   Supervisory Circuits with I2C Serial CMOS EEPROM, Precision Reset Controller and Watchdog Timer (16K)
Doc. No. MD-3002 Rev. I
CAT1163 ONSEMI-CAT1163 Datasheet
239Kb / 14P
   Supervisory Circuits with I2C Serial CMOS EEPROM, Precision Reset Controller and Watchdog Timer (16K)
Doc. No. MD-3003 Rev. I
logo
Catalyst Semiconductor
CAT1163_0711 CATALYST-CAT1163_0711 Datasheet
211Kb / 14P
   Supervisory Circuits with I2C Serial Serial CMOS EEPROM, Precision Reset Controller and Watchdog Timer (16K)
logo
ON Semiconductor
CAT1161JI-28 ONSEMI-CAT1161JI-28 Datasheet
163Kb / 13P
   Supervisory Circuits with I2C Serial CMOS EEPROM, Precision Reset Controller and Watchdog Timer (16K)null
July, 2012 ??Rev. 12
logo
Catalyst Semiconductor
CAT1161 CATALYST-CAT1161_07 Datasheet
163Kb / 14P
   Supervisory Circuits with I2C Serial CMOS EEPROM, Precision Reset Controller and Watchdog Timer
CAT1161 CATALYST-CAT1161 Datasheet
69Kb / 12P
   Supervisory Circuits with I2C Serial CMOS EEPROM, Precision Reset Controller and Watchdog Timer
CAT1163 CATALYST-CAT1163_07 Datasheet
150Kb / 14P
   Supervisory Circuits with I2C Serial Serial CMOS EEPROM, Precision Reset Controller and Watchdog Timer
CAT1163 CATALYST-CAT1163 Datasheet
69Kb / 12P
   Supervisory Circuit with I2C Serial CMOS EEPROM, Precision Reset Controller and Watchdog Timer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com