전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CAT1162WI-30-T3 데이터시트(PDF) 7 Page - Catalyst Semiconductor

부품명 CAT1162WI-30-T3
상세설명  Supervisory Circuits with I2C Serial CMOS EEPROM, Precision Reset Controller and Watchdog Timer (16K)
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  CATALYST [Catalyst Semiconductor]
홈페이지  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT1162WI-30-T3 데이터시트(HTML) 7 Page - Catalyst Semiconductor

Back Button CAT1162WI-30-T3 Datasheet HTML 3Page - Catalyst Semiconductor CAT1162WI-30-T3 Datasheet HTML 4Page - Catalyst Semiconductor CAT1162WI-30-T3 Datasheet HTML 5Page - Catalyst Semiconductor CAT1162WI-30-T3 Datasheet HTML 6Page - Catalyst Semiconductor CAT1162WI-30-T3 Datasheet HTML 7Page - Catalyst Semiconductor CAT1162WI-30-T3 Datasheet HTML 8Page - Catalyst Semiconductor CAT1162WI-30-T3 Datasheet HTML 9Page - Catalyst Semiconductor CAT1162WI-30-T3 Datasheet HTML 10Page - Catalyst Semiconductor CAT1162WI-30-T3 Datasheet HTML 11Page - Catalyst Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
CAT1161, CAT1162
© Catalyst Semiconductor, Inc.
7
Doc. No. MD-3002 Rev. G
Characteristics subject to change without notice
FUNCTIONAL DESCRIPTION
The CAT1161/2 supports the I
2C Bus data transmis–
sion protocol. This Inter-Integrated Circuit Bus proto–
col defines any device that sends data to the bus to
be a transmitter and any device receiving data to be a
receiver. The transfer is controlled by the Master
device which generates the serial clock and all
START and STOP conditions for bus access. Both the
Master device and Slave device can operate as either
transmitter or receiver, but the Master device controls
which mode is activated.
I
2C BUS PROTOCOL
The features of the I
2C bus protocol are defined as
follows:
(1) Data transfer may be initiated only when the bus
is not busy.
(2) During a data transfer, the data line must remain
stable whenever the clock line is high. Any
changes in the data line while the clock line is
high will be interpreted as a START or STOP
condition.
START Condition
The START Condition precedes all commands to the
device, and is defined as a HIGH to LOW transition of
SDA when SCL is HIGH. The CAT1161/2 monitors
the SDA and SCL lines and will not respond until this
condition is met.
STOP Condition
A LOW to HIGH transition of SDA when SCL is HIGH
determines the STOP condition. All operations must
end with a STOP condition.
Device Addressing
The Master begins a transmission by sending a
START condition. The Master sends the address of
the particular slave device it is requesting. The four
most significant bits of the 8-bit slave address are
fixed as 1010.
The next three bits (Figure 6) define memory
addressing. For the CAT1161/2 the three bits define
higher order bits.
The last bit of the slave address specifies whether a
Read or Write operation is to be performed. When this
bit is set to 1, a Read operation is selected, and when
set to 0, a Write operation is selected.
After the Master sends a START condition and the
slave address byte, the CAT1161/2 monitors the bus
and responds with an acknowledge (on the SDA line)
when its address matches the transmitted slave
address. The CAT1161/2 then performs a Read or
Write operation depending on the R/W
¯¯ bit.
Figure 5. Acknowledge Timing
Figure 6. Slave Address Bits
CAT1161/2
1
0
1
0
a10 a9 a8 R/W
¯¯
**a8, a9 and a10 correspond to the address of the memory array address word.
ACKNOWLEDGE
1
START
SCL FROM
MASTER
89
DATA OUTPUT
FROM TRANSMITTER
DATA OUTPUT
FROM RECEIVER


유사한 부품 번호 - CAT1162WI-30-T3

제조업체부품명데이터시트상세설명
logo
Catalyst Semiconductor
CAT1162WI-30-GT2 CATALYST-CAT1162WI-30-GT2 Datasheet
163Kb / 14P
   Supervisory Circuits with I2C Serial CMOS EEPROM, Precision Reset Controller and Watchdog Timer
CAT1162WI-30-GT3 CATALYST-CAT1162WI-30-GT3 Datasheet
163Kb / 14P
   Supervisory Circuits with I2C Serial CMOS EEPROM, Precision Reset Controller and Watchdog Timer
logo
ON Semiconductor
CAT1162WI-30-GT3 ONSEMI-CAT1162WI-30-GT3 Datasheet
193Kb / 14P
   Supervisory Circuits with I2C Serial CMOS EEPROM, Precision Reset Controller and Watchdog Timer (16K)
Doc. No. MD-3002 Rev. I
CAT1162WI-30-GT3 ONSEMI-CAT1162WI-30-GT3 Datasheet
163Kb / 13P
   Supervisory Circuits with I2C Serial CMOS EEPROM, Precision Reset Controller and Watchdog Timer (16K)null
July, 2012 ??Rev. 12
CAT1162WI-30-GT3 ONSEMI-CAT1162WI-30-GT3 Datasheet
163Kb / 13P
   Supervisory Circuits with I2C Serial CMOS EEPROM, Precision Reset Controller and Watchdog Timer (16K)
July, 2012 ??Rev. 12
More results

유사한 설명 - CAT1162WI-30-T3

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
CAT1161PI-42 ONSEMI-CAT1161PI-42 Datasheet
163Kb / 13P
   Supervisory Circuits with I2C Serial CMOS EEPROM, Precision Reset Controller and Watchdog Timer (16K)
July, 2012 ??Rev. 12
CAT1161JI-30 ONSEMI-CAT1161JI-30 Datasheet
163Kb / 13P
   Supervisory Circuits with I2C Serial CMOS EEPROM, Precision Reset Controller and Watchdog Timer (16K)
July, 2012 ??Rev. 12
CAT1161 ONSEMI-CAT1161 Datasheet
193Kb / 14P
   Supervisory Circuits with I2C Serial CMOS EEPROM, Precision Reset Controller and Watchdog Timer (16K)
Doc. No. MD-3002 Rev. I
CAT1163 ONSEMI-CAT1163 Datasheet
239Kb / 14P
   Supervisory Circuits with I2C Serial CMOS EEPROM, Precision Reset Controller and Watchdog Timer (16K)
Doc. No. MD-3003 Rev. I
logo
Catalyst Semiconductor
CAT1163_0711 CATALYST-CAT1163_0711 Datasheet
211Kb / 14P
   Supervisory Circuits with I2C Serial Serial CMOS EEPROM, Precision Reset Controller and Watchdog Timer (16K)
logo
ON Semiconductor
CAT1161JI-28 ONSEMI-CAT1161JI-28 Datasheet
163Kb / 13P
   Supervisory Circuits with I2C Serial CMOS EEPROM, Precision Reset Controller and Watchdog Timer (16K)null
July, 2012 ??Rev. 12
logo
Catalyst Semiconductor
CAT1161 CATALYST-CAT1161_07 Datasheet
163Kb / 14P
   Supervisory Circuits with I2C Serial CMOS EEPROM, Precision Reset Controller and Watchdog Timer
CAT1161 CATALYST-CAT1161 Datasheet
69Kb / 12P
   Supervisory Circuits with I2C Serial CMOS EEPROM, Precision Reset Controller and Watchdog Timer
CAT1163 CATALYST-CAT1163_07 Datasheet
150Kb / 14P
   Supervisory Circuits with I2C Serial Serial CMOS EEPROM, Precision Reset Controller and Watchdog Timer
CAT1163 CATALYST-CAT1163 Datasheet
69Kb / 12P
   Supervisory Circuit with I2C Serial CMOS EEPROM, Precision Reset Controller and Watchdog Timer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com