전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CAT1161WI-25-T3 데이터시트(PDF) 6 Page - Catalyst Semiconductor

부품명 CAT1161WI-25-T3
상세설명  Supervisory Circuits with I2C Serial CMOS EEPROM, Precision Reset Controller and Watchdog Timer (16K)
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  CATALYST [Catalyst Semiconductor]
홈페이지  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT1161WI-25-T3 데이터시트(HTML) 6 Page - Catalyst Semiconductor

Back Button CAT1161WI-25-T3 Datasheet HTML 2Page - Catalyst Semiconductor CAT1161WI-25-T3 Datasheet HTML 3Page - Catalyst Semiconductor CAT1161WI-25-T3 Datasheet HTML 4Page - Catalyst Semiconductor CAT1161WI-25-T3 Datasheet HTML 5Page - Catalyst Semiconductor CAT1161WI-25-T3 Datasheet HTML 6Page - Catalyst Semiconductor CAT1161WI-25-T3 Datasheet HTML 7Page - Catalyst Semiconductor CAT1161WI-25-T3 Datasheet HTML 8Page - Catalyst Semiconductor CAT1161WI-25-T3 Datasheet HTML 9Page - Catalyst Semiconductor CAT1161WI-25-T3 Datasheet HTML 10Page - Catalyst Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
CAT1161, CAT1162
© Catalyst Semiconductor, Inc.
6
Doc. No. MD-3002 Rev. G
Characteristics subject to change without notice
Hardware Data Protection
The CAT1161/2 is designed with the following
hardware data protection features to provide a high
degree of data integrity.
(1) The CAT1161/2 features a WP pin. When the WP
pin is tied high the entire memory array becomes
write protected (read only).
(2) The VCC sense provides write protection when VCC
falls below the reset threshold value (VTH). The
VCC lock out inhibits writes to the serial EEPROM
whenever VCC falls below (power down) VTH or
until VCC reaches the reset threshold (power up)
VTH. Any attempt to access the internal EEPROM
is not recognized and an ACK will not be sent on
the SDA line when RESET or RESET
¯¯¯¯¯¯ is active.
Reset Threshold Voltage
The CAT1161/2 is offered with five reset threshold
voltage ranges. They are 4.50 ÷ 4.75V, 4.25 ÷ 4.50V,
3.00 ÷ 3.15V, 2.85 ÷ 3.00V and 2.55 ÷ 2.70V.
Figure 2. Bus Timing
Figure 3. Write Cycle Timing
Figure 4. Start/Stop Timing
tHIGH
SCL
SDA IN
SDA OUT
tLOW
tF
tLOW
tR
tBUF
tSU:STO
tSU:DAT
tHD:DAT
tHD:STA
tSU:STA
tAA
tDH
tWR
STOP
CONDITION
START
CONDITION
ADDRESS
ACK
8TH BIT
BYTE n
SCL
SDA
START BIT
SDA
STOP BIT
SCL


유사한 부품 번호 - CAT1161WI-25-T3

제조업체부품명데이터시트상세설명
logo
Catalyst Semiconductor
CAT1161WI-25-GT2 CATALYST-CAT1161WI-25-GT2 Datasheet
163Kb / 14P
   Supervisory Circuits with I2C Serial CMOS EEPROM, Precision Reset Controller and Watchdog Timer
CAT1161WI-25-GT3 CATALYST-CAT1161WI-25-GT3 Datasheet
163Kb / 14P
   Supervisory Circuits with I2C Serial CMOS EEPROM, Precision Reset Controller and Watchdog Timer
logo
ON Semiconductor
CAT1161WI-25-GT3 ONSEMI-CAT1161WI-25-GT3 Datasheet
193Kb / 14P
   Supervisory Circuits with I2C Serial CMOS EEPROM, Precision Reset Controller and Watchdog Timer (16K)
Doc. No. MD-3002 Rev. I
CAT1161WI-25-GT3 ONSEMI-CAT1161WI-25-GT3 Datasheet
163Kb / 13P
   Supervisory Circuits with I2C Serial CMOS EEPROM, Precision Reset Controller and Watchdog Timer (16K)
July, 2012 - Rev. 12
CAT1161WI-25-GT3 ONSEMI-CAT1161WI-25-GT3 Datasheet
163Kb / 13P
   Supervisory Circuits with I2C Serial CMOS EEPROM, Precision Reset Controller and Watchdog Timer (16K)
July, 2012 ??Rev. 12
More results

유사한 설명 - CAT1161WI-25-T3

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
CAT1161PI-42 ONSEMI-CAT1161PI-42 Datasheet
163Kb / 13P
   Supervisory Circuits with I2C Serial CMOS EEPROM, Precision Reset Controller and Watchdog Timer (16K)
July, 2012 ??Rev. 12
CAT1161JI-30 ONSEMI-CAT1161JI-30 Datasheet
163Kb / 13P
   Supervisory Circuits with I2C Serial CMOS EEPROM, Precision Reset Controller and Watchdog Timer (16K)
July, 2012 ??Rev. 12
CAT1161 ONSEMI-CAT1161 Datasheet
193Kb / 14P
   Supervisory Circuits with I2C Serial CMOS EEPROM, Precision Reset Controller and Watchdog Timer (16K)
Doc. No. MD-3002 Rev. I
CAT1163 ONSEMI-CAT1163 Datasheet
239Kb / 14P
   Supervisory Circuits with I2C Serial CMOS EEPROM, Precision Reset Controller and Watchdog Timer (16K)
Doc. No. MD-3003 Rev. I
logo
Catalyst Semiconductor
CAT1163_0711 CATALYST-CAT1163_0711 Datasheet
211Kb / 14P
   Supervisory Circuits with I2C Serial Serial CMOS EEPROM, Precision Reset Controller and Watchdog Timer (16K)
logo
ON Semiconductor
CAT1161JI-28 ONSEMI-CAT1161JI-28 Datasheet
163Kb / 13P
   Supervisory Circuits with I2C Serial CMOS EEPROM, Precision Reset Controller and Watchdog Timer (16K)
July, 2012 - Rev. 12
logo
Catalyst Semiconductor
CAT1161 CATALYST-CAT1161_07 Datasheet
163Kb / 14P
   Supervisory Circuits with I2C Serial CMOS EEPROM, Precision Reset Controller and Watchdog Timer
CAT1161 CATALYST-CAT1161 Datasheet
69Kb / 12P
   Supervisory Circuits with I2C Serial CMOS EEPROM, Precision Reset Controller and Watchdog Timer
CAT1163 CATALYST-CAT1163_07 Datasheet
150Kb / 14P
   Supervisory Circuits with I2C Serial Serial CMOS EEPROM, Precision Reset Controller and Watchdog Timer
CAT1163 CATALYST-CAT1163 Datasheet
69Kb / 12P
   Supervisory Circuit with I2C Serial CMOS EEPROM, Precision Reset Controller and Watchdog Timer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com