전자부품 데이터시트 검색엔진 |
|
TPME108M006R0015 데이터시트(PDF) 2 Page - AVX Corporation |
|
TPME108M006R0015 데이터시트(HTML) 2 Page - AVX Corporation |
2 / 3 page 36 TPM Multianode Tantalum Ultra Low ESR Capacitor CAPACITANCE AND RATED VOLTAGE RANGE LETTER DENOTES CASE SIZE ESR LIMIT IN BRACKETS Developmental Ratings - subject to change, AVX reserve rights to change ESR specification prior to release. *Violet - Please Contact Manufacturer Released codes (M tolerance only) Note: Voltage ratings are minimum values. AVX reserves the right to supply higher ratings in the same case size, to the same reliability standards. Capacitance Rated Voltage DC (V R) to 85°C µF Code 2.5V (e) 4V (G) 6.3V (J) 10V (A) 16V (C) 20V (D) 25V (E) 35V (V) 50V (T) 6.8 685 D(200)* 10 106 D(140)* E(120) 15 156 E(75,100) 22 226 D(65)* E(75,100) E(60,100) 33 336 D(60)* D(75)* E(50,65) 47 476 D(55)* E(55,65) 68 686 D(50)* E(45,55) V 100 107 E(35,45) E 150 157 D(45)* E E(30,40) 220 227 D(35) E(25,40) 330 337 D(25,35) D(25,35) D(35) E E(23,35) 470 477 D(25,35) D(30) E(23,30)(M) E(18,23,30) 680 687 D(25) D(30)* E E(18,23) E(18,23), V(23) 1000 108 D(25) D(25)* E E(18,23), V(18) 1500 158 E(12,15,18) E(15,18) 2200 228 E(18)(M) |
유사한 부품 번호 - TPME108M006R0015 |
|
유사한 설명 - TPME108M006R0015 |