전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SN74AUC1G79 데이터시트(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
부품명 SN74AUC1G79
상세설명  SINGLE POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOP
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

SN74AUC1G79 데이터시트(HTML) 4 Page - Texas Instruments

  SN74AUC1G79 Datasheet HTML 1Page - Texas Instruments SN74AUC1G79 Datasheet HTML 2Page - Texas Instruments SN74AUC1G79 Datasheet HTML 3Page - Texas Instruments SN74AUC1G79 Datasheet HTML 4Page - Texas Instruments SN74AUC1G79 Datasheet HTML 5Page - Texas Instruments SN74AUC1G79 Datasheet HTML 6Page - Texas Instruments SN74AUC1G79 Datasheet HTML 7Page - Texas Instruments SN74AUC1G79 Datasheet HTML 8Page - Texas Instruments SN74AUC1G79 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
www.ti.com
Timing Requirements
Switching Characteristics
Switching Characteristics
Operating Characteristics
SN74AUC1G79
SINGLE POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOP
SCES387K – MARCH 2002 – REVISED APRIL 2007
over recommended operating free-air temperature range (unless otherwise noted) (see Figure 1)
VCC = 1.2 V VCC = 1.5 V VCC = 1.8 V VCC = 2.5 V
VCC = 0.8 V
UNIT
± 0.1 V
± 0.1 V
± 0.15 V
± 0.2 V
TYP
MIN MAX
MIN MAX
MIN MAX
MIN MAX
MHz
fclock Clock frequency
50
200
225
250
275
ns
tw
Pulse duration, CLK high or low
4.6
1.7
1.7
1.7
1.7
ns
tsu
Setup time before CLK
↑, data high or low
1.5
1.1
0.7
0.7
0.5
ns
th
Hold time, data after CLK
0
0
0
0
0.1
ns
over recommended operating free-air temperature range, C
L = 15 pF (unless otherwise noted) (see Figure 1)
VCC = 1.2 V
VCC = 1.5 V
VCC = 1.8 V
VCC = 2.5 V
VCC = 0.8 V
FROM
TO
± 0.1 V
± 0.1 V
± 0.15 V
± 0.2 V
PARAMETER
UNIT
(INPUT)
(OUTPUT)
TYP
MIN
MAX
MIN
MAX
MIN
TYP
MAX
MIN
MAX
fmax
50
200
225
250
275
MHz
tpd
CLK
Q
5
1
3.9
0.8
2.5
0.3
1
1.9
0.3
1.3
ns
over recommended operating free-air temperature range, C
L = 30 pF (unless otherwise noted) (see Figure 1)
VCC = 1.8 V
VCC = 2.5 V
FROM
TO
± 0.15 V
± 0.2 V
PARAMETER
UNIT
(INPUT)
(OUTPUT)
MIN
TYP
MAX
MIN
MAX
fmax
250
275
ns
tpd
CLK
Q
0.8
1.5
2.4
0.6
1.8
ns
T
A = 25°C
VCC = 0.8 V
VCC = 1.2 V
VCC = 1.5 V
VCC = 1.8 V
VCC = 2.5 V
TEST
PARAMETER
UNIT
CONDITIONS
TYP
TYP
TYP
TYP
TYP
Power dissipation
Cpd
f = 10 MHz
18
18
18
18.5
20.5
pF
capacitance
4
Submit Documentation Feedback


유사한 부품 번호 - SN74AUC1G79

제조업체부품명데이터시트상세설명
logo
Texas Instruments
SN74AUC1G79 TI-SN74AUC1G79 Datasheet
335Kb / 13P
[Old version datasheet]   SINGLE POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOP
SN74AUC1G79 TI-SN74AUC1G79 Datasheet
478Kb / 12P
[Old version datasheet]   SINGLE POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOP
SN74AUC1G79DBVR TI-SN74AUC1G79DBVR Datasheet
335Kb / 13P
[Old version datasheet]   SINGLE POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOP
SN74AUC1G79DBVR TI-SN74AUC1G79DBVR Datasheet
478Kb / 12P
[Old version datasheet]   SINGLE POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOP
SN74AUC1G79DBVRE4 TI-SN74AUC1G79DBVRE4 Datasheet
478Kb / 12P
[Old version datasheet]   SINGLE POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOP
More results

유사한 설명 - SN74AUC1G79

제조업체부품명데이터시트상세설명
logo
Renesas Technology Corp
HD74ALVC1G80 RENESAS-HD74ALVC1G80 Datasheet
97Kb / 11P
   Single Positive Edge-triggered D-type Flip Flop
logo
STMicroelectronics
74V1T79 STMICROELECTRONICS-74V1T79 Datasheet
111Kb / 9P
   SINGLE POSITIVE EDGE TRIGGERED D-TYPE FLIP-FLOP
April 2004
logo
Texas Instruments
SN74AUC1G74 TI-SN74AUC1G74_08 Datasheet
637Kb / 15P
[Old version datasheet]   SINGLE POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOP
SN74LVC1G79-EP TI1-SN74LVC1G79-EP Datasheet
373Kb / 11P
[Old version datasheet]   SINGLE POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOP
logo
Unisonic Technologies
U74LVC1G79 UTC-U74LVC1G79 Datasheet
192Kb / 7P
   SINGLE POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOP
logo
Renesas Technology Corp
RD74LVC1G79 RENESAS-RD74LVC1G79 Datasheet
2Mb / 9P
   Single Positive Edge-triggered D-type Flip Flop
logo
STMicroelectronics
74V1G80 STMICROELECTRONICS-74V1G80 Datasheet
200Kb / 10P
   SINGLE POSITIVE EDGE TRIGGERED D-TYPE FLIP-FLOP
logo
Renesas Technology Corp
HD74ALVC1G79 RENESAS-HD74ALVC1G79_15 Datasheet
118Kb / 13P
   Single Positive Edge-triggered D-type Flip Flop
logo
Texas Instruments
SN74LVC1G80-Q1 TI1-SN74LVC1G80-Q1 Datasheet
881Kb / 23P
[Old version datasheet]   Single Positive-Edge-Triggered D-Type Flip-Flop
SN74LVC1G79 TI-SN74LVC1G79 Datasheet
431Kb / 14P
[Old version datasheet]   SINGLE POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOP
logo
STMicroelectronics
74V1T80 STMICROELECTRONICS-74V1T80 Datasheet
121Kb / 9P
   SINGLE POSITIVE EDGE TRIGGERED D-TYPE FLIP-FLOP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com