전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TS3DV416DGVRG4 데이터시트(PDF) 10 Page - Texas Instruments

부품명 TS3DV416DGVRG4
상세설명  4-CHANNEL DIFFERENTIAL 8:16 MULTIPLEXER SWITCH FOR DVI/HDMI APPLICATIONS
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

TS3DV416DGVRG4 데이터시트(HTML) 10 Page - Texas Instruments

Back Button TS3DV416DGVRG4 Datasheet HTML 6Page - Texas Instruments TS3DV416DGVRG4 Datasheet HTML 7Page - Texas Instruments TS3DV416DGVRG4 Datasheet HTML 8Page - Texas Instruments TS3DV416DGVRG4 Datasheet HTML 9Page - Texas Instruments TS3DV416DGVRG4 Datasheet HTML 10Page - Texas Instruments TS3DV416DGVRG4 Datasheet HTML 11Page - Texas Instruments TS3DV416DGVRG4 Datasheet HTML 12Page - Texas Instruments TS3DV416DGVRG4 Datasheet HTML 13Page - Texas Instruments TS3DV416DGVRG4 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
www.ti.com
PARAMETER MEASUREMENT INFORMATION
CL
(see Note A)
TEST CIRCUIT
S1
2
× VDD
Open
GND
RL
RL
VOH
VOL
VOLTAGE WAVEFORMS
OUTPUT SKEW (tsk(o))
Data Out at
YB1 or YB2
NOTES: A. CL includes probe and jig capacitance.
B. Waveform 1 is for an output with internal conditions such that the output is low, except when disabled by the output control.
Waveform 2 is for an output with internal conditions such that the output is high, except when disabled by the output control.
C. All input pulses are supplied by generators having the following characteristics: PRR
≤ 10 MHz, ZO = 50 Ω, tr ≤ 2.5 ns, tf ≤ 2.5 ns.
D. The outputs are measured one at a time, with one transition per measurement.
50
VG1
VDD
DUT
50
VIN
50
VG2
50
VI
TEST
RL
S1
V
CL
3.3 V
± 0.3 V
VDD
VI
tsk(p)
tsk(o)
3.3 V
± 0.3 V
Open
Open
200
200
VDD or GND
VDD or GND
10 pF
10 pF
Input Generator
Input Generator
VO
(VOH + VOL)/2
VOH
VOL
Data Out at
XB1 or XB2
(VOH + VOL)/2
3.5 V
1.5 V
Data In at
Ax or Ay
2.5 V
tPLHx
tPHLx
tsk(o)
tsk(o)
tPLHy
tPHLy
tsk(o) = |tPLHy − tPLHx| or |tPHLy − tPHLx|
VOH
VOL
VOLTAGE WAVEFORMS
PULSE SKEW (tsk(p))
Output
(VOH + VOL)/2
Input
2.5 V
tPLH
tPHL
tsk(p) =
|tPHL − tPLH|
3.5 V
1.5 V
TS3DV416
4-CHANNEL DIFFERENTIAL 8:16 MULTIPLEXER SWITCH
FOR DVI/HDMI APPLICATIONS
SCDS198C – OCTOBER 2005 – REVISED MAY 2006
(Skew)
Figure 5. Test Circuit and Voltage Waveforms
10
Submit Documentation Feedback


유사한 부품 번호 - TS3DV416DGVRG4

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TS3DV416DGVRG4 TI-TS3DV416DGVRG4 Datasheet
469Kb / 18P
[Old version datasheet]   4-CHANNEL DIFFERENTIAL 8:16 MULTIPLEXER SWITCH FOR DVI/HDMI APPLICATIONS
More results

유사한 설명 - TS3DV416DGVRG4

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TS3DV421 TI-TS3DV421 Datasheet
654Kb / 19P
[Old version datasheet]   4-CHANNEL DIFFERENTIAL 8:16 MULTIPLEXER SWITCH FOR DVI/HDMI APPLICATIONS
TS3DV416 TI-TS3DV416_07 Datasheet
362Kb / 19P
[Old version datasheet]   4-CHANNEL DIFFERENTIAL 8:16 MULTIPLEXER SWITCH FOR DVI/HDMI APPLICATIONS
TS3DV416 TI-TS3DV416_09 Datasheet
469Kb / 18P
[Old version datasheet]   4-CHANNEL DIFFERENTIAL 8:16 MULTIPLEXER SWITCH FOR DVI/HDMI APPLICATIONS
TS3DV416 TI-TS3DV416 Datasheet
509Kb / 17P
[Old version datasheet]   4-CHANNEL DIFFERENTIAL 8:16 MUX SWITCH FOR DVI/HDMI APPLICATIONS
TS3DV520 TI-TS3DV520 Datasheet
285Kb / 15P
[Old version datasheet]   5-CHANNEL DIFFERENTIAL 10:20 MULTIPLEXER SWITCH FOR DVI/HDMI APPLICATIONS
TS3DV520E TI-TS3DV520E Datasheet
299Kb / 15P
[Old version datasheet]   5-CHANNEL DIFFERENTIAL 10:20 MULTIPLEXER SWITCH FOR DVI/HDMI APPLICATIONS
TS3DV520RHURG4 TI-TS3DV520RHURG4 Datasheet
472Kb / 20P
[Old version datasheet]   5-CHANNEL DIFFERENTIAL 10:20 MULTIPLEXER SWITCH FOR DVI/HDMI APPLICATIONS
TS3DV520E TI-TS3DV520E_10 Datasheet
618Kb / 19P
[Old version datasheet]   5-CHANNEL DIFFERENTIAL 10:20 MULTIPLEXER SWITCH FOR DVI/HDMI APPLICATIONS
logo
Pericom Semiconductor C...
PI3HDMI414 PERICOM-PI3HDMI414 Datasheet
944Kb / 10P
   4-Differential Channel, 4:1 Mux/DeMux, DVI/HDMI Compliant Signal Switch
logo
Texas Instruments
TMDS442 TI-TMDS442 Datasheet
1Mb / 45P
[Old version datasheet]   4-TO-2 DVI/HDMI SWITCH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com