전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ADP1043 데이터시트(PDF) 3 Page - Analog Devices

부품명 ADP1043
상세설명  Digital Controller for Isolated Power Supply Applications
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

ADP1043 데이터시트(HTML) 3 Page - Analog Devices

  ADP1043 Datasheet HTML 1Page - Analog Devices ADP1043 Datasheet HTML 2Page - Analog Devices ADP1043 Datasheet HTML 3Page - Analog Devices ADP1043 Datasheet HTML 4Page - Analog Devices ADP1043 Datasheet HTML 5Page - Analog Devices ADP1043 Datasheet HTML 6Page - Analog Devices ADP1043 Datasheet HTML 7Page - Analog Devices ADP1043 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Preliminary Technical Data
ADP1043
Rev. PrA | Page 3 of 8
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
PIN 1
INDICATOR
1
VS2
2
AGND
3
VS1
4
CS2–
5
CS2+
6
ACSNS
7
CS1
8
PGND
24 SHAREi
23 SHAREo
22 PGOOD1
21 PGOOD2
20 FLAGIN
19 PSON
18 SDA
17 SCL
ADP1043
TOP VIEW
(Not to Scale)
Figure 3. Pin Configuration
Table 1. Pin Function Descriptions
Pin No.
Mnemonic
Description
1
VS2
Power Supply Output Sense Input. This signal is referred to PGND. Input to a low
frequency Σ-Δ ADC. Nominal voltage at this pin should be 1 V.
2
AGND
Analog Ground. This pin is the ground for the analog circuitry of the ADP1043. Star
connect to DGND.
3
VS1
Local Voltage Sense Input. This signal is referred to PGND. Input to a high frequency Σ-Δ
ADC. Nominal voltage at this pin should be 1 V.
4
CS2−
Inverting Differential Current Sense Input. Nominal voltage at this pin should be 1 V for
best operation. When using high-side current sense in a 12 V application, a 110 kΩ
resistor should be placed between the sense resistor and this pin. When using low-side
current sense, a 10 kΩ resistor should be placed between the sense resistor and this pin.
When using high-side, use the formula R = (VCOMMONMODE − 1)/100 μA.
5
CS2+
Noninverting Differential Current Sense Input. Nominal voltage at this pin should be 1 V
for best operation. When using high-side current sense in a 12 V application, a 110 kΩ
resistor should be placed between the sense resistor and this pin. When using low-side
current sense, a 10 kΩ resistor should be placed between the sense resistor and this pin.
When using high-side, use the formula R = (VCOMMONMODE − 1)/100 μA.
6
ACSNS
AC Sense Input. This input is connected upstream of the main inductor through a
resistor divider network. The nominal voltage at this pin should be 1 V. This signal is
referred to PGND.
7
CS1
Primary Side Differential Current Sense Input. This is the current transformer input to
measure and control the primary side current. This signal is referred to PGND.
8
PGND
Power Ground. This pin is the ground connection for the main power rail of the power
supply. Star connect to AGND.
9
SR1
Synchronous Rectifier Output. This PWM output is connected to the input of a FET driver.
This pin can be disabled when not in use. This signal is referred to AGND.
10
SR2
Synchronous Rectifier Output. This PWM output is connected to the input of a FET driver.
This pin can be disabled when not in use. This signal is referred to AGND.
11
OUTA
PWM Output for Primary Side Switch. This pin can be disabled when not in use. This
signal is referred to AGND.
12
OUTB
PWM Output for Primary Side Switch. This pin can be disabled when not in use. This
signal is referred to AGND.
13
OUTC
PWM Output for Primary Side Switch. This pin can be disabled when not in use. This
signal is referred to AGND.
14
OUTD
PWM Output for Primary Side Switch. This pin can be disabled when not in use. This
signal is referred to AGND.
15
OUTAUX
Auxiliary PWM Output. This pin can be disabled when not in use. This signal is referred
to AGND.
16
GATE
OrFET Gate Drive Output. This output is open drain. This signal is referred to AGND.


유사한 부품 번호 - ADP1043

제조업체부품명데이터시트상세설명
logo
Analog Devices
ADP1043A AD-ADP1043A Datasheet
1Mb / 72P
   Digital Controller for Isolated Power Supply Applications
REV. 0
ADP1043AACPZ-RL AD-ADP1043AACPZ-RL Datasheet
1Mb / 72P
   Digital Controller for Isolated Power Supply Applications
REV. 0
More results

유사한 설명 - ADP1043

제조업체부품명데이터시트상세설명
logo
Analog Devices
ADP1046A AD-ADP1046A Datasheet
1Mb / 88P
   Digital Controller for Isolated Power Supply Applications
REV. 0
ADP1043A AD-ADP1043A Datasheet
1Mb / 72P
   Digital Controller for Isolated Power Supply Applications
REV. 0
ADP1051 AD-ADP1051 Datasheet
785Kb / 17P
   Digital Controller for Isolated Power Supply with PMBus Interface
Rev. PrA
ADP1052 AD-ADP1052 Datasheet
2Mb / 113P
   Digital Controller for Isolated Power Supply with PMBus Interface
Rev. B
ADP1055 AD-ADP1055 Datasheet
1Mb / 140P
   Digital Controller for Power Supply Applications with PMBus Interface
ADP1046AW AD-ADP1046AW Datasheet
1Mb / 88P
   Digital Controller for Isolated
ADP1046 AD-ADP1046 Datasheet
2Mb / 96P
   Digital Controller for Isolated
REV. 0
logo
Texas Instruments
UCD3138 TI1-UCD3138_16 Datasheet
3Mb / 89P
[Old version datasheet]   Highly Integrated Digital Controller for Isolated Power
UCD3138A TI1-UCD3138A Datasheet
3Mb / 87P
[Old version datasheet]   Highly-Integrated Digital Controller for Isolated Power
UCD3138A TI-UCD3138A_15 Datasheet
2Mb / 83P
[Old version datasheet]   Highly Integrated Digital Controller for Isolated Power
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com