전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MC14527B 데이터시트(PDF) 4 Page - Motorola, Inc

부품명 MC14527B
상세설명  BCD Rate Multiplier
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MOTOROLA [Motorola, Inc]
홈페이지  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC14527B 데이터시트(HTML) 4 Page - Motorola, Inc

  MC14527B Datasheet HTML 1Page - Motorola, Inc MC14527B Datasheet HTML 2Page - Motorola, Inc MC14527B Datasheet HTML 3Page - Motorola, Inc MC14527B Datasheet HTML 4Page - Motorola, Inc MC14527B Datasheet HTML 5Page - Motorola, Inc MC14527B Datasheet HTML 6Page - Motorola, Inc MC14527B Datasheet HTML 7Page - Motorola, Inc MC14527B Datasheet HTML 8Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
MOTOROLA CMOS LOGIC DATA
MC14527B
4
Figure 1. Test Circuit and Timing Diagram
Figure 2. Switching Time Test Circuit and Waveforms
CLOCK
0 1 2 3 4 5 6 7 8 9 0 1 2 3 4
Qa
Qb
Qc
Qd
R1
R2
R3
R4
OUTPUT (PIN 6)
A ENABLED
B ENABLED
C ENABLED
D ENABLED
Eout
OUTPUT (PIN 6)
(PRESET NO. OF 1)
(PRESET NO. OF 2)
(PRESET NO. OF 3)
(PRESET NO. OF 4)
(PRESET NO. OF 5)
(PRESET NO. OF 6)
(PRESET NO. OF 7)
(PRESET NO. OF 8)
(PRESET NO. OF 9)
20 ns
20 ns
tTLH
tTHL
CLOCK
SET
90%
10%
50%
50%
50%
50%
90%
10%
tTLH
tTHL
SET
OUT
ENABLE IN
trem
tsu
tWH
tPHL
tPHL
tPLH
1
fcl
VDD
VSS
MULTIPLIER
PRESET NO.
S
CLEAR
CASC
Ein
CLOCK
ST
A
B
C
D
Eout
OUT
OUT
“9”
PULSE
GENERATOR
PROGRAMMABLE
PULSE
GENERATOR
VDD
VSS
CL
CL
CL
CL
CASC
Ein
CLOCK
ST
A
B
C
D
Eout
OUT
OUT
“9”
S
CLEAR


유사한 부품 번호 - MC14527B

제조업체부품명데이터시트상세설명
logo
Motorola, Inc
MC145200 MOTOROLA-MC145200 Datasheet
331Kb / 23P
   2.0 GHz PLL Frequency Synthesizers
MC145200DT MOTOROLA-MC145200DT Datasheet
331Kb / 23P
   2.0 GHz PLL Frequency Synthesizers
MC145200F MOTOROLA-MC145200F Datasheet
331Kb / 23P
   2.0 GHz PLL Frequency Synthesizers
MC145201 MOTOROLA-MC145201 Datasheet
331Kb / 23P
   2.0 GHz PLL Frequency Synthesizers
MC145201DT MOTOROLA-MC145201DT Datasheet
331Kb / 23P
   2.0 GHz PLL Frequency Synthesizers
More results

유사한 설명 - MC14527B

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
HEF4527B PHILIPS-HEF4527B Datasheet
95Kb / 10P
   BCD rate multiplier
January 1995
logo
Texas Instruments
CD4527B TI-CD4527B Datasheet
265Kb / 6P
[Old version datasheet]   CMOS BCD RATE MULTIPLIER
NTE4527B TI-NTE4527B Datasheet
1,021Kb / 14P
[Old version datasheet]   CMOS BCD Rate Multiplier
logo
Intersil Corporation
CD4527BMS INTERSIL-CD4527BMS Datasheet
101Kb / 11P
   CMOS BCD Rate Multiplier
December 1992
logo
Texas Instruments
CD4527B TI1-CD4527B_V01 Datasheet
856Kb / 19P
[Old version datasheet]   CMOS BCD Rate Multiplier
Revised July 2003
logo
Hitachi Semiconductor
HD14527B HITACHI-HD14527B Datasheet
94Kb / 6P
   BCD Rate Muliplier
logo
STMicroelectronics
HCF4527B STMICROELECTRONICS-HCF4527B_02 Datasheet
265Kb / 12P
   BCD RATE MULTIPLEXER
HCC4527B STMICROELECTRONICS-HCC4527B Datasheet
232Kb / 13P
   BCD RATE MULTIPLEXER
logo
Texas Instruments
CD4527BE TI1-CD4527BE Datasheet
1,009Kb / 14P
[Old version datasheet]   CMOS BCD Rata Multiplier
logo
STMicroelectronics
HCC4089B STMICROELECTRONICS-HCC4089B Datasheet
234Kb / 13P
   BINARY RATE MULTIPLIER
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com