전자부품 데이터시트 검색엔진 |
|
SN74AHCT132PWRE4 데이터시트(PDF) 1 Page - Texas Instruments |
|
|
SN74AHCT132PWRE4 데이터시트(HTML) 1 Page - Texas Instruments |
1 / 10 page SN54AHCT132, SN74AHCT132 QUADRUPLE POSITIVE-NAND GATES WITH SCHMITT-TRIGGER INPUTS SCLS366G – MAY 1997 – REVISED APRIL 2002 1 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 D Inputs Are TTL-Voltage Compatible D Operation From Very Slow Input Transitions D Temperature-Compensated Threshold Levels D High Noise Immunity D Same Pinouts as ’AHCT00 D Latch-Up Performance Exceeds 250 mA Per JESD 17 D ESD Protection Exceeds JESD 22 – 2000-V Human-Body Model (A114-A) – 200-V Machine Model (A115-A) – 1000-V Charged-Device Model (C101) description The ’AHCT132 devices are quadruple positive-NAND gates. These devices perform the Boolean function Y = A • B or Y = A + B in positive logic. Each circuit functions as a NAND gate, but because of the Schmitt action, it has different input threshold levels for positive- and negative-going signals. These circuits are temperature compensated and can be triggered from the slowest of input ramps and still give clean jitter-free output signals. ORDERING INFORMATION TA PACKAGE† ORDERABLE PART NUMBER TOP-SIDE MARKING PDIP – N Tube SN74AHCT132N SN74AHCT132N SOIC – D Tube SN74AHCT132D AHCT132 SOIC – D Tape and reel SN74AHCT132DR AHCT132 –40 °C to 85°C SOP – NS Tape and reel SN74AHCT132NSR AHCT132 SSOP – DB Tape and reel SN74AHCT132DBR HB132 TSSOP – PW Tape and reel SN74AHCT132PWR HB132 TVSOP – DGV Tape and reel SN74AHCT132DGVR HB132 CDIP – J Tube SNJ54AHCT132J SNJ54AHCT132J –55 °C to 125°C CFP – W Tube SNJ54AHCT132W SNJ54AHCT132W LCCC – FK Tube SNJ54AHCT132FK SNJ54AHCT132FK † Package drawings, standard packing quantities, thermal data, symbolization, and PCB design guidelines are available at www.ti.com/sc/package. Copyright 2002, Texas Instruments Incorporated UNLESS OTHERWISE NOTED this document contains PRODUCTION DATA information current as of publication date. Products conform to specifications per the terms of Texas Instruments standard warranty. Production processing does not necessarily include testing of all parameters. Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet. SN54AHCT132 ...J OR W PACKAGE SN74AHCT132 . . . D, DB, DGV, N, NS, OR PW PACKAGE (TOP VIEW) 32 1 20 19 910 11 1213 4 5 6 7 8 18 17 16 15 14 SN54AHCT132 . . . FK PACKAGE (TOP VIEW) NC – No internal connection 1 2 3 4 5 6 7 14 13 12 11 10 9 8 1A 1B 1Y 2A 2B 2Y GND VCC 4B 4A 4Y 3B 3A 3Y 4A NC 4Y NC 3B 1Y NC 2A NC 2B |
유사한 부품 번호 - SN74AHCT132PWRE4 |
|
유사한 설명 - SN74AHCT132PWRE4 |
|
|
링크 URL |
개인정보취급방침 |
ALLDATASHEET.CO.KR |
ALLDATASHEET 가 귀하에 도움이 되셨나요? [ DONATE ] |
Alldatasheet는? | 광고문의 | 운영자에게 연락하기 | 개인정보취급방침 | 링크교환 | 제조사별 검색 All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |