전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STK17T88-RF25I 데이터시트(PDF) 1 Page - Simtek Corporation

부품명 STK17T88-RF25I
상세설명  32K x 8 AutoStore nvSRAM with Real-Time Clock
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SIMTEK [Simtek Corporation]
홈페이지  http://www.simtek.com
Logo SIMTEK - Simtek Corporation

STK17T88-RF25I 데이터시트(HTML) 1 Page - Simtek Corporation

  STK17T88-RF25I Datasheet HTML 1Page - Simtek Corporation STK17T88-RF25I Datasheet HTML 2Page - Simtek Corporation STK17T88-RF25I Datasheet HTML 3Page - Simtek Corporation STK17T88-RF25I Datasheet HTML 4Page - Simtek Corporation STK17T88-RF25I Datasheet HTML 5Page - Simtek Corporation STK17T88-RF25I Datasheet HTML 6Page - Simtek Corporation STK17T88-RF25I Datasheet HTML 7Page - Simtek Corporation STK17T88-RF25I Datasheet HTML 8Page - Simtek Corporation STK17T88-RF25I Datasheet HTML 9Page - Simtek Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 29 page
background image
STK17T88
1
This product conforms to specifications per the
terms of Simtek standard warranty. The product
has completed Simtek internal qualification testing
and has reached production status.
Jan, 2008
Document Control #ML0024 Rev 2.0
FEATURES
• nvSRAM Combined With Integrated Real-Time
Clock Functions (RTC, Watchdog Timer, Clock
Alarm, Power Monitor)
• Capacitor or Battery Backup for RTC
• 25, 45 ns Read Access & R/W Cycle Time
• Unlimited Read/Write Endurance
• Automatic Non-volatile STORE on Power Loss
• Non-Volatile STORE Under Hardware or Soft-
ware Control
• Automatic RECALL to SRAM on Power Up
• Unlimited RECALL Cycles
• 200K STORE Cycles
• 20-Year Non-volatile Data Retention
• Single 3 V +20%, -10% Power Supply
• Commercial and Industrial Temperatures
• 48-pin 300-mil SSOP Package (RoHS-
Compliant)
DESCRIPTION
The Simtek STK17T88 combines a 256Kb non-vola-
tile static RAM (nvSRAM) with a full-featured real-
time clock in a reliable, monolithic integrated circuit.
The 256Kbit nvSRAM is a fast static RAM with a
non-volatile
Quantum
Trap
storage
element
included with each memory cell.
The SRAM provides the fast access & cycle times,
ease of use and unlimited read & write endurance of
a normal SRAM. Data transfers automatically to the
non-volatile storage cells when power loss is
detected (the STORE operation). On power up, data
is automatically restored to the SRAM (the RECALL
operation). Both STORE and RECALL operations
are also available under software control.
The real time clock function provides an accurate
clock with leap year tracking and a programmable,
high accuracy oscillator. The Alarm function is pro-
grammable for one-time alarms or periodic minutes,
hours, or days alarms. There is also a programma-
ble watchdog timer for processor control.
32K x 8 AutoStore nvSRAM with Real-Time Clock
COLUMN DEC
G
E
W
COLUMN I/O
POWER
CONTROL
HSB
STORE/
RECALL
CONTROL
SOFTWARE
DETECT
A13 – A0
STORE
RECALL
DQ0
DQ1
DQ2
DQ3
DQ4
DQ5
DQ6
DQ7
VCC
VCAP
RTC
MUX
A14 – A0
X1
X2
INT
VRTCbat
VRTCcap
A5
A6
A7
A8
A9
A11
A12
A13
A14
A0 A1 A2 A3 A4 A10
Quantum Trap
512 X 512
STATIC RAM
ARRAY
512 X 512
BLOCK DIAGRAM


유사한 부품 번호 - STK17T88-RF25I

제조업체부품명데이터시트상세설명
logo
Simtek Corporation
STK17T88-RF25I SIMTEK-STK17T88-RF25I Datasheet
581Kb / 28P
   32K x 8 AutoStore nvSRAM
logo
Cypress Semiconductor
STK17T88-RF25I CYPRESS-STK17T88-RF25I Datasheet
603Kb / 22P
   32K x 8 AutoStore nvSRAM with Real Time Clock
logo
Simtek Corporation
STK17T88-RF25ITR SIMTEK-STK17T88-RF25ITR Datasheet
581Kb / 28P
   32K x 8 AutoStore nvSRAM
logo
Cypress Semiconductor
STK17T88-RF25ITR CYPRESS-STK17T88-RF25ITR Datasheet
603Kb / 22P
   32K x 8 AutoStore nvSRAM with Real Time Clock
More results

유사한 설명 - STK17T88-RF25I

제조업체부품명데이터시트상세설명
logo
Cypress Semiconductor
STK17T88 CYPRESS-STK17T88 Datasheet
603Kb / 22P
   32K x 8 AutoStore nvSRAM with Real Time Clock
logo
List of Unclassifed Man...
STK1744 ETC-STK1744 Datasheet
315Kb / 12P
   32K x 8 AutoStore nvSRAM with Real-Time Clock
logo
Cypress Semiconductor
STK17TA8 CYPRESS-STK17TA8 Datasheet
787Kb / 23P
   128k X 8 AutoStore nvSRAM with Real Time Clock
logo
List of Unclassifed Man...
STK17T88 ETC-STK17T88 Datasheet
284Kb / 25P
   nvTime Event Data Recorder 32K x 8 AutoStore nvSRAM With Real-Time Clock
STK1743 ETC-STK1743 Datasheet
253Kb / 10P
   NV TIME 8K X 8 AUTOSTORE NVSRAM WITH REAL - TIME CLOCK
logo
Simtek Corporation
STK17TA8 SIMTEK-STK17TA8 Datasheet
685Kb / 28P
   128Kx8 Autostore nvSRAM With Real-Time Clock
logo
Cypress Semiconductor
CY14B256KA CYPRESS-CY14B256KA Datasheet
755Kb / 26P
   256 Kbit (32K x 8) nvSRAM with Real Time Clock
logo
Simtek Corporation
STK17TA8 SIMTEK-STK17TA8_08 Datasheet
647Kb / 29P
   128Kx8 Autostore nvSRAM With Real-Time Clock
logo
Cypress Semiconductor
CY14B256K CYPRESS-CY14B256K Datasheet
1Mb / 23P
   256-Kbit (32K x 8) nvSRAM with Real-Time-Clock
CY14B256K CYPRESS-CY14B256K_09 Datasheet
796Kb / 28P
   256 Kbit (32K x 8) nvSRAM with Real Time Clock
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com