전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STK14D88-NF25I 데이터시트(PDF) 8 Page - Simtek Corporation

부품명 STK14D88-NF25I
상세설명  32Kx8 Autostore nvSRAM
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SIMTEK [Simtek Corporation]
홈페이지  http://www.simtek.com
Logo SIMTEK - Simtek Corporation

STK14D88-NF25I 데이터시트(HTML) 8 Page - Simtek Corporation

Back Button STK14D88-NF25I Datasheet HTML 4Page - Simtek Corporation STK14D88-NF25I Datasheet HTML 5Page - Simtek Corporation STK14D88-NF25I Datasheet HTML 6Page - Simtek Corporation STK14D88-NF25I Datasheet HTML 7Page - Simtek Corporation STK14D88-NF25I Datasheet HTML 8Page - Simtek Corporation STK14D88-NF25I Datasheet HTML 9Page - Simtek Corporation STK14D88-NF25I Datasheet HTML 10Page - Simtek Corporation STK14D88-NF25I Datasheet HTML 11Page - Simtek Corporation STK14D88-NF25I Datasheet HTML 12Page - Simtek Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
8
Jan 2008
Document Control #ML0033 Rev 2.0
STK14D88
SOFTWARE-CONTROLLED STORE/RECALL CYCLEl,m
Note l:
The software sequence is clocked on the falling edge of E controlled READs
Note m: The six consecutive addresses must be read in the order listed in the Software STORE/RECALL Mode Selection Table. W must be high during
all six consecutive cycles.
SOFTWARE STORE/RECALL CYCLE: E and G CONTROLLEDm
NO.
Symbols
PARAMETER
STK14D88-35
STK14D88-35
STK14D88-45
UNITS
NOTES
E Cont
Alternate
MIN
MAX
MIN
MAX
MIN
MAX
26
tAVAV
tRC
STORE
/RECALL Initiation Cycle Time
25
35
45
ns
m
27
tAVEL
tAS
Address Set-up Time
0
0
0
ns
28
tELEH
tCW
Clock Pulse Width
20
25
30
ns
29
tEHAX
Address Hold Time
1
1
1
ns
30
tRECALL
RECALL
Duration
50
50
50
μs
DQ (DATA)
G
E
26
tAVAV
DATA VALID
ADDRESS
ADDRESS #1
HIGH IMPEDENCE
27
tAVEL
29
tEHAX
28
tELEH
30
tRECALL
26
tAVAV
ADDRESS #6
23
tSTORE
DATA VALID
/


유사한 부품 번호 - STK14D88-NF25I

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
STK14D88-NF25I ETC-STK14D88-NF25I Datasheet
216Kb / 15P
   32K x 8 AutoStore nvSRAM CMOS Nonvolatile Static RAM
logo
Simtek Corporation
STK14D88-NF25I SIMTEK-STK14D88-NF25I Datasheet
564Kb / 19P
   32Kx8 Autostore nvSRAM
STK14D88-NF25ITR SIMTEK-STK14D88-NF25ITR Datasheet
564Kb / 19P
   32Kx8 Autostore nvSRAM
More results

유사한 설명 - STK14D88-NF25I

제조업체부품명데이터시트상세설명
logo
Simtek Corporation
STK14C88-3 SIMTEK-STK14C88-3 Datasheet
492Kb / 17P
   32Kx8 AutoStore nvSRAM
STK16C88 SIMTEK-STK16C88_08 Datasheet
359Kb / 13P
   32Kx8 AutoStore nvSRAM
STK14C88 SIMTEK-STK14C88 Datasheet
397Kb / 19P
   32Kx8 AutoStore nvSRAM
STK14D88 SIMTEK-STK14D88 Datasheet
564Kb / 19P
   32Kx8 Autostore nvSRAM
logo
Cypress Semiconductor
STK14D88 CYPRESS-STK14D88 Datasheet
422Kb / 17P
   32Kx8 AutoStore nvSRAM
logo
Simtek Corporation
STK14C88 SIMTEK-STK14C88_08 Datasheet
388Kb / 19P
   32Kx8 AutoStore nvSRAM
STK14C88-3 SIMTEK-STK14C88-3_08 Datasheet
425Kb / 18P
   32Kx8 AutoStore nvSRAM
STK16C88-3 SIMTEK-STK16C88-3_08 Datasheet
343Kb / 13P
   32Kx8 AutoStore nvSRAM
STK16C88-3 SIMTEK-STK16C88-3 Datasheet
363Kb / 12P
   32Kx8 AutoStore nvSRAM
STK16C88 SIMTEK-STK16C88 Datasheet
378Kb / 12P
   32Kx8 AutoStore nvSRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com