전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SS1621BL-48LQFP 데이터시트(PDF) 1 Page - List of Unclassifed Manufacturers

부품명 SS1621BL-48LQFP
상세설명  RAM MAPPING 32 X 4 LCD CONTROLLER FOR I/O UC
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ETC2 [List of Unclassifed Manufacturers]
홈페이지  
Logo ETC2 - List of Unclassifed Manufacturers

SS1621BL-48LQFP 데이터시트(HTML) 1 Page - List of Unclassifed Manufacturers

  SS1621BL-48LQFP Datasheet HTML 1Page - List of Unclassifed Manufacturers SS1621BL-48LQFP Datasheet HTML 2Page - List of Unclassifed Manufacturers SS1621BL-48LQFP Datasheet HTML 3Page - List of Unclassifed Manufacturers SS1621BL-48LQFP Datasheet HTML 4Page - List of Unclassifed Manufacturers SS1621BL-48LQFP Datasheet HTML 5Page - List of Unclassifed Manufacturers SS1621BL-48LQFP Datasheet HTML 6Page - List of Unclassifed Manufacturers SS1621BL-48LQFP Datasheet HTML 7Page - List of Unclassifed Manufacturers SS1621BL-48LQFP Datasheet HTML 8Page - List of Unclassifed Manufacturers SS1621BL-48LQFP Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
p. 1
Last update: 2008-06-03 16:06
***********************************************************************************************************
General Descriptions
The SS1621 is a 128-pattern (32x4), memory mapping, and multi-function LCD driver. The
S/W configuration feature of the SS1621 makes it suitable for multiple LCD applications including
LCD modules and display subsystems. Only three or four lines are required for the interface be-
tween the host controller and the SS1621. The SS1621 contains a power down command to reduce
power consumption.
Features
Operating voltage: 2.4V~5.2V.
Built-in 256kHz RC oscillator.
External 32.768kHz crystal or 256kHz frequency source input.
Selection of 1/2 or 1/3 bias, and selection of 1/2 or 1/3 or 1/4 duty LCD applications.
Internal time base frequency sources.
Two selectable buzzer frequencies (2kHz/4kHz).
Built-in time base generator and WDT.
Time base or WDT overflow output.
Power down command reduces power Consumption.
8 kinds of time base/WDT clock sources.
32x4 LCD driver.
Built-in 32x4 bit display RAM.
3-wire serial interface.
Internal LCD driving frequency source.
Software configuration feature.
Data mode and command mode instructions.
R/W address auto increment.
Three data accessing modes.
VLCD pin for adjusting LCD operating voltage.
RAM Mapping 32 X 4 LCD Controller for I/O uC


유사한 부품 번호 - SS1621BL-48LQFP

제조업체부품명데이터시트상세설명
logo
Taiwan Semiconductor Co...
SS16 TSC-SS16 Datasheet
138Kb / 2P
   1.0AMP Surface Mount Schottky Barrier Rectifier
logo
Pan Jit International I...
SS16 PANJIT-SS16 Datasheet
66Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Galaxy Semi-Conductor H...
SS16 BILIN-SS16 Datasheet
163Kb / 3P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
Won-Top Electronics
SS16 WTE-SS16 Datasheet
45Kb / 4P
   1.0A SURFACE MOUNT SCHOTTKY BARRIER DIODE
logo
PACELEADER INDUSTRIAL
SS16 PACELEADER-SS16 Datasheet
550Kb / 2P
   1.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS -20V- 200V
More results

유사한 설명 - SS1621BL-48LQFP

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
ESC1621 ETC-ESC1621 Datasheet
56Kb / 7P
   RAM Mapping 32 X 4 LCD Controller for I/O uC
logo
Holtek Semiconductor In...
HT1620 HOLTEK-HT1620_11 Datasheet
146Kb / 16P
   RAM Mapping 324 LCD Controller for I/O MCU
HT1621 HOLTEK-HT1621_10 Datasheet
206Kb / 21P
   RAM Mapping 324 LCD Controller for I/O MCU
HT1620 HOLTEK-HT1620_09 Datasheet
135Kb / 16P
   RAM Mapping 324 LCD Controller for I/O MCU
HT1621 HOLTEK-HT1621_09 Datasheet
186Kb / 21P
   RAM Mapping 324 LCD Controller for I/O MCU
HT16220 HOLTEK-HT16220_09 Datasheet
145Kb / 15P
   RAM Mapping 328 LCD Controller for I/O MCU
HT1622 HOLTEK-HT1622_09 Datasheet
144Kb / 17P
   RAM Mapping 328 LCD Controller for I/O MCU
HT16220 HOLTEK-HT16220_04 Datasheet
140Kb / 13P
   RAM Mapping 328 LCD Controller for I/O MCU
HT1627 HOLTEK-HT1627 Datasheet
151Kb / 17P
   RAM Mapping 64x16 LCD Controller for I/O C
HT1621B HOLTEK-HT1621B Datasheet
179Kb / 20P
   RAM Mapping 32x4 LCD Controller for I/O MCU
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com