전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SS1621BL-48LQFP 데이터시트(PDF) 4 Page - List of Unclassifed Manufacturers

부품명 SS1621BL-48LQFP
상세설명  RAM MAPPING 32 X 4 LCD CONTROLLER FOR I/O UC
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ETC2 [List of Unclassifed Manufacturers]
홈페이지  
Logo ETC2 - List of Unclassifed Manufacturers

SS1621BL-48LQFP 데이터시트(HTML) 4 Page - List of Unclassifed Manufacturers

  SS1621BL-48LQFP Datasheet HTML 1Page - List of Unclassifed Manufacturers SS1621BL-48LQFP Datasheet HTML 2Page - List of Unclassifed Manufacturers SS1621BL-48LQFP Datasheet HTML 3Page - List of Unclassifed Manufacturers SS1621BL-48LQFP Datasheet HTML 4Page - List of Unclassifed Manufacturers SS1621BL-48LQFP Datasheet HTML 5Page - List of Unclassifed Manufacturers SS1621BL-48LQFP Datasheet HTML 6Page - List of Unclassifed Manufacturers SS1621BL-48LQFP Datasheet HTML 7Page - List of Unclassifed Manufacturers SS1621BL-48LQFP Datasheet HTML 8Page - List of Unclassifed Manufacturers SS1621BL-48LQFP Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
SS1621
p. 4
Last update: 2008-06-03 04:36
PIN Description
PIN Name
I/O
Function
CS
I
Chip selection input with pull-high resistor
When the
CS is logic high, the data and command read from or written
to the SS1621 are disabled. The serial interface circuit is also reset. But
if
CS is at logic low level and is input to the CS pad, the data and com-
mand transmission between the host controller and the SS1621 are all
enabled.
RD
I
READ clock input with pull-high resistor
Data in the RAM of the SS1621 are clocked out on the falling edge of
the RD signal. The clocked out data will appear on the DATA line. The
host controller can use the next rising edge to latch the clocked out data.
WR
I
WRITE clock input with pull-high resistor
Data on the DATA line are latched into the SS1621 on the rising edge of
the WR signal.
DATA
I/O
Serial data input/output with pull-high resistor
GND
Negative power supply, ground
OSCO
O
OSCI
I
The OSCI and OSCO pads are connected to a 32.768kHz crystal in order
to generate a system clock. If the system clock comes from an external
clock source, the external clock source should be connected to the OSCI
pad. But if and on-chip RC oscillator is selected instead, the OSCI and
OSCO pads can be left open.
VLCD
I
LCD power input
VDD
Positive power supply
IRQ
O
Time base or WDT overflow flag, NMOS open drain output
BZ, BZ
O
2kHz or 4kHz tone frequency output pair
COM0~COM3
O
LCD common outputs
SEG0~SEG31
O
LCD segment outputs


유사한 부품 번호 - SS1621BL-48LQFP

제조업체부품명데이터시트상세설명
logo
Pan Jit International I...
SS16 PANJIT-SS16 Datasheet
66Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Galaxy Semi-Conductor H...
SS16 BILIN-SS16 Datasheet
163Kb / 3P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
Taiwan Semiconductor Co...
SS16 TSC-SS16 Datasheet
138Kb / 2P
   1.0AMP Surface Mount Schottky Barrier Rectifier
logo
Won-Top Electronics
SS16 WTE-SS16 Datasheet
45Kb / 4P
   1.0A SURFACE MOUNT SCHOTTKY BARRIER DIODE
logo
PACELEADER INDUSTRIAL
SS16 PACELEADER-SS16 Datasheet
550Kb / 2P
   1.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS -20V- 200V
More results

유사한 설명 - SS1621BL-48LQFP

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
ESC1621 ETC-ESC1621 Datasheet
56Kb / 7P
   RAM Mapping 32 X 4 LCD Controller for I/O uC
logo
Holtek Semiconductor In...
HT1620 HOLTEK-HT1620_11 Datasheet
146Kb / 16P
   RAM Mapping 324 LCD Controller for I/O MCU
HT1621 HOLTEK-HT1621_10 Datasheet
206Kb / 21P
   RAM Mapping 324 LCD Controller for I/O MCU
HT1620 HOLTEK-HT1620_09 Datasheet
135Kb / 16P
   RAM Mapping 324 LCD Controller for I/O MCU
HT1621 HOLTEK-HT1621_09 Datasheet
186Kb / 21P
   RAM Mapping 324 LCD Controller for I/O MCU
HT16220 HOLTEK-HT16220_09 Datasheet
145Kb / 15P
   RAM Mapping 328 LCD Controller for I/O MCU
HT1622 HOLTEK-HT1622_09 Datasheet
144Kb / 17P
   RAM Mapping 328 LCD Controller for I/O MCU
HT16220 HOLTEK-HT16220_04 Datasheet
140Kb / 13P
   RAM Mapping 328 LCD Controller for I/O MCU
HT1627 HOLTEK-HT1627 Datasheet
151Kb / 17P
   RAM Mapping 64x16 LCD Controller for I/O C
HT1621B HOLTEK-HT1621B Datasheet
179Kb / 20P
   RAM Mapping 32x4 LCD Controller for I/O MCU
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com