전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LD29150XX 데이터시트(PDF) 5 Page - STMicroelectronics

부품명 LD29150XX
상세설명  1.5 A, very low drop voltage regulators
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LD29150XX 데이터시트(HTML) 5 Page - STMicroelectronics

  LD29150XX Datasheet HTML 1Page - STMicroelectronics LD29150XX Datasheet HTML 2Page - STMicroelectronics LD29150XX Datasheet HTML 3Page - STMicroelectronics LD29150XX Datasheet HTML 4Page - STMicroelectronics LD29150XX Datasheet HTML 5Page - STMicroelectronics LD29150XX Datasheet HTML 6Page - STMicroelectronics LD29150XX Datasheet HTML 7Page - STMicroelectronics LD29150XX Datasheet HTML 8Page - STMicroelectronics LD29150XX Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 21 page
background image
LD29150XXxx - LD29150xx
Typical application
5/21
3
Typical application
* Only for version with inhibit function.
Figure 4.
Application circuit
VO = VREF (1 + R1/R2)


유사한 부품 번호 - LD29150XX

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
LD29150XX STMICROELECTRONICS-LD29150XX Datasheet
517Kb / 22P
   1.5 A, very low drop voltage regulators
LD29150XX STMICROELECTRONICS-LD29150XX Datasheet
551Kb / 22P
   1.5 A, very low drop voltage regulators
LD29150XX18 STMICROELECTRONICS-LD29150XX18 Datasheet
517Kb / 22P
   1.5 A, very low drop voltage regulators
LD29150XX18 STMICROELECTRONICS-LD29150XX18 Datasheet
551Kb / 22P
   1.5 A, very low drop voltage regulators
LD29150XX25 STMICROELECTRONICS-LD29150XX25 Datasheet
517Kb / 22P
   1.5 A, very low drop voltage regulators
More results

유사한 설명 - LD29150XX

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
LD29150XX STMICROELECTRONICS-LD29150XX_10 Datasheet
517Kb / 22P
   1.5 A, very low drop voltage regulators
LD29150DT18R STMICROELECTRONICS-LD29150DT18R Datasheet
551Kb / 22P
   1.5 A, very low drop voltage regulators
LD29150PTR STMICROELECTRONICS-LD29150PTR Datasheet
551Kb / 22P
   1.5 A, very low drop voltage regulators
L4940 STMICROELECTRONICS-L4940 Datasheet
129Kb / 13P
   VERY LOW DROP 1.5 A REGULATORS
LD29300XX STMICROELECTRONICS-LD29300XX Datasheet
525Kb / 26P
   3 A, very low drop voltage regulators
L4705 STMICROELECTRONICS-L4705 Datasheet
113Kb / 3P
   VERY LOW DROP VOLTAGE REGULATORS
L4940XX STMICROELECTRONICS-L4940XX Datasheet
1Mb / 23P
   Very low drop 1.5 A regulator
LD29150 STMICROELECTRONICS-LD29150 Datasheet
446Kb / 17P
   1.5A, VERY LOW DROP VOLTAGE REGULATORS
LD29300 STMICROELECTRONICS-LD29300 Datasheet
530Kb / 17P
   3A, VERY LOW DROP VOLTAGE REGULATORS
logo
Sames
LD29300 SAMES-LD29300_07 Datasheet
508Kb / 26P
   3A, Very low drop voltage regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com