전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LM3S8730-IQN50-A0T 데이터시트(PDF) 41 Page - List of Unclassifed Manufacturers

부품명 LM3S8730-IQN50-A0T
상세설명  Microcontroller
Download  502 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ETC2 [List of Unclassifed Manufacturers]
홈페이지  
Logo ETC2 - List of Unclassifed Manufacturers

LM3S8730-IQN50-A0T 데이터시트(HTML) 41 Page - List of Unclassifed Manufacturers

Back Button LM3S8730-IQN50-A0T Datasheet HTML 37Page - List of Unclassifed Manufacturers LM3S8730-IQN50-A0T Datasheet HTML 38Page - List of Unclassifed Manufacturers LM3S8730-IQN50-A0T Datasheet HTML 39Page - List of Unclassifed Manufacturers LM3S8730-IQN50-A0T Datasheet HTML 40Page - List of Unclassifed Manufacturers LM3S8730-IQN50-A0T Datasheet HTML 41Page - List of Unclassifed Manufacturers LM3S8730-IQN50-A0T Datasheet HTML 42Page - List of Unclassifed Manufacturers LM3S8730-IQN50-A0T Datasheet HTML 43Page - List of Unclassifed Manufacturers LM3S8730-IQN50-A0T Datasheet HTML 44Page - List of Unclassifed Manufacturers LM3S8730-IQN50-A0T Datasheet HTML 45Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 502 page
background image
4
Interrupts
The ARM Cortex-M3 processor and the Nested Vectored Interrupt Controller (NVIC) prioritize and
handle all exceptions. All exceptions are handled in Handler Mode. The processor state is
automatically stored to the stack on an exception, and automatically restored from the stack at the
end of the Interrupt Service Routine (ISR). The vector is fetched in parallel to the state saving, which
enables efficient interrupt entry. The processor supports tail-chaining, which enables back-to-back
interrupts to be performed without the overhead of state saving and restoration.
Table 4-1 on page 41 lists all the exceptions. Software can set eight priority levels on seven of these
exceptions (system handlers) as well as on 25 interrupts (listed in Table 4-2 on page 42).
Priorities on the system handlers are set with the NVIC System Handler Priority registers. Interrupts
are enabled through the NVIC Interrupt Set Enable register and prioritized with the NVIC Interrupt
Priority registers. You can also group priorities by splitting priority levels into pre-emption priorities
and subpriorities. All the interrupt registers are described in Chapter 8, “Nested Vectored Interrupt
Controller” in the ARM® Cortex™-M3 Technical Reference Manual.
Internally, the highest user-settable priority (0) is treated as fourth priority, after a Reset, NMI, and
a Hard Fault. Note that 0 is the default priority for all the settable priorities.
If you assign the same priority level to two or more interrupts, their hardware priority (the lower the
position number) determines the order in which the processor activates them. For example, if both
GPIO Port A and GPIO Port B are priority level 1, then GPIO Port A has higher priority.
See Chapter 5, “Exceptions” and Chapter 8, “Nested Vectored Interrupt Controller” in the ARM®
Cortex™-M3 Technical Reference Manual for more information on exceptions and interrupts.
Note:
In Table 4-2 on page 42 interrupts not listed are reserved.
Table 4-1. Exception Types
Description
Priority
a
Position
Exception Type
Stack top is loaded from first entry of vector table on reset.
-
0
-
Invoked on power up and warm reset. On first instruction, drops to lowest
priority (and then is called the base level of activation). This is
asynchronous.
-3 (highest)
1
Reset
Cannot be stopped or preempted by any exception but reset. This is
asynchronous.
An NMI is only producible by software, using the NVIC Interrupt Control
State register.
-2
2
Non-Maskable
Interrupt (NMI)
All classes of Fault, when the fault cannot activate due to priority or the
configurable fault handler has been disabled. This is synchronous.
-1
3
Hard Fault
MPU mismatch, including access violation and no match. This is
synchronous.
The priority of this exception can be changed.
settable
4
Memory Management
Pre-fetch fault, memory access fault, and other address/memory related
faults. This is synchronous when precise and asynchronous when
imprecise.
You can enable or disable this fault.
settable
5
Bus Fault
Usage fault, such as undefined instruction executed or illegal state
transition attempt. This is synchronous.
settable
6
Usage Fault
Reserved.
-
7-10
-
System service call with SVC instruction. This is synchronous.
settable
11
SVCall
41
September 02, 2007
Preliminary
LM3S8730 Microcontroller


유사한 부품 번호 - LM3S8730-IQN50-A0T

제조업체부품명데이터시트상세설명
logo
Texas Instruments
LM3S8730-IQN50-A2 TI-LM3S8730-IQN50-A2 Datasheet
4Mb / 551P
[Old version datasheet]   Stellaris짰 LM3S8730 Microcontroller
LM3S8730-IQN50-A2T TI-LM3S8730-IQN50-A2T Datasheet
4Mb / 551P
[Old version datasheet]   Stellaris짰 LM3S8730 Microcontroller
More results

유사한 설명 - LM3S8730-IQN50-A0T

제조업체부품명데이터시트상세설명
logo
Advanced Micro Devices
ELANSC520 AMD-ELANSC520 Datasheet
6Mb / 440P
   Microcontroller
logo
Texas Instruments
LM3S9B92-IQC80-C5 TI1-LM3S9B92-IQC80-C5 Datasheet
273Kb / 3P
[Old version datasheet]   Microcontroller
LM4F112C4QC TI1-LM4F112C4QC Datasheet
5Mb / 1189P
[Old version datasheet]   Microcontroller
logo
Bookham, Inc.
LM3S818 BOOKHAM-LM3S818 Datasheet
2Mb / 395P
   Microcontroller
logo
List of Unclassifed Man...
LM3S2965 ETC2-LM3S2965 Datasheet
5Mb / 542P
   Microcontroller
LM3S1960 ETC2-LM3S1960 Datasheet
4Mb / 492P
   Microcontroller
LM3S6916 ETC2-LM3S6916 Datasheet
5Mb / 535P
   Microcontroller
LM3S817 ETC2-LM3S817 Datasheet
2Mb / 379P
   Microcontroller
LM3S801 ETC2-LM3S801 Datasheet
2Mb / 397P
   Microcontroller
LM3S617 ETC2-LM3S617 Datasheet
2Mb / 379P
   Microcontroller
LM3S612 ETC2-LM3S612 Datasheet
2Mb / 419P
   Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com