전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LM3S8730-IQN20-A2T 데이터시트(PDF) 71 Page - List of Unclassifed Manufacturers

부품명 LM3S8730-IQN20-A2T
상세설명  Microcontroller
Download  502 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ETC2 [List of Unclassifed Manufacturers]
홈페이지  
Logo ETC2 - List of Unclassifed Manufacturers

LM3S8730-IQN20-A2T 데이터시트(HTML) 71 Page - List of Unclassifed Manufacturers

Back Button LM3S8730-IQN20-A2T Datasheet HTML 67Page - List of Unclassifed Manufacturers LM3S8730-IQN20-A2T Datasheet HTML 68Page - List of Unclassifed Manufacturers LM3S8730-IQN20-A2T Datasheet HTML 69Page - List of Unclassifed Manufacturers LM3S8730-IQN20-A2T Datasheet HTML 70Page - List of Unclassifed Manufacturers LM3S8730-IQN20-A2T Datasheet HTML 71Page - List of Unclassifed Manufacturers LM3S8730-IQN20-A2T Datasheet HTML 72Page - List of Unclassifed Manufacturers LM3S8730-IQN20-A2T Datasheet HTML 73Page - List of Unclassifed Manufacturers LM3S8730-IQN20-A2T Datasheet HTML 74Page - List of Unclassifed Manufacturers LM3S8730-IQN20-A2T Datasheet HTML 75Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 502 page
background image
Description
Reset
Type
Name
Bit/Field
System Clock Divisor
Specifies which divisor is used to generate the system clock from the
PLL output.
The PLL VCO frequency is 400 MHz.
Frequency (BYPASS=0)
Divisor (BYPASS=1)
Value
reserved
reserved
0x0
reserved
/2
0x1
reserved
/3
0x2
50 MHz
/4
0x3
40 MHz
/5
0x4
33.33 MHz
/6
0x5
28.57 MHz
/7
0x6
25 MHz
/8
0x7
22.22 MHz
/9
0x8
20 MHz
/10
0x9
18.18 MHz
/11
0xA
16.67 MHz
/12
0xB
15.38 MHz
/13
0xC
14.29 MHz
/14
0xD
13.33 MHz
/15
0xE
12.5 MHz (default)
/16
0xF
When reading the Run-Mode Clock Configuration (RCC) register (see
page 70), the SYSDIV value is MINSYSDIV if a lower divider was
requested and the PLL is being used. This lower value is allowed to
divide a non-PLL source.
0xF
R/W
SYSDIV
26:23
Enable System Clock Divider
Use the system clock divider as the source for the system clock. The
system clock divider is forced to be used when the PLL is selected as
the source.
0
R/W
USESYSDIV
22
Software should not rely on the value of a reserved bit. To provide
compatibility with future products, the value of a reserved bit should be
preserved across a read-modify-write operation.
0
RO
reserved
21:14
PLL Power Down
This bit connects to the PLL PWRDN input. The reset value of 1 powers
down the PLL.
1
R/W
PWRDN
13
Software should not rely on the value of a reserved bit. To provide
compatibility with future products, the value of a reserved bit should be
preserved across a read-modify-write operation.
1
RO
reserved
12
PLL Bypass
Chooses whether the system clock is derived from the PLL output or
the OSC source. If set, the clock that drives the system is the OSC
source. Otherwise, the clock that drives the system is the PLL output
clock divided by the system divider.
1
R/W
BYPASS
11
71
September 02, 2007
Preliminary
LM3S8730 Microcontroller


유사한 부품 번호 - LM3S8730-IQN20-A2T

제조업체부품명데이터시트상세설명
logo
Texas Instruments
LM3S8730-IQN20-A2T TI-LM3S8730-IQN20-A2T Datasheet
4Mb / 551P
[Old version datasheet]   Stellaris짰 LM3S8730 Microcontroller
More results

유사한 설명 - LM3S8730-IQN20-A2T

제조업체부품명데이터시트상세설명
logo
Advanced Micro Devices
ELANSC520 AMD-ELANSC520 Datasheet
6Mb / 440P
   Microcontroller
logo
Texas Instruments
LM3S9B92-IQC80-C5 TI1-LM3S9B92-IQC80-C5 Datasheet
273Kb / 3P
[Old version datasheet]   Microcontroller
LM4F112C4QC TI1-LM4F112C4QC Datasheet
5Mb / 1189P
[Old version datasheet]   Microcontroller
logo
Bookham, Inc.
LM3S818 BOOKHAM-LM3S818 Datasheet
2Mb / 395P
   Microcontroller
logo
List of Unclassifed Man...
LM3S2965 ETC2-LM3S2965 Datasheet
5Mb / 542P
   Microcontroller
LM3S1960 ETC2-LM3S1960 Datasheet
4Mb / 492P
   Microcontroller
LM3S6916 ETC2-LM3S6916 Datasheet
5Mb / 535P
   Microcontroller
LM3S817 ETC2-LM3S817 Datasheet
2Mb / 379P
   Microcontroller
LM3S801 ETC2-LM3S801 Datasheet
2Mb / 397P
   Microcontroller
LM3S617 ETC2-LM3S617 Datasheet
2Mb / 379P
   Microcontroller
LM3S612 ETC2-LM3S612 Datasheet
2Mb / 419P
   Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com