전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LM3S317-IRN50-A0T 데이터시트(PDF) 20 Page - List of Unclassifed Manufacturers

부품명 LM3S317-IRN50-A0T
상세설명  Microcontroller
Download  379 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ETC2 [List of Unclassifed Manufacturers]
홈페이지  
Logo ETC2 - List of Unclassifed Manufacturers

LM3S317-IRN50-A0T 데이터시트(HTML) 20 Page - List of Unclassifed Manufacturers

Back Button LM3S317-IRN50-A0T Datasheet HTML 16Page - List of Unclassifed Manufacturers LM3S317-IRN50-A0T Datasheet HTML 17Page - List of Unclassifed Manufacturers LM3S317-IRN50-A0T Datasheet HTML 18Page - List of Unclassifed Manufacturers LM3S317-IRN50-A0T Datasheet HTML 19Page - List of Unclassifed Manufacturers LM3S317-IRN50-A0T Datasheet HTML 20Page - List of Unclassifed Manufacturers LM3S317-IRN50-A0T Datasheet HTML 21Page - List of Unclassifed Manufacturers LM3S317-IRN50-A0T Datasheet HTML 22Page - List of Unclassifed Manufacturers LM3S317-IRN50-A0T Datasheet HTML 23Page - List of Unclassifed Manufacturers LM3S317-IRN50-A0T Datasheet HTML 24Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 379 page
background image
Architectural Overview
20
May 4, 2007
Preliminary
1
Architectural Overview
The Luminary Micro Stellaris® family of microcontrollers—the first ARM® Cortex™-M3 based
controllers—brings high-performance 32-bit computing to cost-sensitive embedded microcontroller
applications. These pioneering parts deliver customers 32-bit performance at a cost equivalent to
legacy 8- and 16-bit devices, all in a package with a small footprint.
The LM3S317 controller in the Stellaris family offers the advantages of ARM’s widely available
development tools, System-on-Chip (SoC) infrastructure IP applications, and a large user
community. Additionally, the controller uses ARM’s Thumb®-compatible Thumb-2 instruction set to
reduce memory requirements and, thereby, cost.
Luminary Micro offers a complete solution to get to market quickly, with a customer development
board, white papers and application notes, and a strong support, sales, and distributor network.
1.1
Product Features
The LM3S317 microcontroller includes the following product features:
32-Bit RISC Performance
32-bit ARM® Cortex™-M3 v7M architecture optimized for small-footprint embedded
applications
System timer (SysTick) provides a simple, 24-bit clear-on-write, decrementing,
wrap-on-zero counter with a flexible control mechanism
Thumb®-compatible Thumb-2-only instruction set processor core for high code density
25-MHz operation
Hardware-division and single-cycle-multiplication
Integrated Nested Vectored Interrupt Controller (NVIC) providing deterministic interrupt
handling
25 interrupts with eight priority levels
Memory protection unit (MPU) provides a privileged mode for protected operating system
functionality
Unaligned data access, enabling data to be efficiently packed into memory
Atomic bit manipulation (bit-banding) delivers maximum memory utilization and
streamlined peripheral control
Internal Memory
16-KB single-cycle flash
• User-managed flash block protection on a 2-KB block basis
• User-managed flash data programming
• User-defined and managed flash-protection block
4-KB single-cycle SRAM
General-Purpose Timers
Three timers, each of which can be configured: as a single 32-bit timer, as two 16-bit
timers, or to initiate an ADC event
32-bit Timer modes:
• Programmable one-shot timer


유사한 부품 번호 - LM3S317-IRN50-A0T

제조업체부품명데이터시트상세설명
logo
Texas Instruments
LM3S317-IQN25-C2 TI1-LM3S317-IQN25-C2 Datasheet
4Mb / 551P
[Old version datasheet]   Stellaris Microcontroller
LM3S317-IQN25-C2T TI1-LM3S317-IQN25-C2T Datasheet
4Mb / 551P
[Old version datasheet]   Stellaris Microcontroller
More results

유사한 설명 - LM3S317-IRN50-A0T

제조업체부품명데이터시트상세설명
logo
Advanced Micro Devices
ELANSC520 AMD-ELANSC520 Datasheet
6Mb / 440P
   Microcontroller
logo
Texas Instruments
LM3S9B92-IQC80-C5 TI1-LM3S9B92-IQC80-C5 Datasheet
273Kb / 3P
[Old version datasheet]   Microcontroller
LM4F112C4QC TI1-LM4F112C4QC Datasheet
5Mb / 1189P
[Old version datasheet]   Microcontroller
logo
Bookham, Inc.
LM3S818 BOOKHAM-LM3S818 Datasheet
2Mb / 395P
   Microcontroller
logo
List of Unclassifed Man...
LM3S2965 ETC2-LM3S2965 Datasheet
5Mb / 542P
   Microcontroller
LM3S1960 ETC2-LM3S1960 Datasheet
4Mb / 492P
   Microcontroller
LM3S6916 ETC2-LM3S6916 Datasheet
5Mb / 535P
   Microcontroller
LM3S817 ETC2-LM3S817 Datasheet
2Mb / 379P
   Microcontroller
LM3S801 ETC2-LM3S801 Datasheet
2Mb / 397P
   Microcontroller
LM3S617 ETC2-LM3S617 Datasheet
2Mb / 379P
   Microcontroller
LM3S612 ETC2-LM3S612 Datasheet
2Mb / 419P
   Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com