전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LM3S317-IRN50-A0T 데이터시트(PDF) 85 Page - List of Unclassifed Manufacturers

부품명 LM3S317-IRN50-A0T
상세설명  Microcontroller
Download  379 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ETC2 [List of Unclassifed Manufacturers]
홈페이지  
Logo ETC2 - List of Unclassifed Manufacturers

LM3S317-IRN50-A0T 데이터시트(HTML) 85 Page - List of Unclassifed Manufacturers

Back Button LM3S317-IRN50-A0T Datasheet HTML 81Page - List of Unclassifed Manufacturers LM3S317-IRN50-A0T Datasheet HTML 82Page - List of Unclassifed Manufacturers LM3S317-IRN50-A0T Datasheet HTML 83Page - List of Unclassifed Manufacturers LM3S317-IRN50-A0T Datasheet HTML 84Page - List of Unclassifed Manufacturers LM3S317-IRN50-A0T Datasheet HTML 85Page - List of Unclassifed Manufacturers LM3S317-IRN50-A0T Datasheet HTML 86Page - List of Unclassifed Manufacturers LM3S317-IRN50-A0T Datasheet HTML 87Page - List of Unclassifed Manufacturers LM3S317-IRN50-A0T Datasheet HTML 88Page - List of Unclassifed Manufacturers LM3S317-IRN50-A0T Datasheet HTML 89Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 379 page
background image
LM3S317 Data Sheet
May 4, 2007
85
Preliminary
19:17
PWMDIV
R/W
0x7
PWM Unit Clock Divisor
This field specifies the binary divisor used to predivide the
system clock down for use as the timing reference for the
PWM module. This clock is only power 2 divide and rising
edge is synchronous without phase shift from the system
clock.
16:14
reserved
RO
0
Reserved bits return an indeterminate value, and should
never be changed.
13
PWRDN
R/W
1
PLL Power Down
This bit connects to the PLL PWRDN input. The reset value
of 1 powers down the PLL. See Table 6-4 on page 87 for
PLL mode control.
12
OEN
R/W
1
PLL Output Enable
This bit specifies whether the PLL output driver is enabled.
If cleared, the driver transmits the PLL clock to the output.
Otherwise, the PLL clock does not oscillate outside the PLL
module.
Note:
Both PWRDN and OEN must be cleared to run the
PLL.
11
BYPASS
R/W
1
PLL Bypass
Chooses whether the system clock is derived from the PLL
output or the OSC source. If set, the clock that drives the
system is the OSC source. Otherwise, the clock that drives
the system is the PLL output clock divided by the system
divider.
Note:
The ADC module must be clocked from the PLL or
directly from a 14-MHz to an 18-MHz clock source
in order to operate properly.
Bit/Field
Name
Type
Reset
Description
Value
Divisor
000
/2
001
/4
010
/8
011
/16
100
/32
101
/64
110
/64
111
/64 (default)


유사한 부품 번호 - LM3S317-IRN50-A0T

제조업체부품명데이터시트상세설명
logo
Texas Instruments
LM3S317-IQN25-C2 TI1-LM3S317-IQN25-C2 Datasheet
4Mb / 551P
[Old version datasheet]   Stellaris Microcontroller
LM3S317-IQN25-C2T TI1-LM3S317-IQN25-C2T Datasheet
4Mb / 551P
[Old version datasheet]   Stellaris Microcontroller
More results

유사한 설명 - LM3S317-IRN50-A0T

제조업체부품명데이터시트상세설명
logo
Advanced Micro Devices
ELANSC520 AMD-ELANSC520 Datasheet
6Mb / 440P
   Microcontroller
logo
Texas Instruments
LM3S9B92-IQC80-C5 TI1-LM3S9B92-IQC80-C5 Datasheet
273Kb / 3P
[Old version datasheet]   Microcontroller
LM4F112C4QC TI1-LM4F112C4QC Datasheet
5Mb / 1189P
[Old version datasheet]   Microcontroller
logo
Bookham, Inc.
LM3S818 BOOKHAM-LM3S818 Datasheet
2Mb / 395P
   Microcontroller
logo
List of Unclassifed Man...
LM3S2965 ETC2-LM3S2965 Datasheet
5Mb / 542P
   Microcontroller
LM3S1960 ETC2-LM3S1960 Datasheet
4Mb / 492P
   Microcontroller
LM3S6916 ETC2-LM3S6916 Datasheet
5Mb / 535P
   Microcontroller
LM3S817 ETC2-LM3S817 Datasheet
2Mb / 379P
   Microcontroller
LM3S801 ETC2-LM3S801 Datasheet
2Mb / 397P
   Microcontroller
LM3S617 ETC2-LM3S617 Datasheet
2Mb / 379P
   Microcontroller
LM3S612 ETC2-LM3S612 Datasheet
2Mb / 419P
   Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com