전자부품 데이터시트 검색엔진 |
|
CXZ49FFA06000H0QSWZZ 데이터시트(PDF) 4 Page - Kyocera Kinseki Corpotation |
|
CXZ49FFA06000H0QSWZZ 데이터시트(HTML) 4 Page - Kyocera Kinseki Corpotation |
4 / 27 page Features • Reference frequency for telecommunication systems • Reflow compatible • Using ceramic package resulting in high reliability • Small and low profile Applications • Mobile Communications, Bluetooth, Wireless LAN Specifications Table1 Motional Series Resistances Dimensions (Unit : mm) Recommended Land Pattern (Unit : mm) Table2 Level of Drive 3.6 1.3 1.3 3.20.1 1.2 CONNECTION (TOP VIEW) GND HOT HOT GND 4-R0.2 #4 #3 #1 #2 #1 #2 #4 #3 #4 #3 #1 #2 1.0 1.0 Items Symbol Specification Units Remarks f_nom OT f_tol f_tem R1 DL CL T_use T_stg 12000 to 54000 Fundamental 10 15 Table 1 Table 2 8 30 to 85 40 to 85 kHz –––– 10-6 10-6 ohm W pF °C °C @ 25°C ref.@ 25°C Over Operating Temp. Range How to Order ② ① ③ ⑦ ⑥ ⑤ ④ ①Code ②Typical Frequencies ③Load Capacitance ④Frequency Stability ⑤Operating Temperature Range ⑥Frequency Temperature Stability ⑦Special *Please inquire about frequencies other than the above. CX3225SB 26000 D0 F L J ZZ 8pF 1010-6 30°C to 85°C 1510-6 D0 F L J ZZ Custom Specification Code Freq.(kHz) Code Freq.(kHz) 12000 13000 13560 16000 19200 12000.000 13000.000 13560.000 16000.000 19200.000 20000 26000 32000 38400 40000 20000.000 26000.000 32000.000 38400.000 40000.000 Frequency Range Motional Series Resistance Units ohm 300 200 100 50 12000 to 13999kHz 14000 to 15999kHz 16000 to 26999kHz 27000 to 54000kHz Frequency Range Level of Drive Units 12000 to 54000kHz 10 (100 max.) W Frequency Range Overtone Order Frequency Tolerance Frequency Temp. Characteristics Motional Series Resistance Level of Drive Load Capacitance Operating Temp. Range Storage Temp. Range * Please inqurie about specifications other than the above. Pb Free RoHS Compliant 3.2×2.5mm for Mobile Communications, SRWI Crystal Units Surface Mount Type CX3225SB (CX-101F) - 37 - |
유사한 설명 - CXZ49FFA06000H0QSWZZ |