전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LM3S8730-IQC20-A1 데이터시트(PDF) 39 Page - List of Unclassifed Manufacturers

부품명 LM3S8730-IQC20-A1
상세설명  Microcontroller
Download  502 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ETC2 [List of Unclassifed Manufacturers]
홈페이지  
Logo ETC2 - List of Unclassifed Manufacturers

LM3S8730-IQC20-A1 데이터시트(HTML) 39 Page - List of Unclassifed Manufacturers

Back Button LM3S8730-IQC20-A1 Datasheet HTML 35Page - List of Unclassifed Manufacturers LM3S8730-IQC20-A1 Datasheet HTML 36Page - List of Unclassifed Manufacturers LM3S8730-IQC20-A1 Datasheet HTML 37Page - List of Unclassifed Manufacturers LM3S8730-IQC20-A1 Datasheet HTML 38Page - List of Unclassifed Manufacturers LM3S8730-IQC20-A1 Datasheet HTML 39Page - List of Unclassifed Manufacturers LM3S8730-IQC20-A1 Datasheet HTML 40Page - List of Unclassifed Manufacturers LM3S8730-IQC20-A1 Datasheet HTML 41Page - List of Unclassifed Manufacturers LM3S8730-IQC20-A1 Datasheet HTML 42Page - List of Unclassifed Manufacturers LM3S8730-IQC20-A1 Datasheet HTML 43Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 502 page
background image
3
Memory Map
The memory map for the LM3S8730 controller is provided in Table 3-1 on page 39.
In this manual, register addresses are given as a hexadecimal increment, relative to the module’s
base address as shown in the memory map. See also Chapter 4, “Memory Map” in the ARM®
Cortex™-M3 Technical Reference Manual.
Important: In Table 3-1 on page 39, addresses not listed are reserved.
Table 3-1. Memory Map
a
For details on
registers, see
page ...
Description
End
Start
Memory
134
On-chip flash
b
0x0001.FFFF
0x0000.0000
134
Bit-banded on-chip SRAM
c
0x2000.FFFF
0x2000.0000
-
Reserved non-bit-banded SRAM space
0x21FF.FFFF
0x2010.0000
130
Bit-band alias of 0x2000.0000 through 0x200F.FFFF
0x23FF.FFFF
0x2200.0000
-
Reserved non-bit-banded SRAM space
0x3FFF.FFFF
0x2400.0000
FiRM Peripherals
232
Watchdog timer
0x4000.0FFF
0x4000.0000
159
GPIO Port A
0x4000.4FFF
0x4000.4000
159
GPIO Port B
0x4000.5FFF
0x4000.5000
159
GPIO Port C
0x4000.6FFF
0x4000.6000
159
GPIO Port D
0x4000.7FFF
0x4000.7000
305
SSI0
0x4000.8FFF
0x4000.8000
260
UART0
0x4000.CFFF
0x4000.C000
260
UART1
0x4000.DFFF
0x4000.D000
Peripherals
344
I2C Master 0
0x4002.07FF
0x4002.0000
357
I2C Slave 0
0x4002.0FFF
0x4002.0800
159
GPIO Port E
0x4002.4FFF
0x4002.4000
159
GPIO Port F
0x4002.5FFF
0x4002.5000
159
GPIO Port G
0x4002.6FFF
0x4002.6000
205
Timer0
0x4003.0FFF
0x4003.0000
205
Timer1
0x4003.1FFF
0x4003.1000
205
Timer2
0x4003.2FFF
0x4003.2000
205
Timer3
0x4003.3FFF
0x4003.3000
379
CAN0 Controller
0x4004.0FFF
0x4004.0000
415
Ethernet Controller
0x4004.8FFF
0x4004.8000
117
Hibernation Module
0x400F.CFFF
0x400F.C000
134
Flash control
0x400F.DFFF
0x400F.D000
61
System control
0x400F.EFFF
0x400F.E000
-
Bit-banded alias of 0x4000.0000 through 0x400F.FFFF
0x43FF.FFFF
0x4200.0000
39
September 02, 2007
Preliminary
LM3S8730 Microcontroller


유사한 부품 번호 - LM3S8730-IQC20-A1

제조업체부품명데이터시트상세설명
logo
Texas Instruments
LM3S8730-IQC20-A2 TI-LM3S8730-IQC20-A2 Datasheet
4Mb / 551P
[Old version datasheet]   Stellaris짰 LM3S8730 Microcontroller
LM3S8730-IQC20-A2T TI-LM3S8730-IQC20-A2T Datasheet
4Mb / 551P
[Old version datasheet]   Stellaris짰 LM3S8730 Microcontroller
More results

유사한 설명 - LM3S8730-IQC20-A1

제조업체부품명데이터시트상세설명
logo
Advanced Micro Devices
ELANSC520 AMD-ELANSC520 Datasheet
6Mb / 440P
   Microcontroller
logo
Texas Instruments
LM3S9B92-IQC80-C5 TI1-LM3S9B92-IQC80-C5 Datasheet
273Kb / 3P
[Old version datasheet]   Microcontroller
LM4F112C4QC TI1-LM4F112C4QC Datasheet
5Mb / 1189P
[Old version datasheet]   Microcontroller
logo
Bookham, Inc.
LM3S818 BOOKHAM-LM3S818 Datasheet
2Mb / 395P
   Microcontroller
logo
List of Unclassifed Man...
LM3S2965 ETC2-LM3S2965 Datasheet
5Mb / 542P
   Microcontroller
LM3S1960 ETC2-LM3S1960 Datasheet
4Mb / 492P
   Microcontroller
LM3S6916 ETC2-LM3S6916 Datasheet
5Mb / 535P
   Microcontroller
LM3S817 ETC2-LM3S817 Datasheet
2Mb / 379P
   Microcontroller
LM3S801 ETC2-LM3S801 Datasheet
2Mb / 397P
   Microcontroller
LM3S617 ETC2-LM3S617 Datasheet
2Mb / 379P
   Microcontroller
LM3S612 ETC2-LM3S612 Datasheet
2Mb / 419P
   Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com