전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LM3S8730-IQN25-A1 데이터시트(PDF) 29 Page - List of Unclassifed Manufacturers

부품명 LM3S8730-IQN25-A1
상세설명  Microcontroller
Download  502 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ETC2 [List of Unclassifed Manufacturers]
홈페이지  
Logo ETC2 - List of Unclassifed Manufacturers

LM3S8730-IQN25-A1 데이터시트(HTML) 29 Page - List of Unclassifed Manufacturers

Back Button LM3S8730-IQN25-A1 Datasheet HTML 25Page - List of Unclassifed Manufacturers LM3S8730-IQN25-A1 Datasheet HTML 26Page - List of Unclassifed Manufacturers LM3S8730-IQN25-A1 Datasheet HTML 27Page - List of Unclassifed Manufacturers LM3S8730-IQN25-A1 Datasheet HTML 28Page - List of Unclassifed Manufacturers LM3S8730-IQN25-A1 Datasheet HTML 29Page - List of Unclassifed Manufacturers LM3S8730-IQN25-A1 Datasheet HTML 30Page - List of Unclassifed Manufacturers LM3S8730-IQN25-A1 Datasheet HTML 31Page - List of Unclassifed Manufacturers LM3S8730-IQN25-A1 Datasheet HTML 32Page - List of Unclassifed Manufacturers LM3S8730-IQN25-A1 Datasheet HTML 33Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 502 page
background image
1.4.3.3
I
2C (see page 331)
The Inter-Integrated Circuit (I
2C) bus provides bi-directional data transfer through a two-wire design
(a serial data line SDA and a serial clock line SCL).
The I
2C bus interfaces to external I2C devices such as serial memory (RAMs and ROMs), networking
devices, LCDs, tone generators, and so on. The I
2C bus may also be used for system testing and
diagnostic purposes in product development and manufacture.
The LM3S8730 controller includes one I
2C module that provides the ability to communicate to other
IC devices over an I
2C bus. The I2C bus supports devices that can both transmit and receive (write
and read) data.
Devices on the I
2C bus can be designated as either a master or a slave. The I2C module supports
both sending and receiving data as either a master or a slave, and also supports the simultaneous
operation as both a master and a slave. The four I
2C modes are: Master Transmit, Master Receive,
Slave Transmit, and Slave Receive.
A Stellaris
® I2C module can operate at two speeds: Standard (100 Kbps) and Fast (400 Kbps).
Both the I
2C master and slave can generate interrupts. The I2C master generates interrupts when
a transmit or receive operation completes (or aborts due to an error). The I
2C slave generates
interrupts when data has been sent or requested by a master.
1.4.3.4
Controller Area Network (see page 366)
Controller Area Network (CAN) is a multicast shared serial-bus standard for connecting electronic
control units (ECUs). CAN was specifically designed to be robust in electromagnetically noisy
environments and can utilize a differential balanced line like RS-485 or a more robust twisted-pair
wire. Originally created for automotive purposes, now it is used in many embedded control
applications (for example, industrial or medical). Bit rates up to 1Mb/s are possible at network lengths
below 40 meters. Decreased bit rates allow longer network distances (for example, 125 Kb/s at
500m).
A transmitter sends a message to all CAN nodes (broadcasting). Each node decides on the basis
of the identifier received whether it should process the message. The identifier also determines the
priority that the message enjoys in competition for bus access. Each CAN message can transmit
from 0 to 8 bytes of user information. The LM3S8730 includes one CAN units.
1.4.3.5
Ethernet Controller (see page 407)
Ethernet is a frame-based computer networking technology for local area networks (LANs). Ethernet
has been standardized as IEEE 802.3. It defines a number of wiring and signaling standards for the
physical layer, two means of network access at the Media Access Control (MAC)/Data Link Layer,
and a common addressing format.
The Stellaris® Ethernet Controller consists of a fully integrated media access controller (MAC) and
network physical (PHY) interface device. The Ethernet Controller conforms to IEEE 802.3
specifications and fully supports 10BASE-T and 100BASE-TX standards. In addition, the Ethernet
Controller supports automatic MDI/MDI-X cross-over correction.
1.4.4
System Peripherals
1.4.4.1
Programmable GPIOs (see page 154)
General-purpose input/output (GPIO) pins offer flexibility for a variety of connections.
29
September 02, 2007
Preliminary
LM3S8730 Microcontroller


유사한 부품 번호 - LM3S8730-IQN25-A1

제조업체부품명데이터시트상세설명
logo
Texas Instruments
LM3S8730-IQN25-A2 TI-LM3S8730-IQN25-A2 Datasheet
4Mb / 551P
[Old version datasheet]   Stellaris짰 LM3S8730 Microcontroller
LM3S8730-IQN25-A2T TI-LM3S8730-IQN25-A2T Datasheet
4Mb / 551P
[Old version datasheet]   Stellaris짰 LM3S8730 Microcontroller
More results

유사한 설명 - LM3S8730-IQN25-A1

제조업체부품명데이터시트상세설명
logo
Advanced Micro Devices
ELANSC520 AMD-ELANSC520 Datasheet
6Mb / 440P
   Microcontroller
logo
Texas Instruments
LM3S9B92-IQC80-C5 TI1-LM3S9B92-IQC80-C5 Datasheet
273Kb / 3P
[Old version datasheet]   Microcontroller
LM4F112C4QC TI1-LM4F112C4QC Datasheet
5Mb / 1189P
[Old version datasheet]   Microcontroller
logo
Bookham, Inc.
LM3S818 BOOKHAM-LM3S818 Datasheet
2Mb / 395P
   Microcontroller
logo
List of Unclassifed Man...
LM3S2965 ETC2-LM3S2965 Datasheet
5Mb / 542P
   Microcontroller
LM3S1960 ETC2-LM3S1960 Datasheet
4Mb / 492P
   Microcontroller
LM3S6916 ETC2-LM3S6916 Datasheet
5Mb / 535P
   Microcontroller
LM3S817 ETC2-LM3S817 Datasheet
2Mb / 379P
   Microcontroller
LM3S801 ETC2-LM3S801 Datasheet
2Mb / 397P
   Microcontroller
LM3S617 ETC2-LM3S617 Datasheet
2Mb / 379P
   Microcontroller
LM3S612 ETC2-LM3S612 Datasheet
2Mb / 419P
   Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com