전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LM3S8730-IQN20-A0 데이터시트(PDF) 72 Page - List of Unclassifed Manufacturers

부품명 LM3S8730-IQN20-A0
상세설명  Microcontroller
Download  502 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ETC2 [List of Unclassifed Manufacturers]
홈페이지  
Logo ETC2 - List of Unclassifed Manufacturers

LM3S8730-IQN20-A0 데이터시트(HTML) 72 Page - List of Unclassifed Manufacturers

Back Button LM3S8730-IQN20-A0 Datasheet HTML 68Page - List of Unclassifed Manufacturers LM3S8730-IQN20-A0 Datasheet HTML 69Page - List of Unclassifed Manufacturers LM3S8730-IQN20-A0 Datasheet HTML 70Page - List of Unclassifed Manufacturers LM3S8730-IQN20-A0 Datasheet HTML 71Page - List of Unclassifed Manufacturers LM3S8730-IQN20-A0 Datasheet HTML 72Page - List of Unclassifed Manufacturers LM3S8730-IQN20-A0 Datasheet HTML 73Page - List of Unclassifed Manufacturers LM3S8730-IQN20-A0 Datasheet HTML 74Page - List of Unclassifed Manufacturers LM3S8730-IQN20-A0 Datasheet HTML 75Page - List of Unclassifed Manufacturers LM3S8730-IQN20-A0 Datasheet HTML 76Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 502 page
background image
Description
Reset
Type
Name
Bit/Field
Software should not rely on the value of a reserved bit. To provide
compatibility with future products, the value of a reserved bit should be
preserved across a read-modify-write operation.
0
RO
reserved
10
Crystal Value
This field specifies the crystal value attached to the main oscillator. The
encoding for this field is provided below.
Crystal Frequency (MHz) Using
the PLL
Crystal Frequency (MHz) Not
Using the PLL
Value
reserved
1.000
0x0
reserved
1.8432
0x1
reserved
2.000
0x2
reserved
2.4576
0x3
3.579545 MHz
0x4
3.6864 MHz
0x5
4 MHz
0x6
4.096 MHz
0x7
4.9152 MHz
0x8
5 MHz
0x9
5.12 MHz
0xA
6 MHz (reset value)
0xB
6.144 MHz
0xC
7.3728 MHz
0xD
8 MHz
0xE
8.192 MHz
0xF
0xB
R/W
XTAL
9:6
Oscillator Source
Picks among the four input sources for the OSC. The values are:
Input Source
Value
Main oscillator (default)
0x0
Internal oscillator (default)
0x1
Internal oscillator / 4 (this is necessary if used as input to PLL)
0x2
reserved
0x3
0x1
R/W
OSCSRC
5:4
Software should not rely on the value of a reserved bit. To provide
compatibility with future products, the value of a reserved bit should be
preserved across a read-modify-write operation.
0x0
RO
reserved
3:2
Internal Oscillator Disable
0: Internal oscillator (IOSC) is enabled.
1: Internal oscillator is disabled.
0
R/W
IOSCDIS
1
September 02, 2007
72
Preliminary
System Control


유사한 부품 번호 - LM3S8730-IQN20-A0

제조업체부품명데이터시트상세설명
logo
Texas Instruments
LM3S8730-IQN20-A2 TI-LM3S8730-IQN20-A2 Datasheet
4Mb / 551P
[Old version datasheet]   Stellaris짰 LM3S8730 Microcontroller
LM3S8730-IQN20-A2T TI-LM3S8730-IQN20-A2T Datasheet
4Mb / 551P
[Old version datasheet]   Stellaris짰 LM3S8730 Microcontroller
More results

유사한 설명 - LM3S8730-IQN20-A0

제조업체부품명데이터시트상세설명
logo
Advanced Micro Devices
ELANSC520 AMD-ELANSC520 Datasheet
6Mb / 440P
   Microcontroller
logo
Texas Instruments
LM3S9B92-IQC80-C5 TI1-LM3S9B92-IQC80-C5 Datasheet
273Kb / 3P
[Old version datasheet]   Microcontroller
LM4F112C4QC TI1-LM4F112C4QC Datasheet
5Mb / 1189P
[Old version datasheet]   Microcontroller
logo
Bookham, Inc.
LM3S818 BOOKHAM-LM3S818 Datasheet
2Mb / 395P
   Microcontroller
logo
List of Unclassifed Man...
LM3S2965 ETC2-LM3S2965 Datasheet
5Mb / 542P
   Microcontroller
LM3S1960 ETC2-LM3S1960 Datasheet
4Mb / 492P
   Microcontroller
LM3S6916 ETC2-LM3S6916 Datasheet
5Mb / 535P
   Microcontroller
LM3S817 ETC2-LM3S817 Datasheet
2Mb / 379P
   Microcontroller
LM3S801 ETC2-LM3S801 Datasheet
2Mb / 397P
   Microcontroller
LM3S617 ETC2-LM3S617 Datasheet
2Mb / 379P
   Microcontroller
LM3S612 ETC2-LM3S612 Datasheet
2Mb / 419P
   Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com