63 / 502 page
Description
Reset
Type
Name
Bit/Field
Major Revision
This field specifies the major revision number of the device. The major
revision reflects changes to base layers of the design. The major revision
number is indicated in the part number as a letter (A for first revision, B
for second, and so on). This field is encoded as follows:
Description
Value
Revision A (initial device)
0x0
Revision B (first base layer revision)
0x1
Revision C (second base layer revision)
0x2
and so on.
-
RO
MAJOR
15:8
Minor Revision
This field specifies the minor revision number of the device. The minor
revision reflects changes to the metal layers of the design. The MINOR
field value is reset when the MAJOR field is changed. This field is numeric
and is encoded as follows:
Description
Value
Initial device, or a major revision update.
0x0
First metal layer change.
0x1
Second metal layer change.
0x2
and so on.
-
RO
MINOR
7:0
63
September 02, 2007
Preliminary
LM3S8730 Microcontroller