전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LM3S8730-IQC50-A0 데이터시트(PDF) 26 Page - List of Unclassifed Manufacturers

부품명 LM3S8730-IQC50-A0
상세설명  Microcontroller
Download  502 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ETC2 [List of Unclassifed Manufacturers]
홈페이지  
Logo ETC2 - List of Unclassifed Manufacturers

LM3S8730-IQC50-A0 데이터시트(HTML) 26 Page - List of Unclassifed Manufacturers

Back Button LM3S8730-IQC50-A0 Datasheet HTML 22Page - List of Unclassifed Manufacturers LM3S8730-IQC50-A0 Datasheet HTML 23Page - List of Unclassifed Manufacturers LM3S8730-IQC50-A0 Datasheet HTML 24Page - List of Unclassifed Manufacturers LM3S8730-IQC50-A0 Datasheet HTML 25Page - List of Unclassifed Manufacturers LM3S8730-IQC50-A0 Datasheet HTML 26Page - List of Unclassifed Manufacturers LM3S8730-IQC50-A0 Datasheet HTML 27Page - List of Unclassifed Manufacturers LM3S8730-IQC50-A0 Datasheet HTML 28Page - List of Unclassifed Manufacturers LM3S8730-IQC50-A0 Datasheet HTML 29Page - List of Unclassifed Manufacturers LM3S8730-IQC50-A0 Datasheet HTML 30Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 502 page
background image
Figure 1-1. Stellaris® Fury-class Family High-Level Block Diagram
LDO Voltage
Regulator
3 Analog
Comparators
10-bit ADC
8 channel
1 Msps
Temp Sensor
Clocks, Reset
System Control
4 Timer/PWM/CCP
Each 32-bit or 2x16-bit
Watchdog Timer
GPIOs
Battery-Backed
Hibernate
R
T
C
Systick Timer
64 KB SRAM
256 KB Flash
2 Quadrature
Encoder Inputs
6 PWM Outputs
Dead-Band
Generator
Comparators
PWM
Generator
PWM
Interrupt
Timer
3 UARTs
2 SSI/SPI
10/100 Ethernet
MAC + PHY
2 CAN
2 I
2C
ARM®
Cortex-M3
50 MHz
JTAG
NVIC
SWD
32
32
1.4
Functional Overview
The following sections provide an overview of the features of the LM3S8730 microcontroller. The
page number in parenthesis indicates where that feature is discussed in detail. Ordering and support
information can be found in “Ordering and Contact Information” on page 502.
September 02, 2007
26
Preliminary
Architectural Overview


유사한 부품 번호 - LM3S8730-IQC50-A0

제조업체부품명데이터시트상세설명
logo
Texas Instruments
LM3S8730-IQC50-A2 TI-LM3S8730-IQC50-A2 Datasheet
4Mb / 551P
[Old version datasheet]   Stellaris짰 LM3S8730 Microcontroller
LM3S8730-IQC50-A2T TI-LM3S8730-IQC50-A2T Datasheet
4Mb / 551P
[Old version datasheet]   Stellaris짰 LM3S8730 Microcontroller
More results

유사한 설명 - LM3S8730-IQC50-A0

제조업체부품명데이터시트상세설명
logo
Advanced Micro Devices
ELANSC520 AMD-ELANSC520 Datasheet
6Mb / 440P
   Microcontroller
logo
Texas Instruments
LM3S9B92-IQC80-C5 TI1-LM3S9B92-IQC80-C5 Datasheet
273Kb / 3P
[Old version datasheet]   Microcontroller
LM4F112C4QC TI1-LM4F112C4QC Datasheet
5Mb / 1189P
[Old version datasheet]   Microcontroller
logo
Bookham, Inc.
LM3S818 BOOKHAM-LM3S818 Datasheet
2Mb / 395P
   Microcontroller
logo
List of Unclassifed Man...
LM3S2965 ETC2-LM3S2965 Datasheet
5Mb / 542P
   Microcontroller
LM3S1960 ETC2-LM3S1960 Datasheet
4Mb / 492P
   Microcontroller
LM3S6916 ETC2-LM3S6916 Datasheet
5Mb / 535P
   Microcontroller
LM3S817 ETC2-LM3S817 Datasheet
2Mb / 379P
   Microcontroller
LM3S801 ETC2-LM3S801 Datasheet
2Mb / 397P
   Microcontroller
LM3S617 ETC2-LM3S617 Datasheet
2Mb / 379P
   Microcontroller
LM3S612 ETC2-LM3S612 Datasheet
2Mb / 419P
   Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com